Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVM6435 Datasheet(PDF) 9 Page - Semtech Corporation

Part # EVM6435
Description  Per-Pin Electronics Companion DAC
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

EVM6435 Datasheet(HTML) 9 Page - Semtech Corporation

Back Button EVM6435 Datasheet HTML 5Page - Semtech Corporation EVM6435 Datasheet HTML 6Page - Semtech Corporation EVM6435 Datasheet HTML 7Page - Semtech Corporation EVM6435 Datasheet HTML 8Page - Semtech Corporation EVM6435 Datasheet HTML 9Page - Semtech Corporation EVM6435 Datasheet HTML 10Page - Semtech Corporation EVM6435 Datasheet HTML 11Page - Semtech Corporation EVM6435 Datasheet HTML 12Page - Semtech Corporation EVM6435 Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
9
TEST AND MEASUREMENT PRODUCTS
 2006 Semtech Corp. / Rev. 3, 8/25/06
Edge6435/6436
www.semtech.com
Circuit Description (continued)
Current Output DACs (Groups C, D)
Group C DACs
The output current of each Group C Current DAC is a
function of an external resistor value (R_IGAIN_C), a
reference voltage level (VREF), contents of digital offset
and gain registers, and the input code (DATA). The general
equation that describes the output current as a function
of these variables is presented below as Equation 5:
Equation 5.
where:
IOUT_C is the output current of the Group C Current
DAC
VREF is an externally applied 2.5V reference voltage
R_IGAIN_C is the value of an external resistor that
sets the output current range for Group C DACs
(60.97K
Ω ≤ R_IGAIN_C ≤ 250KΩ)
CODE is the base-10 value of the binary code (DATA)
loaded into the DAC shift register (see Figures 4 and
5) after it has been modified by the contents of the
digitally programmable offset and gain calibraiotn
registers as shown in Figure 2.
Group D DACs
The output current of each group D DAC is a function of
an external resistor value (R_IGAIN_D), a reference voltage
level (VREF) and the input code (DATA). The general
equation that describes the output current as a function
of these variables is presented below as Equation 6:
Equation 6.
where:
IOUT_D is the output current of the Group D DAC
VREF is an externally applied 2.5V reference voltage
IOUT_C =
CODE
*
8192
50 x VREF
R_IGAIN_C
IOUT_D =
DATA
*
64
50 x VREF
R_IGAIN_D
R_IGAIN_D is the value of an external resistor that
sets the output current range for Group D DACs
(78.12K
Ω ≤ R_IGAIN_D ≤ 156.25KΩ)
DATA is the base-10 value of the binary code loaded
into the DAC shift register (see Figures 4 and 5).
Functional Description
Figure 1 provides a Functional Block Diagram. Figures 2
and 3 show details of the data latches and logic for the
DACs. The Edge6435/6436 features a serial data input
to program a channel or set of channel’s DACs and
functions.
The Edge6435/6436 also features self-
calibrating DAC outputs via internal offset and gain
registers (Figure 2).
Figures 4 and 5 show the format of the Serial Input Data
for 4 pin channel and 8 pin channel formats.
Figure 6 shows the Serial Data Programming Sequence
Tables 3 and 4 provide the Address Maps for 4 pin channel
and 8 pin channel formats.
FORMAT
FORMAT Low selects the 4 pin channel format.
FORMAT High selects the 8 pin channel format.


Similar Part No. - EVM6435

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
EVM646ATF SEMTECH-EVM646ATF Datasheet
135Kb / 13P
   Pin Electronics Driver, Window Comparator, and Switch Matrix
EVM646ATF SEMTECH-EVM646ATF Datasheet
140Kb / 14P
   Pin Electronics Driver, Window Comparator, and Switch Matrix
EVM647ATF SEMTECH-EVM647ATF Datasheet
137Kb / 13P
   Pin Electronics Driver, Window Comparator, and Switch Matrix
EVM647ATF SEMTECH-EVM647ATF Datasheet
96Kb / 13P
   Pin Electronics Driver, Window Comparator, and Switch Matrix
EVM649APJ SEMTECH-EVM649APJ Datasheet
150Kb / 16P
   Octal Pin Electronics Driver/Receiver
More results

Similar Description - EVM6435

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
EDGE6420 SEMTECH-EDGE6420 Datasheet
241Kb / 29P
   Per-Pin Electronics Companion DAC
logo
Intersil Corporation
ISL55162 INTERSIL-ISL55162 Datasheet
335Kb / 2P
   SOC Dual Channel 300MHz Pin Electronics/DAC/PMU/Deskew
logo
Semtech Corporation
EDGE211 SEMTECH-EDGE211 Datasheet
83Kb / 12P
   Dual Pin Electronics Driver
E737 SEMTECH-E737 Datasheet
470Kb / 18P
   Per-Pin Precision Measurement Unit
EDGE737 SEMTECH-EDGE737 Datasheet
137Kb / 19P
   Per-Pin Precision Measurement Unit
EDGE819 SEMTECH-EDGE819 Datasheet
84Kb / 10P
   Octal, 18V Pin Electronics Driver
E749BPJ SEMTECH-E749BPJ Datasheet
104Kb / 14P
   Octal Pin Electronics Driver/Receiver
EDGE749 SEMTECH-EDGE749 Datasheet
104Kb / 14P
   Octal Pin Electronics Driver/Receiver
EDGE749 SEMTECH-EDGE749_02 Datasheet
152Kb / 15P
   Octal Pin Electronics Driver/Receiver
E649BPJ SEMTECH-E649BPJ Datasheet
100Kb / 14P
   Octal Pin Electronics Driver/Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com