Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E7802ALPT Datasheet(PDF) 7 Page - Semtech Corporation

Part # E7802ALPT
Description  Low Cost, Dual-Channel, 15V Pin Electronics Driver/Window Comparator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

E7802ALPT Datasheet(HTML) 7 Page - Semtech Corporation

Back Button E7802ALPT Datasheet HTML 3Page - Semtech Corporation E7802ALPT Datasheet HTML 4Page - Semtech Corporation E7802ALPT Datasheet HTML 5Page - Semtech Corporation E7802ALPT Datasheet HTML 6Page - Semtech Corporation E7802ALPT Datasheet HTML 7Page - Semtech Corporation E7802ALPT Datasheet HTML 8Page - Semtech Corporation E7802ALPT Datasheet HTML 9Page - Semtech Corporation E7802ALPT Datasheet HTML 10Page - Semtech Corporation E7802ALPT Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
7
TEST AND MEASUREMENT PRODUCTS
© 2008 Semtech Corp. , Rev. 5, 3/7/08
E7802
www.semtech.com
Figure 3. Power Supply Protection Scheme
Warning: It is extremely important that the voltage on any
device pin does not exceed the range of VEE -0.5V or VCC
+0.5V at any time, either during power up, normal operation, or
during power down. Failure to adhere to this requirement could
result in latch-up of the device which could be destructive if the
system’s power supplies are capable of supplying large amounts
of current. Even if the device is not immediately destroyed, the
cumulative damage caused by the stress of repeated latchup
may affect device reliability.
Computing Maximum Power Comsumption
The power consumption of the E7802 increases with
increasing frequency and output voltage swing. The
diagram below shows the power consumption of the E7802
at a couple of different voltage swings across the frequency
range with both channels toggling.
VCC
VDD
GND
VEE
1N5820 or
Equivalent
Schottky
Diodes
Application Information
The three diode configuration shown in Figure 3 should be
used on a once-per-boad basis to help ensure that proper
supply polarities are maintained.
Power Supply Decoupling
VCC, VEE, and DVEE should be decoupled to GND with a .1
µF chip capacitor in parallel with a .00 µF chip capacitor
for best AC performance. A VCC, VEE, and DVEE plane, or
at least a solid power bus, is recommended for optimal
performance.
VH and VL Inputs
As the VH and VL inputs are unbuffered to the driver and
need to supply the output current which can be quite large
during edge transitions, bypass capacitors for these inputs
are needed to supply the transient currents in proportion
to the output current requirements (See Applications Note
PE-A1).
For applications where VH and VL are shared over multiple
channels, a solid power plane to distribute these levels with
local bypassing is recommended for best AC performance
.
Power Supply Sequencing/Latch-Up Protection
In order to avoid the possibility of latch-up when powering
this device up (or down), be careful that the conditions
listed in the Absolute Maximum Ratings are never violated.
The power supplies should never be in reverse-polarity with
respect to ground, and the input signals should never go
beyond the power supply rails.
Furthermore, the lower-voltage supplies should never be
greater than the higher-voltage supplies. This can easily
be implemented by utilizing the diode circuit depicted in
Figure 3 for each PCB utilizing the E7802. The following
conditions must be met at all times during power-up and
power-down:
1. VEE <= DVEE <= VDD <= VCC
2. VEE <= Analog Inputs <= VCC
3. GND <= Digital Inputs <= VDD
The following sequencing can be used as a guideline when
powering up:
1. VEE(substrate)
2. VCC
3. VDD
4. Digital Iputs
5. Analog Inputs
E7802 Power Dissipation vs. Frequency
(Open Transmission Line)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
10
20
30
40
50
Toggle Freq (MHz)
VCC=5.4V, VEE=-5V, DVEE=-3.6V, VDD=3.3V, 3V Swing
VCC=15V, VEE=-5V, DVEE=0V, VDD=3.3V, 3V Swing


Similar Part No. - E7802ALPT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
E7804 SEMTECH-E7804 Datasheet
692Kb / 41P
   133 MHZ Quad Pin Electronics Driver and Window Comparator
E7804BHFT SEMTECH-E7804BHFT Datasheet
692Kb / 41P
   133 MHZ Quad Pin Electronics Driver and Window Comparator
More results

Similar Description - E7802ALPT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
E818AHF SEMTECH-E818AHF Datasheet
87Kb / 12P
   Octal 18V Pin Electronics Driver/window Comparator
logo
Intersil Corporation
ISL55100A INTERSIL-ISL55100A Datasheet
497Kb / 14P
   Quad 18V Pin Electronics Driver/Window Comparator
ISL55100AIRZ INTERSIL-ISL55100AIRZ Datasheet
583Kb / 14P
   Quad 18V Pin Electronics Driver/Window Comparator
December 4, 2014
ISL55100BIRZ INTERSIL-ISL55100BIRZ Datasheet
535Kb / 14P
   Quad 18V Pin Electronics Driver/Window Comparator
December 4, 2014
logo
Renesas Technology Corp
ISL55100A RENESAS-ISL55100A Datasheet
886Kb / 14P
   Quad 18V Pin Electronics Driver/Window Comparator
ISL55100B RENESAS-ISL55100B Datasheet
853Kb / 14P
   Quad 18V Pin Electronics Driver/Window Comparator
logo
Intersil Corporation
ISL5100A INTERSIL-ISL5100A Datasheet
520Kb / 13P
   Quad 18V Pin Electronics Driver/Window Comparator
logo
Semtech Corporation
EDGE818 SEMTECH-EDGE818 Datasheet
126Kb / 15P
   Octal 18V Pin Electronics Driver/window Comparator
logo
Intersil Corporation
ISL55100B INTERSIL-ISL55100B Datasheet
462Kb / 14P
   Quad 18V Pin Electronics Driver/Window Comparator
logo
Semtech Corporation
EDGE7725 SEMTECH-EDGE7725 Datasheet
681Kb / 39P
   900 MHz Dual Pin Electronics Driver, Window Comparator, and Load
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com