Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVM7765AXF Datasheet(PDF) 11 Page - Semtech Corporation

Part # EVM7765AXF
Description  1.3 GHz Quad Pin Electronics Driver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

EVM7765AXF Datasheet(HTML) 11 Page - Semtech Corporation

Back Button EVM7765AXF Datasheet HTML 7Page - Semtech Corporation EVM7765AXF Datasheet HTML 8Page - Semtech Corporation EVM7765AXF Datasheet HTML 9Page - Semtech Corporation EVM7765AXF Datasheet HTML 10Page - Semtech Corporation EVM7765AXF Datasheet HTML 11Page - Semtech Corporation EVM7765AXF Datasheet HTML 12Page - Semtech Corporation EVM7765AXF Datasheet HTML 13Page - Semtech Corporation EVM7765AXF Datasheet HTML 14Page - Semtech Corporation EVM7765AXF Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11
TEST AND MEASUREMENT PRODUCTS
©
2006 Semtech Corp. , Rev. 11, 7/18/06
www.semtech.com
E7765
Package Information
1
11
1
14 x 1
4 x 1
4 x 1
4 x 1
4 x 14 x 1
4 x 1
4 x 1
4 x 1
4 x 1.4 mm, 80-Pin LQFP P
.4 mm, 80-Pin LQFP P
.4 mm, 80-Pin LQFP P
.4 mm, 80-Pin LQFP P
.4 mm, 80-Pin LQFP Pack
ack
ack
ack
ackage (Die Do
age (Die Do
age (Die Do
age (Die Do
age (Die Down)
wn)
wn)
wn)
wn)
(with Exposed Me
(with Exposed Me
(with Exposed Me
(with Exposed Me
(with Exposed Metal Heat Slug)
tal Heat Slug)
tal Heat Slug)
tal Heat Slug)
tal Heat Slug)
TTTTTop Vie
op Vie
op Vie
op Vie
op View
w
w
w
w
NOTES:
1)
All dimensions in mm.
2)
Dimensions shown are nominal
with tol. as indicated.
3)
L/F: EFTEC 64T copper or
equivalent, 0.127 mm (.005”) or
0.15 mm (.006”) THICK.
4)
Foot length “L” is measured at
gage plane at 0.25 above the
seating plane.
5)
Lead finish 85/15 Sn/Pb.
D
–A–
E
N
D1
E1
EXPOSED HEAT SLUG
9.65± .50 DIA.
HEAT SLUG INTRUSION
.0127 MAX.
1
–D–
–B–
DIMS.
TOL.
A
MAX
1.60
A1
.05 min/.15 max
A2
±.05
1.40
D
±.20
16.00
D1
±.05
14.00
E
±.20
16.00
E1
±.05
14.00
L
+.15/-.10
0.60
e
BASIC
0.65
b
±.05
0.30
θ
0° - 7°
ddd
MAX
0.13
ccc
MAX
0.10
A
L
A1
A2
θ
b
.25
–C–
LEAD COMPLANARITY
SEATING PLAN
STANDOFF
ddd M
C A–B S
D S
ccc
C


Similar Part No. - EVM7765AXF

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
EVM7725AXF SEMTECH-EVM7725AXF Datasheet
681Kb / 39P
   900 MHz Dual Pin Electronics Driver, Window Comparator, and Load
More results

Similar Description - EVM7765AXF

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL55100AIRZ INTERSIL-ISL55100AIRZ Datasheet
583Kb / 14P
   Quad 18V Pin Electronics Driver/Window Comparator
December 4, 2014
ISL55100BIRZ INTERSIL-ISL55100BIRZ Datasheet
535Kb / 14P
   Quad 18V Pin Electronics Driver/Window Comparator
December 4, 2014
logo
Renesas Technology Corp
ISL55100A RENESAS-ISL55100A Datasheet
886Kb / 14P
   Quad 18V Pin Electronics Driver/Window Comparator
ISL55100B RENESAS-ISL55100B Datasheet
853Kb / 14P
   Quad 18V Pin Electronics Driver/Window Comparator
logo
Intersil Corporation
ISL55100B INTERSIL-ISL55100B Datasheet
462Kb / 14P
   Quad 18V Pin Electronics Driver/Window Comparator
ISL55100A INTERSIL-ISL55100A Datasheet
497Kb / 14P
   Quad 18V Pin Electronics Driver/Window Comparator
ISL5100A INTERSIL-ISL5100A Datasheet
520Kb / 13P
   Quad 18V Pin Electronics Driver/Window Comparator
logo
Semtech Corporation
E7804 SEMTECH-E7804 Datasheet
692Kb / 41P
   133 MHZ Quad Pin Electronics Driver and Window Comparator
EDGE211 SEMTECH-EDGE211 Datasheet
83Kb / 12P
   Dual Pin Electronics Driver
EDGE819 SEMTECH-EDGE819 Datasheet
84Kb / 10P
   Octal, 18V Pin Electronics Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com