Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC01-6 Datasheet(PDF) 4 Page - Semtech Corporation

Part # LC01-6
Description  Low Capacitance TVS for High-Speed Telecommunication Systems
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LC01-6 Datasheet(HTML) 4 Page - Semtech Corporation

  LC01-6_04 Datasheet HTML 1Page - Semtech Corporation LC01-6_04 Datasheet HTML 2Page - Semtech Corporation LC01-6_04 Datasheet HTML 3Page - Semtech Corporation LC01-6_04 Datasheet HTML 4Page - Semtech Corporation LC01-6_04 Datasheet HTML 5Page - Semtech Corporation LC01-6_04 Datasheet HTML 6Page - Semtech Corporation LC01-6_04 Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
 2004 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
LC01-6
Device Connection Options for Protection of High-
Speed Data Lines
The LC01-6 is designed to protect high-speed data
lines from transient over-voltages which result from
lightning and ESD. The device is designed to protect
one line pair in differential (Line-to-Line) mode. Pins 1-
8 are connected to line 1 and pins 9-16 are connected
to line 2 as shown. All pins should be connected for
best results.
T1/E1 Linecard Protection
A typical long-haul T1/E1 linecard protection circuit is
shown below. The LC01-6 is connected between Tip
and Ring on the transmit and receive line pairs. It
provides protection to metallic (line-to-line) lightning
surges per Bellcore 1089 and FCC Part 68. Depending
on the application, a high voltage crowbar device (not
shown) such as a gas discharge tube (GDT) or TVS
Thyristor may be used to suppress common mode (line-
to-ground) surges. To complete the protection circuit,
the SRDA05-4 (or SRDA3.3-4 for 3.3V supplies) is
employed as the secondary IC side protection element.
This device helps prevent the transceiver from latching
up by providing fine clamping of transients that are
coupled through the transformer. Positive temperature
coefficient (PTC) resistors or fuses are also required for
AC power cross protection. For further information,
reference Semtech application note AN97-10.
Figure 2 - Connection for Differential Protection
(Line-to-Line)
Applications Information
Figure 1 - Schematic and Pin Configuration


Similar Part No. - LC01-6_04

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
LC01-6_041 SEMTECH-LC01-6_041 Datasheet
187Kb / 7P
   Low Capacitance TVS for High-Speed Telecommunication Systems
More results

Similar Description - LC01-6_04

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
LC01-6 SEMTECH-LC01-6 Datasheet
202Kb / 7P
   Low Capacitance TVS for High-Speed Telecommunication Systems
LC01-6_041 SEMTECH-LC01-6_041 Datasheet
187Kb / 7P
   Low Capacitance TVS for High-Speed Telecommunication Systems
RCLAMP0534N SEMTECH-RCLAMP0534N Datasheet
142Kb / 7P
   Low Capacitance TVS for High-Speed Interfaces
LC03-6 SEMTECH-LC03-6_08 Datasheet
285Kb / 11P
   Low Capacitance TVS for High-Speed Data Interfaces
logo
TECH PUBLIC Electronics...
LC03-6 TECHPUBLIC-LC03-6 Datasheet
2Mb / 5P
   Low Capacitance TVS for High-Speed Date interfaces
logo
Semtech Corporation
LC03-6 SEMTECH-LC03-6_13 Datasheet
288Kb / 11P
   Low Capacitance TVS for High-Speed Data Interfaces
SL05 SEMTECH-SL05_04 Datasheet
158Kb / 7P
   Low Capacitance TVS Diode For High Speed Data Interfaces
logo
Shanghai Leiditech Elec...
SRDA12-4 LEIDITECH-SRDA12-4 Datasheet
279Kb / 3P
   Low Capacitance TVS Diode Array For High Speed Interface
SRDA3.3-4 LEIDITECH-SRDA3.3-4_V01 Datasheet
278Kb / 3P
   Low Capacitance TVS Diode Array For High Speed Interface
logo
Littelfuse
SP03-6BTG LITTELFUSE-SP03-6BTG Datasheet
184Kb / 6P
   Low Capacitance TVS protection for high-speed data interfaces
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com