Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATR0610 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # ATR0610
Description  2.7-V GPS Low-noise Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0610 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button ATR0610_06 Datasheet HTML 7Page - ATMEL Corporation ATR0610_06 Datasheet HTML 8Page - ATMEL Corporation ATR0610_06 Datasheet HTML 9Page - ATMEL Corporation ATR0610_06 Datasheet HTML 10Page - ATMEL Corporation ATR0610_06 Datasheet HTML 11Page - ATMEL Corporation ATR0610_06 Datasheet HTML 12Page - ATMEL Corporation ATR0610_06 Datasheet HTML 13Page - ATMEL Corporation ATR0610_06 Datasheet HTML 14Page - ATMEL Corporation ATR0610_06 Datasheet HTML 15Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
4573H–GPS–11/06
ATR0610
Figure 7-1.
Layout of Application Board
7.
Bill of Materials of Application Board
Component Qty.
Value
Tolerance Voltage Material Manufacturer
Manufacturer
Order Code
Distributor
Distributor
Order Code
R5
1
1
5%
Vishay®
CRCW04021R0J
R7
1
1
5%
Vishay
CRCW04021R0J
C2(1)
11p2(2)
0.25 pF
25V
C0G
Murata®
GRM1555C1H1R2BZ01D
L1(1)
14n7(2)
5%
Würth®
Elektronik
744784047
C1(1)
18p2(2)
±0.1 pF
25V
C0G
Vishay
VJ0402A8R2CXX
C20
1
10µ
10%
Vishay
293D106X56R3A2.
C23
1
100n
20%
16V
Y5V
Vishay
VJ0402V104MXJ
P1, P2
2
142-0711-821
Johnson
Components
742-0711-821
RS
Components
363-4729
IC1
1
ATR0610
Atmel®
ATR0610
J2
1
JP2E
Molex®
90120-0762
RS
Components
360-6241
L5, L8
2
WE74476401
10%
Würth
Elektronik
74476401
C3, C5
2
NC
R1
1
NC
Notes:
1. L1, C1 and C2 are the only devices which are needed for final application. All other components are only used for the appli-
cation board shown in Figure 7-1.
2. Depending on the layout of the final application board other values are possible.


Similar Part No. - ATR0610_06

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR0610-PQQ ATMEL-ATR0610-PQQ Datasheet
466Kb / 13P
   2.7 V GPS LOW NOISE AMPLIFIER
More results

Similar Description - ATR0610_06

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR0610 ATMEL-ATR0610 Datasheet
466Kb / 13P
   2.7 V GPS LOW NOISE AMPLIFIER
logo
SJM Prewell. All Rights...
PLG01 SJM-PLG01 Datasheet
624Kb / 8P
   Low Noise Amplifier for GPS
logo
Maxim Integrated Produc...
MAX2659 MAXIM-MAX2659_09 Datasheet
241Kb / 6P
   GPS/GNSS Low-Noise Amplifier
Rev 2; 9/09
MAX2659_1108 MAXIM-MAX2659_1108 Datasheet
126Kb / 6P
   GPS/GNSS Low-Noise Amplifier
Rev 4; 8/11
MAX2659 MAXIM-MAX2659_V01 Datasheet
675Kb / 9P
   GPS/GNSS Low-Noise Amplifier
2021
MAX2659 MAXIM-MAX2659_11 Datasheet
125Kb / 6P
   GPS/GNSS Low-Noise Amplifier
Rev 3; 1/11
logo
SJM Prewell. All Rights...
PLG07 SJM-PLG07 Datasheet
424Kb / 8P
   Low Noise Amplifier for GPS
logo
Maxim Integrated Produc...
MAX2659 MAXIM-MAX2659 Datasheet
179Kb / 7P
   GPS/GNSS Low-Noise Amplifier
Rev 0; 4/07
logo
Skyworks Solutions Inc.
SKY65066-360LF SKYWORKS-SKY65066-360LF Datasheet
265Kb / 11P
   2.3-2.7 GHz Low Noise Amplifier
logo
California Eastern Labs
UPC8236T6N-A CEL-UPC8236T6N-A Datasheet
714Kb / 11P
   SiGe:C LOW NOISE AMPLIFIER FOR GPS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com