Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T0816M-TCQG Datasheet(PDF) 9 Page - ATMEL Corporation

Part # T0816M-TCQG
Description  3-channel Laser Driver with RF Oscillator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T0816M-TCQG Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button T0816M-TCQG Datasheet HTML 5Page - ATMEL Corporation T0816M-TCQG Datasheet HTML 6Page - ATMEL Corporation T0816M-TCQG Datasheet HTML 7Page - ATMEL Corporation T0816M-TCQG Datasheet HTML 8Page - ATMEL Corporation T0816M-TCQG Datasheet HTML 9Page - ATMEL Corporation T0816M-TCQG Datasheet HTML 10Page - ATMEL Corporation T0816M-TCQG Datasheet HTML 11Page - ATMEL Corporation T0816M-TCQG Datasheet HTML 12Page - ATMEL Corporation T0816M-TCQG Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
4505H–DVD–11/05
T0816
9.
Characteristic Curves
Figure 9-1.
Oscillator Frequency versus Resistor RF (RS = 7.5 k
Ω)
Figure 9-2.
Oscillator Swing versus Resistor RS (RF = 7.5 k
Ω)
Figure 9-3.
Oscillator Frequency Dependency of Swing
200.0
250.0
300.0
350.0
400.0
450.0
500.0
550.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
RF(K
Ω)
-10%
+10%
0
20
40
60
80
100
120
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
RS ( kOhm )
0
10
20
30
40
50
60
200.0
250.0
300.0
350.0
400.0
450.0
500.0
Frequency ( MHz )


Similar Part No. - T0816M-TCQG

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T0816M-TCQG ATMEL-T0816M-TCQG Datasheet
352Kb / 14P
   3 - CHANNEL LASER DRIVER WITH RF OSCILLATOR
More results

Similar Description - T0816M-TCQG

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T0816 ATMEL-T0816 Datasheet
352Kb / 14P
   3 - CHANNEL LASER DRIVER WITH RF OSCILLATOR
T0820 ATMEL-T0820 Datasheet
187Kb / 11P
   4 CHANNEL LASER DRIVER WITH RF OSCILLATOR
T0820 ATMEL-T0820_05 Datasheet
278Kb / 12P
   4-channel Laser Driver with RF Oscillator
T0806 ATMEL-T0806 Datasheet
241Kb / 7P
   3 CHANNEL LASER DRIVER WITH RF OSCILLATOR AND 2 OUTPUTS
T0806 ATMEL-T0806_05 Datasheet
282Kb / 8P
   3-channel Laser Driver with RF Oscillator and 2 Outputs
logo
Analog Devices
AD9662 AD-AD9662 Datasheet
65Kb / 2P
   3-Channel Laser Diode Driver with Oscillator
Rev. SpA
AD9662ARQZ AD-AD9662ARQZ Datasheet
265Kb / 16P
   3-Channel Laser Diode Driver with Oscillator
REV. C
AD9662 AD-AD9662_15 Datasheet
265Kb / 16P
   3-Channel Laser Diode Driver with Oscillator
REV. C
AD9662ARQZ AD-AD9662ARQZ Datasheet
265Kb / 16P
   3-Channel Laser Diode Driver with Oscillator
REV. C
logo
Intersil Corporation
EL6211 INTERSIL-EL6211 Datasheet
23Kb / 2P
   3-Channel Laser Diode Driver Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com