Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T2526 Datasheet(PDF) 9 Page - ATMEL Corporation

Part # T2526
Description  Low-voltage IR Receiver ASSP
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T2526 Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button T2526_06 Datasheet HTML 5Page - ATMEL Corporation T2526_06 Datasheet HTML 6Page - ATMEL Corporation T2526_06 Datasheet HTML 7Page - ATMEL Corporation T2526_06 Datasheet HTML 8Page - ATMEL Corporation T2526_06 Datasheet HTML 9Page - ATMEL Corporation T2526_06 Datasheet HTML 10Page - ATMEL Corporation T2526_06 Datasheet HTML 11Page - ATMEL Corporation T2526_06 Datasheet HTML 12Page - ATMEL Corporation T2526_06 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
4597G–AUTO–10/06
T2526
Figure 7-7.
Typical Bandpass Curve
Q = f/f
0/B; B => –3 dB values.
Example: Q = 1/(1.047 – 0.954) = 11
Figure 7-8.
Illustration of Used Terms
Example: f = 30 kHz, burst with 16 pulses, 16 periods
1.1
0.8
0.9
0.4
0.5
0.98
1.00
1.04
1.06
1.08
1.02
0.96
0.94
0.92
f/f0
0.6
0.7
1.0
V
S
= 3V
Bandwidth (-3 dB)
116
Envelope 16
t
Envelope 1
17056 µs/data word
Telegram pause
Data word
Data word
IN
OUT
OUT
533 µs
17 ms
33 µs
533 µs
t
DOFF
T
REF = 62 ms
t
DON
Burst (N = 16 pulses)
7
7
7
1066 µs
Period (P = 16)


Similar Part No. - T2526_06

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T2526S0xxC-DDW ATMEL-T2526S0xxC-DDW Datasheet
267Kb / 14P
   Low-voltage IR Receiver ASSP
T2526 ATMEL-T2526_09 Datasheet
267Kb / 14P
   Low-voltage IR Receiver ASSP
More results

Similar Description - T2526_06

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA2526 ATMEL-ATA2526 Datasheet
224Kb / 14P
   Low-voltage IR Receiver ASSP
T2526 ATMEL-T2526_09 Datasheet
267Kb / 14P
   Low-voltage IR Receiver ASSP
T2526 ATMEL-T2526_14 Datasheet
742Kb / 13P
   Low-voltage IR Receiver ASSP
ATA2526 ATMEL-ATA2526_09 Datasheet
262Kb / 14P
   Low-voltage IR Receiver ASSP
T2526 ATMEL-T2526 Datasheet
234Kb / 12P
   LOW-VOLTAGE IR RECEIVER ASSP
ATA2536T ATMEL-ATA2536T_14 Datasheet
729Kb / 14P
   Low-voltage IR Receiver ASSP
ATA2526 ATMEL-ATA2526_14 Datasheet
708Kb / 13P
   Low-voltage IR Receiver ASSP
T2525 ATMEL-T2525_14 Datasheet
602Kb / 11P
   IR Receiver ASSP
T2525 ATMEL-T2525 Datasheet
219Kb / 10P
   IR RECEIVER ASSP
T2525 ATMEL-T2525_06 Datasheet
199Kb / 12P
   IR Receiver ASSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com