Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCDA24.TBT Datasheet(PDF) 1 Page - Semtech Corporation

Part # LCDA24.TBT
Description  Low Capacitance TVS Diode Array For High-Speed Data Interfaces
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LCDA24.TBT Datasheet(HTML) 1 Page - Semtech Corporation

  LCDA24.TBT Datasheet HTML 1Page - Semtech Corporation LCDA24.TBT Datasheet HTML 2Page - Semtech Corporation LCDA24.TBT Datasheet HTML 3Page - Semtech Corporation LCDA24.TBT Datasheet HTML 4Page - Semtech Corporation LCDA24.TBT Datasheet HTML 5Page - Semtech Corporation LCDA24.TBT Datasheet HTML 6Page - Semtech Corporation LCDA24.TBT Datasheet HTML 7Page - Semtech Corporation LCDA24.TBT Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
www.semtech.com
PROTECTION PRODUCTS
LCDA05 through LCDA24
Low Capacitance TVS Diode Array
For High-Speed Data Interfaces
Transient protection for high-speed data lines to
IEC 61000-4-2 (ESD) ±15kV (air), ±8kV (contact)
IEC 61000-4-4 (EFT) 40A (5/50ns)
IEC 61000-4-5 (lightning) (8/20µs)*
Protects two I/O lines
Low capacitance for high-speed data lines
Working voltages: 5V, 12V, 15V and 24V
Low leakage current
Low operating and clamping voltages
Solid-state silicon avalanche technology
Description
Features
Circuit Diagram (Each Line Pair)
Schematic & PIN Configuration
Revision 08/15/2006
Applications
Mechanical Characteristics
SO-8 (Top View)
The LCDA series of TVS arrays are designed to protect
sensitive electronics from damage or latch-up due to
ESD and other voltage-induced transient events. Each
device will protect two high-speed lines. They are
available with operating voltages of 5V, 12V, 15V and
24V. They are bidirectional devices and may be used on
lines where the signal polarities are above and below
ground.
TVS diodes are solid-state devices designed specifically
for transient suppression. They offer desirable charac-
teristics for board level protection including fast re-
sponse time, low operating and clamping voltage and
no device degradation. The LCDA series devices
feature low capacitance compensation diodes in series
with standard TVS diodes to provide an integrated, low
capacitance solution for use on high-speed interfaces.
The LCDA series devices may be used to meet the
immunity requirements of IEC 61000-4-2, level 4.
JEDEC SO-8 package
Molding compound flammability rating: UL 94V-0
Marking : Part Number, Date Code
Packaging : Tape and Reel per EIA 481
High-Speed Data Lines
Microprocessor Based Equipment
Universal Serial Bus (USB) Port Protection
Notebooks, Desktops, and Servers
Instrumentation
LAN/WAN Equipment
Peripherals
1
2
3
45
6
7
8
Pin 1 and 2
Pin 7 and 8
*See Electrical Characteristics Tables for Ipp


Similar Part No. - LCDA24.TBT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
LCDA24 SEMTECH-LCDA24 Datasheet
171Kb / 7P
   Low Capacitance TVS Diode Array For High-Speed Data Interfaces?
logo
Sangdest Microelectroni...
LCDA24 SMC-LCDA24 Datasheet
151Kb / 4P
   ESD
logo
Shanghai Leiditech Elec...
LCDA24 LEIDITECH-LCDA24 Datasheet
280Kb / 3P
   Low Capacitance TVS Diode Array For High-Speed Data Interfaces
logo
Semtech Corporation
LCDA24C-1 SEMTECH-LCDA24C-1 Datasheet
152Kb / 6P
   Low Capacitance TVS Array
LCDA24C-1.TCT SEMTECH-LCDA24C-1.TCT Datasheet
152Kb / 6P
   Low Capacitance TVS Array
More results

Similar Description - LCDA24.TBT

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LCDA15C-4 LEIDITECH-LCDA15C-4 Datasheet
269Kb / 3P
   Low Capacitance TVS Diode Array For High-Speed Data Interfaces
LCDA12C-4 LEIDITECH-LCDA12C-4 Datasheet
269Kb / 3P
   Low Capacitance TVS Diode Array For High-Speed Data Interfaces
SM8LC03 LEIDITECH-SM8LC03 Datasheet
256Kb / 3P
   Low Capacitance TVS Diode Array For High-Speed Data Interfaces
LCDA12 LEIDITECH-LCDA12 Datasheet
268Kb / 3P
   Low Capacitance TVS Diode Array For High-Speed Data Interfaces
LCDA24 LEIDITECH-LCDA24 Datasheet
280Kb / 3P
   Low Capacitance TVS Diode Array For High-Speed Data Interfaces
LCDA24C-4 LEIDITECH-LCDA24C-4 Datasheet
269Kb / 3P
   Low Capacitance TVS Diode Array For High-Speed Data Interfaces
SM8LC24 LEIDITECH-SM8LC24 Datasheet
256Kb / 3P
   Low Capacitance TVS Diode Array For High-Speed Data Interfaces
logo
Semtech Corporation
LCDA05 SEMTECH-LCDA05 Datasheet
171Kb / 7P
   Low Capacitance TVS Diode Array For High-Speed Data Interfaces?
logo
Shanghai Leiditech Elec...
SM8LC05 LEIDITECH-SM8LC05 Datasheet
256Kb / 3P
   Low Capacitance TVS Diode Array For High-Speed Data Interfaces
SMDA08C LEIDITECH-SMDA08C Datasheet
712Kb / 4P
   Low Capacitance TVS Diode Array For High-Speed Data Interfaces
SM8LC15 LEIDITECH-SM8LC15 Datasheet
256Kb / 3P
   Low Capacitance TVS Diode Array For High-Speed Data Interfaces
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com