Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T2526 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # T2526
Description  Low-voltage IR Receiver ASSP
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T2526 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button T2526 Datasheet HTML 2Page - ATMEL Corporation T2526 Datasheet HTML 3Page - ATMEL Corporation T2526 Datasheet HTML 4Page - ATMEL Corporation T2526 Datasheet HTML 5Page - ATMEL Corporation T2526 Datasheet HTML 6Page - ATMEL Corporation T2526 Datasheet HTML 7Page - ATMEL Corporation T2526 Datasheet HTML 8Page - ATMEL Corporation T2526 Datasheet HTML 9Page - ATMEL Corporation T2526 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
4597G–AUTO–10/06
T2526
6.1
ESD
All pins
⇒2000V HBM; 200V MM, MIL-STD-883C, Method 3015.7
6.2
Reliability
Electrical qualification (1000h) in molded plastic package
7
Input
7.1
Input DC current
VIN = 0
See Figure 7-10 on page 10
5I
IN_DCMAX
–400
µA
C
7.2
Input DC-current
See Figure 7-4 on page
8
VIN = 0; Vs = 5V
T
amb = 25°C
5I
IN_DCMAX
–700
µA
B
7.3
Min. detection
threshold current
See Figure 7-2 on page
7
Test signal:
See Figure 7-9 on page 10
V
S = 5V
Tamb = 25°C
I
IN_DC = 1 µA
square pp
burst N = 16
f = f
0; tPER = 10 ms
Figure 7-8 on page 9
BER = 50(2)
3IEemin
–850
pA
B
7.4
Min. detection
threshold current with
AC current disturbance
IIN_AC100 = 3 µA at
100 Hz
3
IEemin
–2000
pA
C
7.5
Max. detection
threshold current with
V
IN > 0V
Test signal:
See Figure 7-9 on page 10
V
S = 5V, Tamb = 25° C IIN_DC =
1µA
square pp
burst N = 16
f = f0; tPER = 10 ms
Figure 7-8 on page 9
BER = 5%(2)
3
I
Eemax
–500
µA
D
8
Controlled Amplifier and Filter
8.1
Maximum value of
variable gain (CGA)
G
VARMAX
51
dB
D
8.2
Minimum value of
variable gain (CGA)
GVARMIN
–5
dB
D
8.3
Total internal
amplification(3)
GMAX
71
dB
D
8.4
Resulting center
frequency fusing
accuracy
f
0 fused at VS = 3V
VS = 5V, Tamb = 25°C
f05V
f
03V-FUSE
+ 0.5
%A
6.
Electrical Characteristics, 5-V Operation (Continued)
Tamb = 25°C, VS = 5V unless otherwise specified.
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
*) Type means: A =100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter
Notes:
1. Depending on version, see “Ordering Information”
2. BER = bit error rate; e.g., BER = 5% means that with P = 20 at the input pin 19...21 pulses can appear at the pin OUT
3. After transformation of input current into voltage


Similar Part No. - T2526

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T2526 ATMEL-T2526 Datasheet
234Kb / 12P
   LOW-VOLTAGE IR RECEIVER ASSP
T2526 ATMEL-T2526 Datasheet
267Kb / 14P
   Low-voltage IR Receiver ASSP
T2526S0xxC-DDW ATMEL-T2526S0xxC-DDW Datasheet
267Kb / 14P
   Low-voltage IR Receiver ASSP
T2526S1xxC-DDW ATMEL-T2526S1xxC-DDW Datasheet
267Kb / 14P
   Low-voltage IR Receiver ASSP
T2526S2xxC-DDW ATMEL-T2526S2xxC-DDW Datasheet
267Kb / 14P
   Low-voltage IR Receiver ASSP
More results

Similar Description - T2526

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA2526 ATMEL-ATA2526 Datasheet
224Kb / 14P
   Low-voltage IR Receiver ASSP
T2526 ATMEL-T2526_09 Datasheet
267Kb / 14P
   Low-voltage IR Receiver ASSP
T2526 ATMEL-T2526_14 Datasheet
742Kb / 13P
   Low-voltage IR Receiver ASSP
ATA2526 ATMEL-ATA2526_09 Datasheet
262Kb / 14P
   Low-voltage IR Receiver ASSP
T2526 ATMEL-T2526 Datasheet
234Kb / 12P
   LOW-VOLTAGE IR RECEIVER ASSP
ATA2536T ATMEL-ATA2536T_14 Datasheet
729Kb / 14P
   Low-voltage IR Receiver ASSP
ATA2526 ATMEL-ATA2526_14 Datasheet
708Kb / 13P
   Low-voltage IR Receiver ASSP
T2525 ATMEL-T2525_14 Datasheet
602Kb / 11P
   IR Receiver ASSP
T2525 ATMEL-T2525 Datasheet
219Kb / 10P
   IR RECEIVER ASSP
T2525 ATMEL-T2525_06 Datasheet
199Kb / 12P
   IR Receiver ASSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com