Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T6817-TKSY Datasheet(PDF) 9 Page - ATMEL Corporation

Part # T6817-TKSY
Description  Dual Triple DMOS Output Driver with Serial Input Control
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T6817-TKSY Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button T6817-TKSY Datasheet HTML 5Page - ATMEL Corporation T6817-TKSY Datasheet HTML 6Page - ATMEL Corporation T6817-TKSY Datasheet HTML 7Page - ATMEL Corporation T6817-TKSY Datasheet HTML 8Page - ATMEL Corporation T6817-TKSY Datasheet HTML 9Page - ATMEL Corporation T6817-TKSY Datasheet HTML 10Page - ATMEL Corporation T6817-TKSY Datasheet HTML 11Page - ATMEL Corporation T6817-TKSY Datasheet HTML 12Page - ATMEL Corporation T6817-TKSY Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
4670D–BCD–04/07
T6817
4
Thermal Prewarning and Shutdown
4.1
Thermal prewarning
TjPWset
125
145
165
°C
A
4.2
Thermal prewarning
TjPWreset
105
125
145
°C
A
4.3
Thermal prewarning
hysteresis
∆T
jPW
320
K
A
4.4
Thermal shutdown
T
j switch off
150
170
190
°C
A
4.5
Thermal shutdown
T
j switch on
130
150
170
°C
A
4.6
Thermal shutdown
hysteresis
∆T
j switch off
320
K
A
4.7
Ratio thermal
shutdown/thermal
prewarning
T
j switch off/
T
jPW set
1.05
1.17
A
4.8
Ratio thermal
shutdown/thermal
prewarning
Tj switch on/
T
jPW reset
1.05
1.2
A
5
Output Specification (LS1-LS6, HS1-HS6) 7.5V < VVS < VOV
5.1
On resistance
I
Out = 600 mA
8, 15,
17
R
DS OnL
1.5
A
5.2
On resistance
IOut = –600 mA
12, 14,
16
RDS OnH
2.0
A
5.3
Output clamping
voltage
I
LS1-3 = 50 mA
8, 15,
17
V
LS1-3
40
60
V
A
5.4
Output leakage
current
VLS1–3 = 40V
all output stages off
8, 15,
17
ILS1–3
10
µA
A
5.5
Output leakage
current
VHS1-3 = 0V
all output stages off
2, 3,
12, 13,
15, 28
IHS1–3
–10
µA
A
5.7
Inductive shutdown
energy
8, 12,
14 to
17
W
outx
15
mJ
D
5.8
Output voltage edge
steepness
8, 12,
14 to
17
dV
LS1–3/dt
dVHS1–3/dt
50
200
400
mV/µs
A
5.9
Overcurrent limitation
and shutdown
threshold
8, 15,
17
ILS1–3
650
950
1250
mA
A
5.10
Overcurrent limitation
and shutdown
threshold
12, 14,
16
I
HS1–3
–1250
–950
–650
mA
A
5.11
Overcurrent
shutdown delay time
Input register
bit 14 (SCT) = high
bit 14 (SCT) = low
tdSd
t
dSd
70
8.75
100
140
17.5
ms
ms
A
A
5.12
Open load detection
current
Input register bit 13
(OLD) = low, output off
8, 15,
17
I
LS1–3
60
200
µA
A
8.
Electrical Characteristics (Continued)
7.5V < VVS < VOV; 4.5V < VVCC < 5.5V; INH = High; –40°C < Tj < 150°C; unless otherwise specified, all values refer to GND pins.
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
*) Type means: A =100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter
Note:
1. Delay time between rising edge of CS after data transmission and switch on/off output stages to 90% of final level


Similar Part No. - T6817-TKSY

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T6817-TKSY ATMEL-T6817-TKSY Datasheet
310Kb / 16P
   Dual Triple DMOS Output Driver with Serial Input Control
T6817-TKSY ATMEL-T6817-TKSY Datasheet
398Kb / 16P
   Dual Triple DMOS Output Driver with Serial Input Control
More results

Similar Description - T6817-TKSY

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T6817 ATMEL-T6817 Datasheet
184Kb / 15P
   Dual Triple DMOS Output Driver with Serial Input Control
T6819 ATMEL-T6819_05 Datasheet
333Kb / 16P
   Dual Triple DMOS Output Driver with Serial Input Control
T6817 ATMEL-T6817_09 Datasheet
398Kb / 16P
   Dual Triple DMOS Output Driver with Serial Input Control
ATA6829 ATMEL-ATA6829_09 Datasheet
640Kb / 16P
   Dual Triple DMOS Output Driver with Serial Input Control
T6819 ATMEL-T6819 Datasheet
251Kb / 16P
   Dual Triple DMOS Output Driver with Serial Input Control
T6817 ATMEL-T6817_05 Datasheet
310Kb / 16P
   Dual Triple DMOS Output Driver with Serial Input Control
T6818 ATMEL-T6818_05 Datasheet
319Kb / 16P
   Triple Halfbridge DMOS Output Driver with Serial Input Control
T6818 ATMEL-T6818 Datasheet
469Kb / 16P
   Triple Halfbridge DMOS OUTPUT DRIVER WITH SERIAL INPUT CONTROL
ATA6826 ATMEL-ATA6826 Datasheet
262Kb / 15P
   Triple Halfbridge DMOS Output Driver with Serial Input Control
ATA6826 ATMEL-ATA6826_07 Datasheet
359Kb / 15P
   Triple Half-bridge DMOS Output Driver with Serial Input Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com