Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATA6828-T2SY Datasheet(PDF) 9 Page - ATMEL Corporation

Part # ATA6828-T2SY
Description  Triple Halfbridge DMOS Output Driver with Serial Input Control
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6828-T2SY Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button ATA6828-T2SY Datasheet HTML 5Page - ATMEL Corporation ATA6828-T2SY Datasheet HTML 6Page - ATMEL Corporation ATA6828-T2SY Datasheet HTML 7Page - ATMEL Corporation ATA6828-T2SY Datasheet HTML 8Page - ATMEL Corporation ATA6828-T2SY Datasheet HTML 9Page - ATMEL Corporation ATA6828-T2SY Datasheet HTML 10Page - ATMEL Corporation ATA6828-T2SY Datasheet HTML 11Page - ATMEL Corporation ATA6828-T2SY Datasheet HTML 12Page - ATMEL Corporation ATA6828-T2SY Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
4530G–BCD–09/05
T6818/ATA6828
3.6
Thermal shutdown
hysteresis
∆T
j switch off
15
° CB
3.7
Ratio thermal shutdown
off/thermal prewarning
set
Tj switch off/
T
jPW set
1.05
1.2
B
3.8
Ratio thermal shutdown
on/thermal prewarning
reset
T
j switch on/
TjPW reset
1.05
1.2
B
4
Output Specification (OUT1-OUT3)
4.1
On resistance
I
Out 1-3 = –1.3 A
2, 12,
13
R
DSOn1-3
1.1
A
4.2
I
Out 1-3 = 1.3 A
2, 12,
13
R
DSOn1-3
1.1
A
4.3
High-side output
leakage current
V
Out 1-3 = 0 V,
output stages off
2, 12,
13
IOut1-3
–15
µA
A
4.4
Low-side output
leakage current
V
Out 1-3 = VVS,
output stages off
2, 12,
13
I
Out1-3
200
µA
A
4.5
High-side switch
reverse diode forward
voltage
I
Out 1-3 = 1.5 A
2, 12,
13
V
Out1-3 – VVS
1.5
V
A
4.6
Low-side switch reverse
diode forward voltage
I
Out 1-3 = –1.5 A
2, 12,
13
V
Out 1-3
–1.5
V
A
4.7
High-side overcurrent
limitation and shutdown
threshold
2, 12,
13
I
Out1-3
–2.5
–2
–1.5
A
A
4.8
Low-side overcurrent
limitation and shutdown
threshold
2, 12,
13
IOut1-3
1.5
2
2.5
A
A
4.9
Overcurrent shutdown
delay time
tdSd
10
40
µs
A
4.10
High-side open-load
detection threshold
2, 12,
13
I
Out1-3
–45
–30
–15
mA
A
4.11
Low-side open-load
detection threshold
2, 12,
13
IOut1-3
15
30
45
mA
A
4.12
Open-load detection
delay time
tdSd
200
600
µs
A
4.13
High-side output switch
on delay(1)
VVS = 13 V
RLoad = 30 Ω
t
don
20
µs
A
4.14
Low-side output switch
on delay(1)
VVS = 13 V
R
Load = 30 Ω
tdon
20
µs
A
4.15
High-side output switch
off delay(1)
V
VS = 13 V
RLoad = 30 Ω
t
doff
20
µs
A
8.
Electrical Characteristics (Continued)
7.5 V < VVS < 40 V; 4.75 V < VVCC < 5.25 V; INH = High; –40°C < Tj < 150° C; unless otherwise specified, all values refer to GND pins.
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
*) Type means: A =100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter
Note:
1. Delay time between rising edge of input signal at pin CS after data transmission and switch on output stages to 90% of final
level. Device not in standby for t > 1 ms


Similar Part No. - ATA6828-T2SY

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6821 ATMEL-ATA6821 Datasheet
177Kb / 13P
   High Speed Power Driver IC
ATA6821 ATMEL-ATA6821 Datasheet
237Kb / 14P
   High Speed Power Driver IC
ATA6821-TUQ ATMEL-ATA6821-TUQ Datasheet
177Kb / 13P
   High Speed Power Driver IC
ATA6821-TUS ATMEL-ATA6821-TUS Datasheet
177Kb / 13P
   High Speed Power Driver IC
ATA6821 ATMEL-ATA6821_05 Datasheet
237Kb / 14P
   High Speed Power Driver IC
More results

Similar Description - ATA6828-T2SY

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T6818 ATMEL-T6818 Datasheet
469Kb / 16P
   Triple Halfbridge DMOS OUTPUT DRIVER WITH SERIAL INPUT CONTROL
ATA6826 ATMEL-ATA6826 Datasheet
262Kb / 15P
   Triple Halfbridge DMOS Output Driver with Serial Input Control
T6817 ATMEL-T6817 Datasheet
184Kb / 15P
   Dual Triple DMOS Output Driver with Serial Input Control
T6819 ATMEL-T6819_05 Datasheet
333Kb / 16P
   Dual Triple DMOS Output Driver with Serial Input Control
T6817 ATMEL-T6817_09 Datasheet
398Kb / 16P
   Dual Triple DMOS Output Driver with Serial Input Control
ATA6829 ATMEL-ATA6829_09 Datasheet
640Kb / 16P
   Dual Triple DMOS Output Driver with Serial Input Control
T6819 ATMEL-T6819 Datasheet
251Kb / 16P
   Dual Triple DMOS Output Driver with Serial Input Control
T6817 ATMEL-T6817_05 Datasheet
310Kb / 16P
   Dual Triple DMOS Output Driver with Serial Input Control
T6817 ATMEL-T6817_07 Datasheet
353Kb / 16P
   Dual Triple DMOS Output Driver with Serial Input Control
ATA6826 ATMEL-ATA6826_07 Datasheet
359Kb / 15P
   Triple Half-bridge DMOS Output Driver with Serial Input Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com