Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T7024 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # T7024
Description  Bluetooth/ISM 2.4-GHz Front-End IC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T7024 Datasheet(HTML) 3 Page - ATMEL Corporation

  T7024 Datasheet HTML 1Page - ATMEL Corporation T7024 Datasheet HTML 2Page - ATMEL Corporation T7024 Datasheet HTML 3Page - ATMEL Corporation T7024 Datasheet HTML 4Page - ATMEL Corporation T7024 Datasheet HTML 5Page - ATMEL Corporation T7024 Datasheet HTML 6Page - ATMEL Corporation T7024 Datasheet HTML 7Page - ATMEL Corporation T7024 Datasheet HTML 8Page - ATMEL Corporation T7024 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3
4533H–BLURF–07/07
T7024
Electrostatic sensitive device.
Observe precautions for handling.
5.
Handling
Do not operate this part near strong electrostatic fields. This IC meets class 1 ESD test require-
ment (HBM in accordance to EIA/JESD22-A114-A (October 97) and class A ESD test
requirement (MM) in accordance to EIA/JESD22-A115A.
3.
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Parameters
Symbol
Value
Unit
Supply voltage
Pins VS_LNA, V1_PA, V2_PA, V3_PA_OUT
VS
6V
Junction temperature
T
j
150
°C
Storage temperature
T
stg
–40 to +125
°C
RF input power LNA
P
inLNA
5dBm
RF input power PA
P
inPA
10
dBm
4.
Thermal Resistance
Parameters
Symbol
Value
Unit
Junction ambient PSSOP20, slug soldered on PCB
R
thJA
19
K/W
Junction ambient QFN20, slug soldered on PCB
R
thJA
27
K/W
6.
Operating Range
All voltages are referred to ground (pins GND and slug). Power supply points are VS_LNA, V1_PA, V2_PA, V3_PA_OUT.
The table represents the sum of all supply currents depending on the TX/RX mode.
Parameters
Symbol
Min.
Typ.
Max.
Unit
Supply voltage
Pins V1_PA, V2_PA and V3_PA_OUT
VS
2.7
3.0
4.6
V
Supply voltage, pin VS_LNA
V
S
2.7
3.0
5.5
V
Supply current TX, PSSO20
QFN20
Supply current RX
I
S
IS
IS
190
165
8
mA
mA
mA
Standby current, PU = 0
IS_standby
10
µA
Ambient temperature
Tamb
–25
+25
+85
°C


Similar Part No. - T7024

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T7024 ATMEL-T7024 Datasheet
377Kb / 18P
   Bluetooth??ISM 2.4-GHz Front- End IC
T7024 ATMEL-T7024 Datasheet
1Mb / 15P
   Bluetooth/ISM 2.4-GHz Front-end IC
T7024-PGP ATMEL-T7024-PGP Datasheet
377Kb / 18P
   Bluetooth??ISM 2.4-GHz Front- End IC
T7024-PGPM ATMEL-T7024-PGPM Datasheet
1Mb / 15P
   Bluetooth/ISM 2.4-GHz Front-end IC
T7024-PGQ ATMEL-T7024-PGQ Datasheet
377Kb / 18P
   Bluetooth??ISM 2.4-GHz Front- End IC
More results

Similar Description - T7024

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T7024 ATMEL-T7024 Datasheet
377Kb / 18P
   Bluetooth??ISM 2.4-GHz Front- End IC
T7024 ATMEL-T7024_09 Datasheet
1Mb / 15P
   Bluetooth/ISM 2.4-GHz Front-end IC
T7026 ATMEL-T7026_05 Datasheet
245Kb / 10P
   ISM 2.4 GHz Front End IC
T7026 ATMEL-T7026 Datasheet
143Kb / 10P
   ISM 2.4 GHz Front End IC
logo
Hittite Microwave Corpo...
HMC309MS8 HITTITE-HMC309MS8 Datasheet
171Kb / 6P
   2.4 GHz FRONT-END LNA / SWITCH IC
logo
Skyworks Solutions Inc.
SKY66112-11 SKYWORKS-SKY66112-11 Datasheet
163Kb / 2P
   2.4 GHz ZigBee/Thread/Bluetooth Smart Front-End Module
SKY66112-11 SKYWORKS-SKY66112-11_17 Datasheet
922Kb / 14P
   2.4 GHz ZigBee/Thread/Bluetooth Smart Front-End Module
SKY66114-11 SKYWORKS-SKY66114-11 Datasheet
161Kb / 2P
   2.4 GHz Bluetooth Low Energy /802.15.4/Zigbee Front-End Module
SKY66404-11 SKYWORKS-SKY66404-11 Datasheet
172Kb / 2P
   2.4 GHz Front-End Module for Zigbee/ Thread/ Bluetooth Applications
SKY66113-11 SKYWORKS-SKY66113-11 Datasheet
160Kb / 2P
   2.4 GHz Bluetooth Low Energy/802.15.4 /Zigbee Front-End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com