Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCLAMP0514M.TBT Datasheet(PDF) 4 Page - Semtech Corporation

Part # RCLAMP0514M.TBT
Description  RailClamp짰 Low Capacitance TVS Diode Array
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

RCLAMP0514M.TBT Datasheet(HTML) 4 Page - Semtech Corporation

  RCLAMP0514M.TBT Datasheet HTML 1Page - Semtech Corporation RCLAMP0514M.TBT Datasheet HTML 2Page - Semtech Corporation RCLAMP0514M.TBT Datasheet HTML 3Page - Semtech Corporation RCLAMP0514M.TBT Datasheet HTML 4Page - Semtech Corporation RCLAMP0514M.TBT Datasheet HTML 5Page - Semtech Corporation RCLAMP0514M.TBT Datasheet HTML 6Page - Semtech Corporation RCLAMP0514M.TBT Datasheet HTML 7Page - Semtech Corporation RCLAMP0514M.TBT Datasheet HTML 8Page - Semtech Corporation RCLAMP0514M.TBT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
 2005 Semtech Corp.
www.semtech.com
PRELIMINARY
PROTECTION PRODUCTS
RClamp0514M
Insertion Loss S21 - I/O to I/O
Typical Characteristics (Con’t)
1
2
3
START. 030 MHz
3
STOP 000.000000 MHz
CH1 S21 LOG
6 dB / REF 0 dB
1: .23330 dB
900 MHz
2: -.24620 dB
1.8 GHz
3: -2.1013 dB
2.5 GHz
0 dB
-6 dB
-12 dB
-18 dB
-24 dB
-30 dB
-36 dB
1
GHz
100
MHz
3
GHz
10
MHz
1
MHz
Analog Cross Talk
1
2
3
START. 030 MHz
3
STOP 000.000000 MHz
CH1 S21 LOG
6 dB / REF 0 dB
1: .31740 dB
900 MHz
2: -.77300 dB
1.8 GHz
3: -4.0112 dB
2.5 GHz
0 dB
-6 dB
-12 dB
-18 dB
-24 dB
-30 dB
-36 dB
1
GHz
100
MHz
3
GHz
10
MHz
1
MHz
Insertion Loss S21 - I/O to GND
START. 030 MHz
3
STOP 000.000000 MHz
CH1 S21 LOG
20 dB /REF 0 dB


Similar Part No. - RCLAMP0514M.TBT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
RCLAMP0512TQ SEMTECH-RCLAMP0512TQ Datasheet
2Mb / 13P
   2-Line Surge and ESD Protection
RClamp0512TQTCT SEMTECH-RClamp0512TQTCT Datasheet
2Mb / 13P
   2-Line Surge and ESD Protection
RClamp0512TQTNT SEMTECH-RClamp0512TQTNT Datasheet
2Mb / 13P
   2-Line Surge and ESD Protection
RCLAMP0516P SEMTECH-RCLAMP0516P Datasheet
1Mb / 8P
   Low Capacitance RClamp짰 6-Line ESD protection
RClamp0516P.TCT SEMTECH-RClamp0516P.TCT Datasheet
1Mb / 8P
   Low Capacitance RClamp짰 6-Line ESD protection
More results

Similar Description - RCLAMP0514M.TBT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SRDA05-6 SEMTECH-SRDA05-6 Datasheet
198Kb / 9P
   RailClamp짰 Low Capacitance TVS Diode Array
RCLAMP0582N SEMTECH-RCLAMP0582N Datasheet
179Kb / 7P
   RailClamp짰 Low Capacitance TVS Diode Array
SR12 SEMTECH-SR12 Datasheet
180Kb / 8P
   RailClamp짰 Low Capacitance TVS Diode Array
SRV05-4 SEMTECH-SRV05-4_08 Datasheet
291Kb / 13P
   RailClamp짰 Low Capacitance TVS Diode Array
SRDA12-4 SEMTECH-SRDA12-4 Datasheet
268Kb / 10P
   RailClamp짰 Low Capacitance TVS Diode Array
SR2.8 SEMTECH-SR2.8 Datasheet
177Kb / 7P
   RailClamp짰 Low Capacitance TVS Diode Array
SR3.3 SEMTECH-SR3.3 Datasheet
173Kb / 7P
   RailClamp짰 Low Capacitance TVS Diode Array
SR70 SEMTECH-SR70 Datasheet
158Kb / 6P
   RailClamp짰 Low Capacitance TVS Diode Array
RCLAMP0503N SEMTECH-RCLAMP0503N Datasheet
148Kb / 7P
   RailClamp짰 Low Capacitance TVS Diode Array
RCLAMP0504M SEMTECH-RCLAMP0504M Datasheet
201Kb / 10P
   RailClamp짰 Low Capacitance TVS Diode Array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com