Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCLAMP0544M.TBT Datasheet(PDF) 7 Page - Semtech Corporation

Part # RCLAMP0544M.TBT
Description  RailClamp짰 ESD Protection for HDMI Interfaces
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

RCLAMP0544M.TBT Datasheet(HTML) 7 Page - Semtech Corporation

Back Button RCLAMP0544M.TBT Datasheet HTML 3Page - Semtech Corporation RCLAMP0544M.TBT Datasheet HTML 4Page - Semtech Corporation RCLAMP0544M.TBT Datasheet HTML 5Page - Semtech Corporation RCLAMP0544M.TBT Datasheet HTML 6Page - Semtech Corporation RCLAMP0544M.TBT Datasheet HTML 7Page - Semtech Corporation RCLAMP0544M.TBT Datasheet HTML 8Page - Semtech Corporation RCLAMP0544M.TBT Datasheet HTML 9Page - Semtech Corporation RCLAMP0544M.TBT Datasheet HTML 10Page - Semtech Corporation RCLAMP0544M.TBT Datasheet HTML 11Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
 2006 Semtech Corp.
www.semtech.com
PRELIMINARY
PROTECTION PRODUCTS
RClamp0544M
Applications Information (continued)
The HDMI Compliance Test Specification (CTS) requires
sink (receiver) ports maintain a differential impedance
of 100 Ohms +/- 15%. The measurement is taken
using a Time Domain Reflectometry (TDR) method that
utilizes a pulse with a risetime <= 200ps.
ESD protection devices have an inherent junction
capacitance. Even a small amount of added capaci-
tance on an HDMI port will cause the impedance of
the differential pair to drop. As such, some form of
compensation to the layout will be required to bring
the differential pairs back within the required 100
Ohm +/- 15% range. The higher the added capaci-
tance, the more extreme the modifications will need to
be. If the added capacitance is too high, compensa-
tion may not even be possible. The RClamp0544M
presents <1pF capacitance between the pairs while
being rated to handle >8kV ESD contact discharges
(>15kV air discharge) as outlined in IEC 61000-4-2.
As such, it is possible to make minor adjustments to
the board layout parameters to compensate for the
added capacitance of the RClamp0544M. Figure 7
shows how to implement the RClamp0544M in an
HDMI application (transmitter and receiver). Figure 8
shows impedance test results using a Semtech evalua-
tion board with layout compensation. As shown, the
device meets the HDMI CTS impedance requirements.
Figure 7 - HDMI High Speed Signal Protection Application Diagram
1
1
1
1
Figure 8 - TDR Measurement using Semtech
Evaluation Board
A
B
C
X-axis
1.640
1.796
1.953
(nsec)
Y-axis
99.3
105.3
98.7
(Ohm)
A
C
B


Similar Part No. - RCLAMP0544M.TBT

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
RCLAMP0544M LEIDITECH-RCLAMP0544M Datasheet
394Kb / 3P
   4-Line Ultra Low Capacitance TVS Diode Array
Rev : 01.06.2014
More results

Similar Description - RCLAMP0544M.TBT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
RCLAMP0532T SEMTECH-RCLAMP0532T Datasheet
1Mb / 8P
   Low Capacitance RailClamp짰 2-Line Surge and ESD Protection for Ethernet Interfaces
RCLAMP2594N SEMTECH-RCLAMP2594N Datasheet
1Mb / 8P
   Low Capacitance RailClamp짰 4-Line Surge and ESD Protection for Ethernet Interfaces
RCLAMP0506T SEMTECH-RCLAMP0506T Datasheet
135Kb / 8P
   RailClamp짰 6-Line ESD Protection
logo
NXP Semiconductors
IP4280CZ10 NXP-IP4280CZ10 Datasheet
63Kb / 8P
   ESD protection for HDMI interface
Rev. 01-6 June 2007
logo
Nexperia B.V. All right...
IP4280CZ10 NEXPERIA-IP4280CZ10 Datasheet
178Kb / 9P
   ESD protection for HDMI interface
Rev. 01 - 6 June 2007
logo
NXP Semiconductors
IP4242CZ6 NXP-IP4242CZ6 Datasheet
59Kb / 9P
   ESD protection for high-speed interfaces
Rev. 01-12 March 2009
IP4282CZ6 NXP-IP4282CZ6 Datasheet
59Kb / 9P
   ESD protection for high-speed interfaces
Rev. 01-30 March 2009
logo
Semtech Corporation
RCLAMP3655P SEMTECH-RCLAMP3655P Datasheet
226Kb / 10P
   RailClamp??ESD Protection for uUSB Interfaces
logo
SeCoS Halbleitertechnol...
SBESD9N5C SECOS-SBESD9N5C Datasheet
286Kb / 3P
   ESD Protection for high-speed interfaces
KS05UL5 SECOS-KS05UL5_15 Datasheet
313Kb / 3P
   ESD Protection for high-speed interfaces
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com