Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SK1300D Datasheet(PDF) 1 Page - Semtech Corporation

Part # SK1300D
Description  PECL / LVPECL to LVDS Translator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SK1300D Datasheet(HTML) 1 Page - Semtech Corporation

  SK1300D Datasheet HTML 1Page - Semtech Corporation SK1300D Datasheet HTML 2Page - Semtech Corporation SK1300D Datasheet HTML 3Page - Semtech Corporation SK1300D Datasheet HTML 4Page - Semtech Corporation SK1300D Datasheet HTML 5Page - Semtech Corporation SK1300D Datasheet HTML 6Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
www.semtech.com
Revision 1/December 3, 2001
HIGH PERFORMANCE PRODUCTS
SK1300
PECL / LVPECL to LVDS Translator
Functional Block Diagram
The SK1300 is a high speed PECL / LVPECL to LVDS
translator. This device is designed to support frequency
rates in excess of 800 MHz utilizing low voltage
differential signaling (LVDS) technology. SK1300
operates over an extended supply range of 3.0 to 5.5V
which allow either PECL or LVPECL signal at its inputs
based on the supply voltage range. It also provides a
new alternative to high power pseudo-ECL devices for
high speed point-to-point interface using LVDS type
signals.
The SK1300 provides a VBB outputs for either single-
ended use or as a DC bias for AC coupling to the device.
The VBB output should only be used as a bias for the
SK1300 as its current sink/source capability is limited.
Whenever used, the VBB output should be bypassed
to VCC via a 0.01 mF capacitor.
Under open input condition, the pulldown on D and
pullup and pulldown on D* will force the Q output low
and Q* output high.
• Extended Supply Voltage Range: (VCC = 3.0V to
5.5V; VEE = 0V)
• 800 MHz Min. Toggle Frequency
• Typical 350 mV Differential LVDS Output
• VBB Output for Single-ended Applications
• Internal Input Resistors; Pulldown on D,
Pulldown and Pullup on D*
• ESD Protection > 4000V
• Specified Over Industrial Temperature Range:
–40oC to 85oC
• Available in both 8 pin SOIC and MSOP Packages
• Flammability Rate: UL-94 code V-0
• Moisture Sensitivity: Level 1
e
m
a
N
n
i
Pn
o
i
t
c
n
u
F
*
D
,
Ds
t
u
p
n
i
L
C
E
P
V
L
/
L
C
E
P
l
a
i
t
n
e
r
e
f
f
i
D
*
Q
,
Q
B
B
V
s
t
u
p
t
u
O
S
D
V
L
l
a
i
t
n
e
r
e
f
f
i
D
e
g
a
t
l
o
V
t
u
p
t
u
O
e
c
n
e
r
e
f
e
R
Pin Descriptions
Description
Features
1
2
3
4
8
7
6
5
Q
Q*
75K
75K
36.5K
VEE
VCC
VBB
D*
D
NC


Similar Part No. - SK1300D

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
SK130 CHENG-YI-SK130 Datasheet
105Kb / 2P
   MINIATURE SCHOTTKY BARRIER RECTIFIER
logo
Semtech Corporation
SK1303 SEMTECH-SK1303 Datasheet
105Kb / 6P
   LVDS Receiver/Driver
SK1303D SEMTECH-SK1303D Datasheet
105Kb / 6P
   LVDS Receiver/Driver
SK1303DT SEMTECH-SK1303DT Datasheet
105Kb / 6P
   LVDS Receiver/Driver
SK1303MS SEMTECH-SK1303MS Datasheet
105Kb / 6P
   LVDS Receiver/Driver
More results

Similar Description - SK1300D

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY55855V MICREL-SY55855V Datasheet
83Kb / 7P
   DUAL CML/PECL/LVPECL-to-LVDS TRANSLATOR
SY55855V MICREL-SY55855V_05 Datasheet
79Kb / 8P
   DUAL CML/PECL/LVPECL-to-LVDS TRANSLATOR
SY100E417 MICREL-SY100E417_06 Datasheet
71Kb / 5P
   QUINT LVPECL-TO-PECL QUINT LVPECL-TO-PECL TRANSLATOR
SY100E417 MICREL-SY100E417 Datasheet
73Kb / 5P
   QUINT LVPECL-TO-PECL OR PECL-TO-LVPECL TRANSLATOR
SY100EL92 MICREL-SY100EL92_06 Datasheet
62Kb / 5P
   TRIPLE LVPECL-TO-PECL OR PECL-TO-LVPECL TRANSLATOR
SY100EL92 MICREL-SY100EL92 Datasheet
71Kb / 4P
   TRIPLE LVPECL-TO-PECL OR PECL-TO-LVPECL TRANSLATOR
logo
ON Semiconductor
MC100LVEL92 ONSEMI-MC100LVEL92 Datasheet
71Kb / 3P
   Triple PECL to LVPECL Translator?
1997 REV 2
logo
Micrel Semiconductor
SY89325V MICREL-SY89325V Datasheet
514Kb / 7P
   3.3V/5V 1.5Gbps DIFFERENTIAL CML/PECL/LVPECL-to-LVDS TRANSLATOR
logo
Maxim Integrated Produc...
MAX9376 MAXIM-MAX9376 Datasheet
151Kb / 7P
   LVDS/Anything-to-LVPECL/LVDS Dual Translator
Rev 0; 4/03
MAX9376 MAXIM-MAX9376_09 Datasheet
110Kb / 8P
   LVDS/Anything-to-LVPECL/LVDS Dual Translator
Rev 1; 10/09
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com