Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK5551M-PP Datasheet(PDF) 9 Page - ATMEL Corporation

Part # TK5551M-PP
Description  Standard Read/Write ID Transponder with Anti-collision
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TK5551M-PP Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button TK5551M-PP Datasheet HTML 4Page - ATMEL Corporation TK5551M-PP Datasheet HTML 5Page - ATMEL Corporation TK5551M-PP Datasheet HTML 6Page - ATMEL Corporation TK5551M-PP Datasheet HTML 7Page - ATMEL Corporation TK5551M-PP Datasheet HTML 8Page - ATMEL Corporation TK5551M-PP Datasheet HTML 9Page - ATMEL Corporation TK5551M-PP Datasheet HTML 10Page - ATMEL Corporation TK5551M-PP Datasheet HTML 11Page - ATMEL Corporation TK5551M-PP Datasheet HTML 12Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
4709F–RFID–06/06
TK5551
12. Application
Figure 12-1. Complete Transponder System with the Read/Write Base Station IC U2270B
RF
MS
CFE
OE
Standby
Output
Gain
Input
COIL1
COIL2
VBatt
DVS
VEXT V
S
110 k
1.35 mH
R
1.2 nF
1N4148
4.7 k
680 pF
1.5 nF
470 k
22 µF
5V
C31
DGND
GND
Read/write
circuit
U2270B
osc IN
osc OUT
I/O
VDD
Microcontroller
I/O
100 nF
5V
47 nF
I/O
I/O
I/O
e5551
Transponder
TK5551
fres = 1/ (2π√LC) = 125 kHz
VSS


Similar Part No. - TK5551M-PP

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TK5551 ATMEL-TK5551 Datasheet
241Kb / 10P
   STANDARD READ /WRITE ID TRANSPONDER WITH ANTI COLLISION
TK5551 ATMEL-TK5551 Datasheet
5Mb / 294P
   High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
More results

Similar Description - TK5551M-PP

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TK5551 ATMEL-TK5551 Datasheet
241Kb / 10P
   STANDARD READ /WRITE ID TRANSPONDER WITH ANTI COLLISION
ATA5551M-PPMY ATMEL-ATA5551M-PPMY_14 Datasheet
1Mb / 28P
   Standard Read/Write ID Transponder with Anti-collision
TK5552 ATMEL-TK5552 Datasheet
326Kb / 22P
   Read/Write Transponder
logo
List of Unclassifed Man...
MLX90111 ETC1-MLX90111 Datasheet
136Kb / 12P
   128bit Read Write Transponder
logo
ATMEL Corporation
ATA5577M1330C-PPMY ATMEL-ATA5577M1330C-PPMY_14 Datasheet
292Kb / 8P
   Read/Write LF RFID IDIC Transponder 125KHz
TK5561A-PP ATMEL-TK5561A-PP Datasheet
252Kb / 10P
   READ/WRITE CRYPTO TRANSPONDER FOR SHORT CYCLE TIME
E5561 ATMEL-E5561 Datasheet
390Kb / 26P
   Standard Read/Write Crypto Identification IC
E5561 ATMEL-E5561_06 Datasheet
434Kb / 28P
   Standard Read/Write Crypto Identification IC
TK5530 ATMEL-TK5530 Datasheet
215Kb / 9P
   READ ONLY TRANSPONDER
logo
Hitachi Semiconductor
HA16688MP HITACHI-HA16688MP Datasheet
134Kb / 5P
   READ / WRITE CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com