Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRDA05-4.TE Datasheet(PDF) 1 Page - Semtech Corporation

Part # SRDA05-4.TE
Description  RailClamp짰 Low Capacitance TVS Diode Array
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SRDA05-4.TE Datasheet(HTML) 1 Page - Semtech Corporation

  SRDA05-4.TE Datasheet HTML 1Page - Semtech Corporation SRDA05-4.TE Datasheet HTML 2Page - Semtech Corporation SRDA05-4.TE Datasheet HTML 3Page - Semtech Corporation SRDA05-4.TE Datasheet HTML 4Page - Semtech Corporation SRDA05-4.TE Datasheet HTML 5Page - Semtech Corporation SRDA05-4.TE Datasheet HTML 6Page - Semtech Corporation SRDA05-4.TE Datasheet HTML 7Page - Semtech Corporation SRDA05-4.TE Datasheet HTML 8Page - Semtech Corporation SRDA05-4.TE Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
PROTECTION PRODUCTS
1
www.semtech.com
PROTECTION PRODUCTS
SRDA3.3-4 THRU SRDA12-4
RailClampÒ
Low Capacitance TVS Diode Array
Description
Features
Circuit Diagram
Schematic & PIN Configuration
Revision 9/2000
RailClamps are surge rated diode arrays designed to
protect high speed data interfaces. The SR series has
been specifically designed to protect sensitive compo-
nents which are connected to data and transmission
lines from overvoltage caused by ESD (electrostatic
discharge), EFT (electrical fast transients), and light-
ning.
The unique design of the SRDA series devices incorpo-
rates surge rated, low capacitance steering diodes and
a TVS diode in a single package. During transient
conditions, the steering diodes direct the transient to
either the positive side of the power supply line or to
ground. The internal TVS diode prevents over-voltage
on the power line, protecting any downstream compo-
nents.
The low capacitance array configuration allows the user
to protect two high-speed data or transmission lines.
The low inductance construction minimizes voltage
overshoot during high current surges.
Applications
Mechanical Characteristics
u USB Power & Data Line Protection
u T1/E1 secondary IC Side Protection
u T3/E3 secondary IC Side Protection
u HDSL, IDSL secondary IC Side Protection
u Video Line Protection
u Microcontroller Input Protection
u Base stations
u I2C Bus Protection
u Transient protection for high-speed data lines to
IEC 61000-4-2 (ESD) 15kV (air), 8kV (contact)
IEC 61000-4-4 (EFT) 40A (5/50ns)
IEC 61000-4-5 (Lightning) 24A (8/20µs)
u Array of surge rated diodes with internal TVS diode
u Protects four I/O lines & power supply line
u Low capacitance (<15pF) for high-speed interfaces
u Low operating & clamping voltages
u Solid-state technology
u JEDEC SO-8 package
u UL 497B listed
u Molding compound flammability rating: UL 94V-0
u Marking : Part number, date code, logo
u Packaging : Tube or Tape and Reel per EIA 481
I/O
I/O
REF 2
REF 2
I/O
I/O
REF 1
REF 1
1
2
3
45
6
7
8
S0-8 (Top View)
REF1
I/O 1
I/O 2
I/O 3
I/O 4
REF2


Similar Part No. - SRDA05-4.TE

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SRDA05-4.TE SEMTECH-SRDA05-4.TE Datasheet
259Kb / 10P
   Low Capacitance TVS Diode Array
More results

Similar Description - SRDA05-4.TE

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SRDA05-6 SEMTECH-SRDA05-6 Datasheet
198Kb / 9P
   RailClamp짰 Low Capacitance TVS Diode Array
RCLAMP0582N SEMTECH-RCLAMP0582N Datasheet
179Kb / 7P
   RailClamp짰 Low Capacitance TVS Diode Array
SR12 SEMTECH-SR12 Datasheet
180Kb / 8P
   RailClamp짰 Low Capacitance TVS Diode Array
SRV05-4 SEMTECH-SRV05-4_08 Datasheet
291Kb / 13P
   RailClamp짰 Low Capacitance TVS Diode Array
RCLAMP0514M SEMTECH-RCLAMP0514M Datasheet
356Kb / 11P
   RailClamp짰 Low Capacitance TVS Diode Array
SR2.8 SEMTECH-SR2.8 Datasheet
177Kb / 7P
   RailClamp짰 Low Capacitance TVS Diode Array
SR3.3 SEMTECH-SR3.3 Datasheet
173Kb / 7P
   RailClamp짰 Low Capacitance TVS Diode Array
SR70 SEMTECH-SR70 Datasheet
158Kb / 6P
   RailClamp짰 Low Capacitance TVS Diode Array
RCLAMP0503N SEMTECH-RCLAMP0503N Datasheet
148Kb / 7P
   RailClamp짰 Low Capacitance TVS Diode Array
RCLAMP0504M SEMTECH-RCLAMP0504M Datasheet
201Kb / 10P
   RailClamp짰 Low Capacitance TVS Diode Array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com