Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC431L Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC431L
Description  Low Voltage Adjustable Shunt Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC431L Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC431L_08 Datasheet HTML 2Page - Semtech Corporation SC431L_08 Datasheet HTML 3Page - Semtech Corporation SC431L_08 Datasheet HTML 4Page - Semtech Corporation SC431L_08 Datasheet HTML 5Page - Semtech Corporation SC431L_08 Datasheet HTML 6Page - Semtech Corporation SC431L_08 Datasheet HTML 7Page - Semtech Corporation SC431L_08 Datasheet HTML 8Page - Semtech Corporation SC431L_08 Datasheet HTML 9Page - Semtech Corporation SC431L_08 Datasheet HTML 10Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
 2008 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC431L
Applications Information - Stability
Selection of load capacitance when using SC431L as
a shunt regulator
When the SC431L is used as a shunt regulator, two
options for selection of C
L (see diagram on page 7) are
recommended for optimal stability:
1) No load capacitance across the device, decouple at
the load.
2) Large capacitance across the device, optional
decoupling at the load.
The reason for this is that SC431L exhibits instability with
capacitances in the range of 10nF to 1µF (approx.) at
light cathode currents (up to 3mA typical). The device is
less stable the lower the cathode voltage has been set
for. Therefore while the device will be perfectly stable
operating at a cathode current of (say) 10mA with a 0.1µF
capacitor across it, it will oscillate transiently during start-
up as the cathode current passes through the instability
region. Selecting a very low (or preferably, no)
capacitance, or alternatively a high capacitance (such
as 10µF) will avoid this issue altogether. Since the user
will probably wish to have local decoupling at the load
anyway, the most cost effective method is to use no
capacitance at all directly across the device. PCB trace/
via resistance and inductance prevent the local load
decoupling from causing the oscillation during the
transient start-up phase. Note: if the SC431L is located
right at the load, so the load decoupling capacitor is
directly across it, then this capacitor will have to be
1nF or
≥ 10µF.


Similar Part No. - SC431L_08

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC431L SEMTECH-SC431L_07 Datasheet
207Kb / 10P
   Low Voltage Adjustable Shunt Regulator
More results

Similar Description - SC431L_08

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AHK432 AAT-AHK432 Datasheet
152Kb / 10P
   Adjustable Low Voltage Shunt Regulator
logo
Champion Microelectroni...
CM431 CHAMP-CM431 Datasheet
221Kb / 12P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
Semtech Corporation
SC431L SEMTECH-SC431L_07 Datasheet
207Kb / 10P
   Low Voltage Adjustable Shunt Regulator
logo
List of Unclassifed Man...
CM431A ETC-CM431A Datasheet
416Kb / 14P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
Advanced Analogic Techn...
AHK432 ANALOGICTECH-AHK432_05 Datasheet
152Kb / 10P
   Adjustable Low Voltage Shunt Regulator
logo
List of Unclassifed Man...
CM431L ETC1-CM431L Datasheet
354Kb / 13P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
Champion Microelectroni...
CM431A CHAMP-CM431A Datasheet
348Kb / 14P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
List of Unclassifed Man...
CM431 ETC-CM431 Datasheet
223Kb / 12P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
Semtech Corporation
SC431L SEMTECH-SC431L Datasheet
261Kb / 7P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR?
logo
Advanced Analogic Techn...
AHK432 ANALOGICTECH-AHK432 Datasheet
274Kb / 8P
   Adjustable Low Voltage Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com