Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U3280M Datasheet(PDF) 5 Page - ATMEL Corporation

Part # U3280M
Description  Transponder Interface for Microcontroller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U3280M Datasheet(HTML) 5 Page - ATMEL Corporation

  U3280M Datasheet HTML 1Page - ATMEL Corporation U3280M Datasheet HTML 2Page - ATMEL Corporation U3280M Datasheet HTML 3Page - ATMEL Corporation U3280M Datasheet HTML 4Page - ATMEL Corporation U3280M Datasheet HTML 5Page - ATMEL Corporation U3280M Datasheet HTML 6Page - ATMEL Corporation U3280M Datasheet HTML 7Page - ATMEL Corporation U3280M Datasheet HTML 8Page - ATMEL Corporation U3280M Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
5
4688D–RFID–03/07
U3280M
3.2.1
Digital Input to Control the Damping Stage (MOD)
MOD = 0: coil not damped
MOD = 1: coil damped
V
CMS = VCID: modulation voltage stroke at coil inputs
Note:
If the automatic power management is disabled, the internal front-end V
DD is limited at VDDC. In
this case the value V
DDC must be used in the above formula.
3.3
Field Clock
The field clock extractor of the interface makes the field clock available for the microcontroller. It
can be used to supply timer inputs to synchronize modulation and demodulation with the field
clock.
3.4
Gap Detect
The transponder interface can also receive data. The base station modulates the data with short
gaps in the field. The gap-detection circuit detects these gaps in the magnetic field and outputs
the NGAP/field signal at the NGAP pin. A high level indicates that a field is applied at the coil
and a low level indicates a gap or that the field is off. The microcontroller must demodulate the
incoming data stream at one of its inputs.
V
coil-peak
V
DD
2V
CMS
V
CU
=
+
×
=
V
coil-peak
V
DD
2
×
V
CD
==


Similar Part No. - U3280M

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U3280M ATMEL-U3280M Datasheet
275Kb / 18P
   TRANSPONDER INTERFACE FOR MICROCONTROLLER
U3280M ATMEL-U3280M_11 Datasheet
1Mb / 19P
   Transponder Interface for Microcontroller
More results

Similar Description - U3280M

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U3280M ATMEL-U3280M_11 Datasheet
1Mb / 19P
   Transponder Interface for Microcontroller
U3280M ATMEL-U3280M Datasheet
275Kb / 18P
   TRANSPONDER INTERFACE FOR MICROCONTROLLER
U9280M-H ATMEL-U9280M-H_05 Datasheet
444Kb / 24P
   Microcontroller with Transponder Interface
logo
Texas Instruments
RF430CL330H TI1-RF430CL330H Datasheet
438Kb / 33P
[Old version datasheet]   DYNAMIC NFC INTERFACE TRANSPONDER
logo
ATMEL Corporation
U9280M-H ATMEL-U9280M-H Datasheet
417Kb / 23P
   MICROCONTROLER WITH TRANSPONDER INTERFACE
logo
Texas Instruments
RF430CL330H TI1-RF430CL330H_14 Datasheet
906Kb / 47P
[Old version datasheet]   Dynamic NFC Interface Transponder
RF430CL330H-Q1 TI1-RF430CL330H-Q1 Datasheet
776Kb / 45P
[Old version datasheet]   Automotive Dynamic NFC Interface Transponder
RF430CL331H TI1-RF430CL331H Datasheet
799Kb / 60P
[Old version datasheet]   NFC Type 4B Dynamic Dual Interface Transponder
logo
TOKO, Inc
SA3D14 TOKO-SA3D14 Datasheet
97Kb / 1P
   Transponder Coils for Surface Mounting
SA3M08 TOKO-SA3M08_16 Datasheet
252Kb / 1P
   Transponder Coils for Surface Mounting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com