Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U9280M-H Datasheet(PDF) 3 Page - ATMEL Corporation

Part # U9280M-H
Description  Microcontroller with Transponder Interface
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U9280M-H Datasheet(HTML) 3 Page - ATMEL Corporation

  U9280M-H Datasheet HTML 1Page - ATMEL Corporation U9280M-H Datasheet HTML 2Page - ATMEL Corporation U9280M-H Datasheet HTML 3Page - ATMEL Corporation U9280M-H Datasheet HTML 4Page - ATMEL Corporation U9280M-H Datasheet HTML 5Page - ATMEL Corporation U9280M-H Datasheet HTML 6Page - ATMEL Corporation U9280M-H Datasheet HTML 7Page - ATMEL Corporation U9280M-H Datasheet HTML 8Page - ATMEL Corporation U9280M-H Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3
4591B–RFID–09/05
U9280M-H
Table 2-1.
Pin Description
Pin
Symbol
Function
1
COIL1
Coil input 1, Pin to connect an LC antenna for communication and field supply
2
COIL2
Coil input 2, Pin to connect an LC antenna for communication and field supply
3
VBATT
Power-supply voltage input to connect a battery
4VDD
Power-supply voltage for the microcontroller and EEPROM. At this pin a capacitor (0.5 µF to 10 µF)
must be connected to buffer the voltage during field supply and to block the V
DD of the
microcontroller.
5
BP40/SC/INT3
I/O-port line/serial clock line/INT3 input (falling edge sensitive)
6
BP53/INT3
I/O-port line/INT3 interrupt input (falling or rising edge sensitive)
7
BP50/INT6
I/O-port line/INT6 interrupt input (falling or rising edge sensitive)
8
OSC1/ROSC
Oscillator- or external system-clock input/input for RC-oscillator resistor
9
OSC2
Oscillator output
10
BP60/T3O
Bi-directional I/O-line/Timer 3 output/modulator output
11
BP63/T3I/INT5
I/O-port line/INT5 interrupt input/Timer 3 input/demodulator input
12
BP20/NTE
BP20-I/O-port line/test mode input. This input is used to control the test modes. During POR it must
not be connected with a low impedance to VDD.
13
BP23
I/O-port line
14
BP41/VMI
I/O-port line/Voltage monitor input/Timer 2 input
15
BP42/T2O
I/O-port line/Timer 2 output/modulator output
16
BP43/SD/INT3
I/O-port line/serial data line/INT3 input (falling edge sensitive)
17
VSS
Circuit ground
18
FC
Field clock output of the clock extractor
19
MOD
Modulation input - front end. Must be connected to the modulator output T2O.
20
NGAP
Gap detect output - front end. Must be connected to the demodulator input T3I.


Similar Part No. - U9280M-H

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U9280M-H ATMEL-U9280M-H Datasheet
417Kb / 23P
   MICROCONTROLER WITH TRANSPONDER INTERFACE
More results

Similar Description - U9280M-H

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U3280M ATMEL-U3280M_07 Datasheet
349Kb / 21P
   Transponder Interface for Microcontroller
U3280M ATMEL-U3280M_11 Datasheet
1Mb / 19P
   Transponder Interface for Microcontroller
U3280M ATMEL-U3280M Datasheet
275Kb / 18P
   TRANSPONDER INTERFACE FOR MICROCONTROLLER
U9280M-H ATMEL-U9280M-H Datasheet
417Kb / 23P
   MICROCONTROLER WITH TRANSPONDER INTERFACE
logo
Texas Instruments
RF430CL330H TI1-RF430CL330H Datasheet
438Kb / 33P
[Old version datasheet]   DYNAMIC NFC INTERFACE TRANSPONDER
RF430CL330H TI1-RF430CL330H_14 Datasheet
906Kb / 47P
[Old version datasheet]   Dynamic NFC Interface Transponder
RF430CL330H-Q1 TI1-RF430CL330H-Q1 Datasheet
776Kb / 45P
[Old version datasheet]   Automotive Dynamic NFC Interface Transponder
TMS37157 TI-TMS37157 Datasheet
1Mb / 47P
[Old version datasheet]   PASSIVE LOW FREQUENCY INTERFACE DEVICE WITH EEPROM AND 134.2 kHz TRANSPONDER INTERFACE
TMS37157 TI-TMS37157_11 Datasheet
1Mb / 47P
[Old version datasheet]   PASSIVE LOW FREQUENCY INTERFACE DEVICE WITH EEPROM AND 134.2 kHz TRANSPONDER INTERFACE
logo
STMicroelectronics
AN2646 STMICROELECTRONICS-AN2646 Datasheet
446Kb / 43P
   Smartcard interface with the STM8S microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com