Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC431LC5SK.5TRT Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC431LC5SK.5TRT
Description  Low Voltage Adjustable Shunt Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC431LC5SK.5TRT Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC431LC5SK.5TRT Datasheet HTML 2Page - Semtech Corporation SC431LC5SK.5TRT Datasheet HTML 3Page - Semtech Corporation SC431LC5SK.5TRT Datasheet HTML 4Page - Semtech Corporation SC431LC5SK.5TRT Datasheet HTML 5Page - Semtech Corporation SC431LC5SK.5TRT Datasheet HTML 6Page - Semtech Corporation SC431LC5SK.5TRT Datasheet HTML 7Page - Semtech Corporation SC431LC5SK.5TRT Datasheet HTML 8Page - Semtech Corporation SC431LC5SK.5TRT Datasheet HTML 9Page - Semtech Corporation SC431LC5SK.5TRT Datasheet HTML 10Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
 2008 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC431L
Cathode Current vs.
Cathode Voltage
Cathode Current vs.
Cathode Voltage
Reference Voltage vs.
Junction Temperature
Reference Input Current vs.
Junction Temperature
Ratio of Delta Reference Voltage to Delta Cathode
Voltage vs. Junction Temperature
Off-State Cathode Current
vs. Junction Temperature
Typical Characteristics
-300
-200
-100
0
100
200
300
-1
-0.5
00.511.5
VZ (V)
VZ = VREF
TA = 25
oC
-150
-100
-50
0
50
100
150
-1.5
-1
-0.5
0
0.5
1
1.5
VZ (V)
VZ = VREF
TA = 25
oC
1.234
1.236
1.238
1.240
1.242
1.244
1.246
1.248
-50
-25
0
25
50
75
100
125
150
TJ (°C)
IZ = 10mA
IZ = 60µA
50
75
100
125
150
-50
-25
0
25
50
75
100
125
150
TJ (°C)
IZ = 10mA
R1 = 10k
R2 =
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
-50
-25
0
25
50
75
100
125
150
TJ (°C)
IZ = 10mA
∆VZ = 16V to VREF
0
50
100
150
200
250
-50
-25
0
25
50
75
100
125
150
TJ (°C)
VREF = 0V
VZ = 6V
VZ = 16V


Similar Part No. - SC431LC5SK.5TRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC431LC5SK-1 SEMTECH-SC431LC5SK-1 Datasheet
261Kb / 7P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR?
SC431LC5SK-2 SEMTECH-SC431LC5SK-2 Datasheet
261Kb / 7P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR?
SC431LC5SK-5 SEMTECH-SC431LC5SK-5 Datasheet
261Kb / 7P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR?
More results

Similar Description - SC431LC5SK.5TRT

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AHK432 AAT-AHK432 Datasheet
152Kb / 10P
   Adjustable Low Voltage Shunt Regulator
logo
Champion Microelectroni...
CM431 CHAMP-CM431 Datasheet
221Kb / 12P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
Semtech Corporation
SC431L SEMTECH-SC431L_07 Datasheet
207Kb / 10P
   Low Voltage Adjustable Shunt Regulator
logo
List of Unclassifed Man...
CM431A ETC-CM431A Datasheet
416Kb / 14P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
Advanced Analogic Techn...
AHK432 ANALOGICTECH-AHK432_05 Datasheet
152Kb / 10P
   Adjustable Low Voltage Shunt Regulator
logo
List of Unclassifed Man...
CM431L ETC1-CM431L Datasheet
354Kb / 13P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
Champion Microelectroni...
CM431A CHAMP-CM431A Datasheet
348Kb / 14P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
List of Unclassifed Man...
CM431 ETC-CM431 Datasheet
223Kb / 12P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
Semtech Corporation
SC431L SEMTECH-SC431L Datasheet
261Kb / 7P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR?
logo
Advanced Analogic Techn...
AHK432 ANALOGICTECH-AHK432 Datasheet
274Kb / 8P
   Adjustable Low Voltage Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com