Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2016L030 Datasheet(PDF) 1 Page - Littelfuse

Part # 2016L030
Description  POLYFUSE짰 Resettable PTCs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

2016L030 Datasheet(HTML) 1 Page - Littelfuse

  2016L030_08 Datasheet HTML 1Page - Littelfuse 2016L030_08 Datasheet HTML 2Page - Littelfuse 2016L030_08 Datasheet HTML 3Page - Littelfuse 2016L030_08 Datasheet HTML 4Page - Littelfuse 2016L030_08 Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
©2008 Littelfuse, Inc.
Revised: October 24, 2008
POLYFUSE® Resettable PTCs
Surface Mount > 2016L Series
2016L Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/2016L.html for current information.
2016L Series
The 2016L Series device provides surface mount
overcurrent protection for low voltage (≤60V) applications
where resettable protection is desired.
Electrical Characteristics
Part Number
Marking
I
hold
(A)
I
trip
(A)
V
max
(Vdc)
I
max
(A)
P
d
max.
(W)
MaximumTime
ToTrip
Resistance
Agency
Approvals
Current
(A)
Time
(Sec.)
R
min
(Ω)
R
typ
(Ω)
R
1max
(Ω)
2016L030
LF030
0.30
0.60
60
20
1.40
1.50
3.00
0.500
1.400
2.300
XX
2016L050
LF050
0.55
1.10
60
20
1.40
2.50
5.00
0.200
0.700
1.000
XX
2016L100
LF100
1.10
2.20
15
40
1.40
8.00
0.50
0.100
0.250
0.400
XX
2016L100/33
LF100-33
1.10
2.20
33
40
1.40
8.00
0.50
0.100
0.250
0.400
XX
2016L150
LF150
1.50
3.00
15
40
1.40
8.00
1.00
0.070
0.130
0.180
XX
2016L200
LF200
2.00
4.20
6
40
1.40
8.00
3.00
0.048
0.070
0.100
XX
I
hold = Hold current: maximum current device will pass without tripping in 20°C still air.
I
trip = Trip current: minimum current at which the device will trip in 20°C still air.
V
max = Maximum voltage device can withstand without damage at rated current (I max)
I
max = Maximum fault current device can withstand without damage at rated voltage (Vmax)
P
d = Power dissipated from device when in the tripped state at 20°C still air.
R
min = Minimum resistance of device in initial (un-soldered) state.
R
typ = Typical resistance of device in initial (un-soldered) state.
R
1max = Maximum resistance of device at 20°C measured one hour after tripping or reflow
soldering of 260°C for 20 sec.
Caution: Operation beyond the specified rating may result in damage and possible arcing
and flame.
Description
Features
Applications
lead-free
currents
protection (IEEE 802.3 af)
control module protection
equipment protection
Agency Approvals
AGENCY
AGENCY FILE NUMBER
E183209
R50119118


Similar Part No. - 2016L030_08

ManufacturerPart #DatasheetDescription
logo
Littelfuse
2016L030DR LITTELFUSE-2016L030DR Datasheet
768Kb / 5P
   POLY-FUSE Resettable PTCs
2016L030 LITTELFUSE-2016L030_11 Datasheet
253Kb / 5P
   The 2016L Series PTC provides surface mount overcurrent High voltage
More results

Similar Description - 2016L030_08

ManufacturerPart #DatasheetDescription
logo
Littelfuse
600R150 LITTELFUSE-600R150 Datasheet
354Kb / 5P
   POLYFUSE짰 Resettable PTCs
0603L LITTELFUSE-0603L_10 Datasheet
316Kb / 5P
   POLYFUSE짰 Resettable PTCs
250S130_0911 LITTELFUSE-250S130_0911 Datasheet
464Kb / 5P
   POLYFUSE짰 Resettable PTCs
30R500UMR LITTELFUSE-30R500UMR Datasheet
259Kb / 7P
   POLYFUSE짰 Resettable PTCs
1210L110WR LITTELFUSE-1210L110WR Datasheet
157Kb / 5P
   POLYFUSE짰 Resettable PTCs
60R010 LITTELFUSE-60R010_06 Datasheet
417Kb / 5P
   POLYFUSE짰 Resettable PTCs
15ST120 LITTELFUSE-15ST120 Datasheet
299Kb / 3P
   POLYFUSE짰 Resettable PTCs
15LT070 LITTELFUSE-15LT070 Datasheet
358Kb / 4P
   POLYFUSE짰 Resettable PTCs
16VT170 LITTELFUSE-16VT170 Datasheet
420Kb / 5P
   POLYFUSE짰 Resettable PTCs
06R075B LITTELFUSE-06R075B Datasheet
530Kb / 5P
   POLYFUSE짰 Resettable PTCs
16R400GU LITTELFUSE-16R400GU Datasheet
225Kb / 6P
   POLYFUSE짰 Resettable PTCs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com