Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GXP6H Datasheet(PDF) 4 Page - Baumer IVO GmbH & Co. KG

Part # GXP6H
Description  Absolute encoders - bus interfaces
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

GXP6H Datasheet(HTML) 4 Page - Baumer IVO GmbH & Co. KG

  GXP6H Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG GXP6H Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG GXP6H Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG GXP6H Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.baumerivo.com
www.baumerivo.com
Absolute encoders - bus interfaces
www.baumerivo.com
4
Dimensions
56.5
50
1
6
13.3
15
75
3.5
6.5
38
ø60
M4 x 8
GXP6H
Hollow shaft ø14 mm
Multiturn encoder 13 bit ST / 12 bit MT, Interbus


Similar Part No. - GXP6H

ManufacturerPart #DatasheetDescription
logo
Ruilongyuan Electronics...
GXP60 RUILON-GXP60 Datasheet
630Kb / 5P
   2-electrode Spark Gap
GXP65 RUILON-GXP65 Datasheet
630Kb / 5P
   2-electrode Spark Gap
logo
Baumer IVO GmbH & Co. K...
GXP6W IVO-GXP6W Datasheet
731Kb / 4P
   Absolute encoders - bus interfaces
GXP6W.0102001 IVO-GXP6W.0102001 Datasheet
731Kb / 4P
   Absolute encoders - bus interfaces
GXP6W.010A001 IVO-GXP6W.010A001 Datasheet
731Kb / 4P
   Absolute encoders - bus interfaces
More results

Similar Description - GXP6H

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
X700.P111205 IVO-X700.P111205 Datasheet
518Kb / 4P
   Absolute encoders - bus interfaces
GBP5H IVO-GBP5H Datasheet
565Kb / 4P
   Absolute encoders - bus interfaces
GXP5W IVO-GXP5W Datasheet
779Kb / 4P
   Absolute encoders - bus interfaces
GBP5W IVO-GBP5W Datasheet
703Kb / 4P
   Absolute encoders - bus interfaces
GXM7W-RS485 IVO-GXM7W-RS485 Datasheet
688Kb / 4P
   Absolute encoders - bus interfaces
GXM7S-RS485 IVO-GXM7S-RS485 Datasheet
643Kb / 4P
   Absolute encoders - bus interfaces
GXP5S IVO-GXP5S Datasheet
610Kb / 4P
   Absolute encoders - bus interfaces
GXP6W IVO-GXP6W Datasheet
731Kb / 4P
   Absolute encoders - bus interfaces
GXP8W IVO-GXP8W Datasheet
571Kb / 4P
   Absolute encoders - bus interfaces
GXM7W.010A002 IVO-GXM7W.010A002 Datasheet
655Kb / 4P
   Absolute encoders - bus interfaces
G0P5H IVO-G0P5H Datasheet
564Kb / 4P
   Absolute encoders - bus interfaces
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com