Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC2923FBD100 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # LPC2923FBD100
Description  ARM9 microcontroller with CAN, LIN, and USB device
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2923FBD100 Datasheet(HTML) 5 Page - NXP Semiconductors

  LPC2923FBD100 Datasheet HTML 1Page - NXP Semiconductors LPC2923FBD100 Datasheet HTML 2Page - NXP Semiconductors LPC2923FBD100 Datasheet HTML 3Page - NXP Semiconductors LPC2923FBD100 Datasheet HTML 4Page - NXP Semiconductors LPC2923FBD100 Datasheet HTML 5Page - NXP Semiconductors LPC2923FBD100 Datasheet HTML 6Page - NXP Semiconductors LPC2923FBD100 Datasheet HTML 7Page - NXP Semiconductors LPC2923FBD100 Datasheet HTML 8Page - NXP Semiconductors LPC2923FBD100 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 81 page
background image
LPC2921_2923_2925_0
© NXP B.V. 2008. All rights reserved.
Preliminary data sheet
Rev. 00.01 — 24 October 2008
5 of 81
NXP Semiconductors
LPC2921/2923/2925
ARM9 microcontroller with CAN and LIN
5.
Pinning information
5.1 Pinning
5.2 Pin description
5.2.1 General description
The LPC2921/2923/2925 uses three ports: port 1 with 32 pins, port 1 with 28 pins, and
port 5 with 2 pins. Ports 4/3/2 are not used. The pin to which each function is assigned is
controlled by the SFSP registers in the SCU. The functions combined on each port pin are
shown in the pin description tables in this section.
5.2.2 LQFP100 pin assignment
Fig 2.
Pin configuration for SOT407-1 (LQFP100)
LPC2921FBD100
LPC2923FBD100
LPC2925FBD100
75
51
1
25
002aae242
Table 3.
LQFP100 pin assignment
Pin name
Pin
Description
Function 0 (default)
Function 1
Function 2
Function 3
TDO
1[1]
IEEE 1149.1 test data out
P0[24]/TXD1/
TXDC1/SCS2[0]
2[1]
GPIO 0, pin 24
UART1 TXD
CAN1 TXD
SPI2 SCS0
P0[25]/RXD1/
RXDC1/SDO2
3[1]
GPIO 0, pin 25
UART1 RXD
CAN1 RXD
SPI2 SDO
P0[26]/TXD1/SDI2
4[1]
GPIO 0, pin 26
-
UART1 TXD
SPI2 SDI
P0[27]/RXD1/SCK2
5[1]
GPIO 0, pin 27
-
UART1 RXD
SPI2 SCK
P0[28]/CAP0[0]/
MAT0[0]
6[1]
GPIO 0, pin 28
-
TIMER0 CAP0
TIMER0 MAT0
P0[29]/CAP0[1]/
MAT0[1]
7[1]
GPIO 0, pin 29
-
TIMER0 CAP1
TIMER0 MAT1
VDD(IO)
8
3.3 V power supply for I/O
P0[30]/CAP0[2]/
MAT0[2]
9[1]
GPIO 0, pin 30
-
TIMER0 CAP2
TIMER0 MAT2
P0[31]/CAP0[3]/
MAT0[3]
10[1]
GPIO 0, pin 31
-
TIMER0 CAP3
TIMER0 MAT3
VSS(IO)
11
ground for I/O


Similar Part No. - LPC2923FBD100

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2923FBD100 NXP-LPC2923FBD100 Datasheet
391Kb / 83P
   ARM9 microcontroller with CAN, LIN, and USB
Rev. 01-15 June 2009
LPC2923FBD100 NXP-LPC2923FBD100 Datasheet
571Kb / 84P
   ARM9 microcontroller with CAN, LIN, and USB
Rev. 03-14 April 2010
More results

Similar Description - LPC2923FBD100

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2927 NXP-LPC2927_10 Datasheet
637Kb / 95P
   ARM9 microcontroller with CAN, LIN, and USB
Rev. 04-14 April 2010
LPC2921 NXP-LPC2921 Datasheet
391Kb / 83P
   ARM9 microcontroller with CAN, LIN, and USB
Rev. 01-15 June 2009
LPC2921 NXP-LPC2921_10 Datasheet
571Kb / 84P
   ARM9 microcontroller with CAN, LIN, and USB
Rev. 03-14 April 2010
LPC2926 NXP-LPC2926 Datasheet
1Mb / 95P
   ARM9 microcontroller with CAN, LIN, and USB
Rev. 5-28 September 2010
LPC2939 NXP-LPC2939 Datasheet
2Mb / 99P
   ARM9 microcontroller with CAN, LIN, and USB
Rev. 03-7 April 2010
LPC2927 NXP-LPC2927 Datasheet
445Kb / 95P
   ARM9 microcontroller with CAN, LIN, and USB
Rev. 02-22 June 2009
LPC2930 NXP-LPC2930 Datasheet
670Kb / 98P
   ARM9 flashless microcontroller with CAN, LIN, and USB
Rev. 03-16 April 2010
LPC2917 PHILIPS-LPC2917 Datasheet
1Mb / 68P
   ARM9 microcontroller with CAN and LIN
Rev.1.01-15 November 2007
LPC2917 NXP-LPC2917 Datasheet
411Kb / 86P
   ARM9 microcontroller with CAN and LIN
Rev. 02-17 June 2009
logo
Microchip Technology
PIC32 MICROCHIP-PIC32 Datasheet
1Mb / 6P
   PIC32 Microcontroller Families With USB, CAN and Ethernet
Winter 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com