Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M410.010A03A Datasheet(PDF) 3 Page - Baumer IVO GmbH & Co. KG

Part # M410.010A03A
Description  Totalizers mechanic
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

M410.010A03A Datasheet(HTML) 3 Page - Baumer IVO GmbH & Co. KG

  M410.010A03A Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG M410.010A03A Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG M410.010A03A Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG M410.010A03A Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.baumerivo.com
Totalizers mechanic
3
www.baumerivo.com
www.baumerivo.com
H 410, M 410, U 410, M 411, U 411
Stroke, meter and revolution counters
Display 5 digits, manual reset by lever
Part number
H 410. 010 A
02
Display / direction of stroke
A 5-digits 99 999 / I
B 5-digits 99 999 / II
Count mode / drive
02 1 stroke = 1 digit / drive shaft on
both sides
Housing
A Surface mount housing, grey
Reset
010 With reset lever
M 410. 010
Display / direction of rotation
C 5-digits 9999.9 / I
D 5-digits 9999.9 / II
E 5-digits 999,99 / I
F 5-digits 999,99 / II
G 5-digits 9999.95 / I
H 5-digits 9999.95 / II
Count mode / drive
02 1 revolution = 10 digits =
1.0 m / drive shaft on both sides
03 2 revolutions = 10 digits =
1.0 m / drive shaft on both sides
04 5 revolutions = 10 digits =
1.0 m / drive shaft on both sides
06 5 revolutions = 100 digits =
1.0 m / drive shaft on both sides
07 2 revolutions = 100 digits =
1.0 m / drive shaft on both sides
Housing
A Surface mount housing, grey
B Surface mount housing with hinge plate
Reset
010 With reset lever
M 411. 010 A
03
Display / direction of rotation
C 5-digits 9999.9 / I
D 5-digits 9999.9 / II
Count mode / drive
03 2 revolutions = 10 digits
= 1.0 m / drive shaft at bottom
Housing
A Surface mount housing, grey
Reset
010 With reset lever
U 410. 010 A
Display / direction of rotation
A 5-digits 99 999 / I
B 5-digits 99 999 / II
Count mode / drive
01 1 revolution = 1 digit / drive shaft on
both sides
02 1 revolution = 10 digits / drive shaft
on both sides
Housing
A Surface mount housing, grey
Reset
010 With reset lever
U 411. 010 A
01
Display / direction of rotation
A 5-digits 99 999 / I
B 5-digits 99 999 / II
Count mode / drive
01 1 revolution = 1 digit / drive shaft at
bottom
Housing
A Surface mount housing, grey
Reset
010 With reset lever
Stroke counter
Meter counter
Meter counter
Revolution counter
Revolution counter


Similar Part No. - M410.010A03A

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
M410.A01 IVO-M410.A01 Datasheet
309Kb / 2P
   Totalizers mechanic
M410.A02 IVO-M410.A02 Datasheet
309Kb / 2P
   Totalizers mechanic
More results

Similar Description - M410.010A03A

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
H127 IVO-H127 Datasheet
494Kb / 4P
   Totalizers mechanic
T130 IVO-T130 Datasheet
294Kb / 2P
   Totalizers mechanic
M410A IVO-M410A Datasheet
309Kb / 2P
   Totalizers mechanic
T120 IVO-T120 Datasheet
313Kb / 2P
   Totalizers mechanic
H126 IVO-H126 Datasheet
346Kb / 2P
   Totalizers mechanic
H400 IVO-H400 Datasheet
508Kb / 4P
   Totalizers mechanic
M275 IVO-M275 Datasheet
362Kb / 2P
   Totalizers mechanic
H300 IVO-H300 Datasheet
451Kb / 4P
   Totalizers mechanic
H310 IVO-H310 Datasheet
448Kb / 4P
   Totalizers mechanic
M310A IVO-M310A Datasheet
305Kb / 2P
   Totalizers mechanic
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com