Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MR241.05 Datasheet(PDF) 2 Page - Baumer IVO GmbH & Co. KG

Part # MR241.05
Description  Accessories & Service
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

MR241.05 Datasheet(HTML) 2 Page - Baumer IVO GmbH & Co. KG

  MR241.05 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG MR241.05 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.baumerivo.com
www.baumerivo.com
Accessories & Service
www.baumerivo.com
2
Measuring wheels
- 20 cm circumference
Part number
MR211.
A
Bore
04 ø4 mm
07 ø7 mm
MR241.
D
Bore
04 ø4 mm
05 ø5 mm
06 ø6 mm
07 ø7 mm
10 ø10 mm
MR261.
A
Bore
04 ø4 mm
06 ø6 mm
07 ø7 mm
10 ø10 mm
MR291.
D
Bore
04 ø4 mm
05 ø5 mm
06 ø6 mm
07 ø7 mm
10 ø10 mm
- 50 cm circumference
Part number
MR512.
A
Bore
07 ø7 mm
10 ø10 mm
MR542.
D
Bore
06 ø6 mm
07 ø7 mm
10 ø10 mm
12 ø12 mm
MR552.
A
Bore
07 ø7 mm
10 ø10 mm
MR562.
A
Bore
07 ø7 mm
10 ø10 mm
MR592.
D
Bore
06 ø6 mm
07 ø7 mm
10 ø10 mm
12 ø12 mm
- 1 foot circumference
Part number
MR752.
A
Bore
04 ø4 mm
07 ø7 mm
10 ø10 mm
Dimensions
159.15 ±0.2
24.8 ±0.3
33
M5 x 8
DIN914
MR241, MR291
M4 x 6
DIN916
63.66 ±0.1
12
17.5
MR542, MR592


Similar Part No. - MR241.05

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MR2410 MCC-MR2410 Datasheet
99Kb / 3P
   Recovery Rectifier 50 - 1000 Volts 24 Amp
logo
Shanghai Lunsure Electr...
MR2410 CHENYI-MR2410 Datasheet
63Kb / 3P
   24Amp recovery rectifier 50-1000 volts
logo
Digitron Semiconductors
MR2410 DIGITRON-MR2410 Datasheet
463Kb / 4P
   RECOVERY RECTIFIER
logo
Micro Commercial Compon...
MR2410FR MCC-MR2410FR Datasheet
79Kb / 4P
   24 Amp Fast Recovery Rectifiers 50-1000 Volt
logo
Shanghai Lunsure Electr...
MR2410FR CHENYI-MR2410FR Datasheet
118Kb / 3P
   24Amp rectifier 50-1000 volts
More results

Similar Description - MR241.05

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
Z182 IVO-Z182 Datasheet
162Kb / 1P
   Accessories & Service
Z00105A IVO-Z00105A Datasheet
158Kb / 1P
   Accessories & Service
Z119006 IVO-Z119006 Datasheet
155Kb / 1P
   Accessories & Service
Z119025 IVO-Z119025 Datasheet
167Kb / 1P
   Accessories & Service
Z139005 IVO-Z139005 Datasheet
204Kb / 1P
   Accessories & Service
Z150022 IVO-Z150022 Datasheet
147Kb / 1P
   Accessories & Service
Z119 IVO-Z119 Datasheet
156Kb / 1P
   Accessories & Service
Z181 IVO-Z181 Datasheet
212Kb / 1P
   Accessories & Service
Z127 IVO-Z127 Datasheet
155Kb / 1P
   Accessories & Service
Z119023 IVO-Z119023 Datasheet
219Kb / 1P
   Accessories & Service
Z119037 IVO-Z119037 Datasheet
164Kb / 1P
   Accessories & Service
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com