Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N142 Datasheet(PDF) 3 Page - Baumer IVO GmbH & Co. KG

Part # N142
Description  Spindle Position Displays
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

N142 Datasheet(HTML) 3 Page - Baumer IVO GmbH & Co. KG

  N142 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG N142 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG N142 Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG N142 Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.baumerivo.com
Spindle Position Displays
3
www.baumerivo.com
www.baumerivo.com
N 142
Hollow shaft max. ø25 mm, automatic format alignment
Display LCD two lines, interface RS485
24 V
0 V
IN 1 output
IN 1 input
IN 2 output
IN 2 input
(logic 24 V)
1
2
3
4
5
6
7
8
OUT 1
IN 1 (left)
IN 2 (right)
IN 4 (speed)
24 V
n.c.
n.c.
AI- (0...10 V)
AI+ (0...10 V)
OUT 3 (fault)
IN 3 (speed)
0 V
A
B
C
D
E
F
G
H
J
K
L
M
supply
voltage
Error
SPA
Motor
Motor left
Motor right
Speed
n.c.
key 1 external
key 2 external
n.c.
n.c.
Error signal
Speed
GND
release
counter-
clockwise
Enable
n.c.
release
clockwise
M
Circuit diagram
SPA connector and female connector, 5-pin
Connector
Assignment
Pin 1
Sensor supply +24 V
Pin 2
Sensor supply 0 V
Pin 3
Pin 4
Tx/Rx+, RS485
Pin 5
Tx/Rx-, RS485
2
1
3
4
5
2
1
3
4
5
M16 connector
M16 female
connector
Motor connector, 12-pin
Connector
Assignment
Pin A
Pin B
Motor left
Pin C
Motor right
Pin D
Speed
Pin E
Pin F
Key 1 external
Pin G
Key 2 external
Pin H
Pin J
Pin K
Error signal
Pin L
Speed
Pin M
GND
A
B
D
C
E
F G
H
J
K
M
L
M16 male connector
Terminal assignment


Similar Part No. - N142

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N1420A KEYSIGHT-N1420A Datasheet
6Mb / 16P
   Femto/Picoammeter and Electrometer/High Resistance Meter
N1422A KEYSIGHT-N1422A Datasheet
6Mb / 16P
   Femto/Picoammeter and Electrometer/High Resistance Meter
More results

Similar Description - N142

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
N150 IVO-N150 Datasheet
457Kb / 4P
   Spindle Position Displays
N140 IVO-N140 Datasheet
453Kb / 4P
   Spindle Position Displays
N141 IVO-N141 Datasheet
455Kb / 4P
   Spindle Position Displays
N152 IVO-N152 Datasheet
489Kb / 4P
   Spindle Position Displays
N153 IVO-N153 Datasheet
474Kb / 4P
   Spindle Position Displays
GK473 IVO-GK473 Datasheet
568Kb / 4P
   Gateway Fieldbus interface for spindle position displays CANopen, DeviceNet, Profibus-DP
logo
STMicroelectronics
L6232A STMICROELECTRONICS-L6232A Datasheet
533Kb / 8P
   SPINDLE DRIVER
L6232B STMICROELECTRONICS-L6232B Datasheet
534Kb / 8P
   SPINDLE DRIVER
L6232E STMICROELECTRONICS-L6232E Datasheet
114Kb / 10P
   SPINDLE DRIVER
logo
List of Unclassifed Man...
23EXA104MLB22A ETC2-23EXA104MLB22A Datasheet
69Kb / 4P
   Spindle Operated Potentiometers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com