Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U400.010A02D Datasheet(PDF) 3 Page - Baumer IVO GmbH & Co. KG

Part # U400.010A02D
Description  Totalizers mechanic
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

U400.010A02D Datasheet(HTML) 3 Page - Baumer IVO GmbH & Co. KG

  U400.010A02D Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG U400.010A02D Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG U400.010A02D Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG U400.010A02D Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.baumerivo.com
Totalizers mechanic
3
www.baumerivo.com
www.baumerivo.com
H 400, M 400, U 400, U 401
Stroke, meter and revolution counters
Display 7-digits, reset by key
Part number
H 400. 010 A
02
Display / direction of stroke
A 7-digits 9 999 999 / I
B 7-digits 9 999 999 / II
Count mode / drive
02 1 stroke = 1 digit / drive shaft on
both sides
Housing
A Surface mount housing, grey
Reset
010 With detachable key
M 400.0
0
03
Display / direction of
rotation
C 7-digits 999999.9 / I
D 7-digits 999999.9 / II
Count mode / drive
03 2 revolutions = 10 digits =
1.0 m / drive shaft on both sides
Housing
A Surface mount housing, grey
B Surface mount housing with hinge
plate
Reset / count mode
1 With detachable key / adding
Subtracting: only first digit down to 0
2 With detachable key / adding - subtracting
U 400.0
0 A
Display / direction of
rotation
C 7-digits 9999999 / I
D 7-digits 9999999 / II
Count mode / drive
01 1 revolution = 1 digit / drive
shaft at right
always adding
02 1 revolution = 1 digit / drive
shaft at right
adding / subtracting
Housing
A Surface mount housing, grey
Reset / count mode
1 With detachable key / adding
Subtracting: only first digit down to 0
or always adding
2 With detachable key / adding - subtracting
U 401.0
0 A
01
Display / direction of
rotation
A 7-digits 9 999 999 / I
B 7-digits 9 999 999 / II
Count mode / drive
01 1 revolution = 1 digit / drive
shaft at bottom
Housing
A Surface mount housing, grey
Reset / count mode
1 With detachable key / adding
Subtracting: only first digit down to 0
2 With detachable key / adding - subtracting
Stroke counter
Meter counter
Revolution counter
Revolution counter


Similar Part No. - U400.010A02D

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
U400 VBSEMI-U400 Datasheet
978Kb / 7P
   N-Channel 60 V (D-S) MOSFET
More results

Similar Description - U400.010A02D

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
H127 IVO-H127 Datasheet
494Kb / 4P
   Totalizers mechanic
T130 IVO-T130 Datasheet
294Kb / 2P
   Totalizers mechanic
M410A IVO-M410A Datasheet
309Kb / 2P
   Totalizers mechanic
T120 IVO-T120 Datasheet
313Kb / 2P
   Totalizers mechanic
H126 IVO-H126 Datasheet
346Kb / 2P
   Totalizers mechanic
H410 IVO-H410 Datasheet
512Kb / 4P
   Totalizers mechanic
M275 IVO-M275 Datasheet
362Kb / 2P
   Totalizers mechanic
H300 IVO-H300 Datasheet
451Kb / 4P
   Totalizers mechanic
H310 IVO-H310 Datasheet
448Kb / 4P
   Totalizers mechanic
M310A IVO-M310A Datasheet
305Kb / 2P
   Totalizers mechanic
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com