Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE215.013AX06 Datasheet(PDF) 1 Page - Baumer IVO GmbH & Co. KG

Part # NE215.013AX06
Description  Preset counters electronic
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

NE215.013AX06 Datasheet(HTML) 1 Page - Baumer IVO GmbH & Co. KG

  NE215.013AX06 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG NE215.013AX06 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG NE215.013AX06 Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG NE215.013AX06 Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.baumerivo.com
Preset counters electronic
1
www.baumerivo.com
www.baumerivo.com
NE215 - PTB Preset counter
Features
PTB Meter counter with two presets
Display 8-digits
Batch counter, totalizer, hour conter
Measurements in cm and mm
Connection: PTB encoder
Batch counter with preset and multiplier
Interface RS232 or RS422/RS485
NE215
2 presets, meter counters PTB approved
Display LED, 8-digits, programmable
Technical data - electrical ratings
Voltage supply
85...265 VAC (50/60 Hz)
24/48 VAC ±10 % (50/60 Hz)
24 VDC ±10 %
Power consumption
7 VA, 6 W
Sensor supply
12...26 VDC / max. 80 mA
Display
LED, 7-segment display
Number of digits
6-digits (totalizer)
8-digits (preset counter)
Digit height
7.6 mm
Function
Preset counter
Main counter with 2 presets
Batch counter with 1 preset
Totalizer
Hour counter
Scaling factor
0.0001...9999.99
Multitplier / batch counter 1...999
Count mode
A 90° B phase evaluation
Counting frequency
Approx. 10 kHz
Operating mode
Step preset
Data memory
>10 years in EEPROM
Reset
Button, electric or automatic
Outputs relay
Potential-free change-over
contact for main counter
Normally open/closed potential-
free for B1
Output holding time
0.01...99.99 s
Interfaces
RS232, RS485
Standard
DIN EN 61010-1
Protection class II
Overvoltage category II
Pollution degree 2
Emitted interference
DIN EN 61000-6-3
Interference immunity
DIN EN 61000-6-2
Programmable
parameters
Scaling factor
Sensor logic
Printer trigger
Technical data - mechanical design
Operating temperature
0...+50 °C
Storing temperature
-20...+70 °C
Relative humidity
80 % non-condensing
E-connection
Plug-in screw terminals
Core cross-section
1.5 mm²
Protection DIN EN 60529 IP 65 face with seal
Operation / keypad
10 figure keypad with 5 function
keys
Housing type
Built-in housing
Dimensions W x H x L
72 x 72 x 105 mm
Installation depth
105 mm
Mounting
Clip frame
Cutout dimensions
68 x 68 mm (+0.7)
Materials
Housing: Makrolon 6485 (PC)
Keypad: Polyester
Weight approx.
450 g (AC), 320 g (DC)
Technical data - electrical ratings
PTB approval
1.3 / 93.15
Approvals
UL/cUL, CE conform


Similar Part No. - NE215.013AX06

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
NE210 IVO-NE210 Datasheet
409Kb / 2P
   Preset counters electronic
NE210.011AXA1 IVO-NE210.011AXA1 Datasheet
409Kb / 2P
   Preset counters electronic
NE210.012AXA1 IVO-NE210.012AXA1 Datasheet
409Kb / 2P
   Preset counters electronic
NE210.013AXA1 IVO-NE210.013AXA1 Datasheet
409Kb / 2P
   Preset counters electronic
NE210.021AXA1 IVO-NE210.021AXA1 Datasheet
409Kb / 2P
   Preset counters electronic
More results

Similar Description - NE215.013AX06

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
NE212 IVO-NE212 Datasheet
565Kb / 4P
   Preset counters electronic
NE134 IVO-NE134 Datasheet
428Kb / 2P
   Preset counters electronic
NE210 IVO-NE210 Datasheet
409Kb / 2P
   Preset counters electronic
NE218 IVO-NE218 Datasheet
451Kb / 2P
   Preset counters electronic
NE214 IVO-NE214 Datasheet
458Kb / 2P
   Preset counters electronic
NE230 IVO-NE230 Datasheet
431Kb / 2P
   Preset counters electronic
NE216 IVO-NE216 Datasheet
417Kb / 2P
   Preset counters electronic
NE213 IVO-NE213 Datasheet
559Kb / 4P
   Preset counters electronic
ME280PTB IVO-ME280PTB Datasheet
313Kb / 2P
   Preset counters mechanic
FS218 IVO-FS218 Datasheet
471Kb / 4P
   Preset counters electromechanic
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com