Electronic Components Datasheet Search |
|
X700.123450 Datasheet(PDF) 1 Page - Baumer IVO GmbH & Co. KG |
|
X700.123450 Datasheet(HTML) 1 Page - Baumer IVO GmbH & Co. KG |
1 / 2 page www.baumerivo.com Incremental encoders 1 www.baumerivo.com www.baumerivo.com X 700 with EX-proof housing Features Encoder incremental / ATEX – Optical sensing – Resolution max. 5000 ppr – Clamping flange / shaft ø10 mm – Explosion-proof in line with EEx d IIC T4 – Area of application: EX I/II 2 GD / ATEX 133213X – Material stainless steel – Technical data - electrical ratings Voltage supply 4.75...30 VDC Reverse polarity protection Yes Consumption w/o load ≤50 mA Resolution (steps/turn) 5...5000 Reference signal Zero pulse, width 90° Sensing method Optical Output frequency ≤300 kHz Output signals A 90° B, N + inverted Output circuit Push-pull short-circuit proof Interference immunity DIN EN 61000-6-2 Emitted interference DIN EN 61000-6-4 X 700 - incremental Technical data - mechanical design Housing ø70 mm Shaft ø10 mm (clamping flange) Flange Clamping flange Protection DIN EN 60529 IP 67 Operating speed ≤6000 rpm Starting torque ≤0.04 Nm Admitted shaft load ≤60 N axial ≤50 N radial Materials Housing: stainless steel Flange: stainless steel Operating temperature -25...+70 °C Relative humidity 95 % non-condensing Resistance DIN EN 60068-2-6 Vibration 10 g, 12-2000 Hz DIN EN 60068-2-27 Shock 100 g, 6 ms Weight approx. 1300 g E-connection Cable 2 m (other length upon request) EX approval ATEX EEx d IIC T4 Resolution 5...5000 pulses 90° Track A Track A Track B Track B Zero pulse Zero pulse Clockwise rotating direction when looking at flange. Optional: other reference impulse. Output signals |
Similar Part No. - X700.123450 |
|
Similar Description - X700.123450 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |