Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z130.007 Datasheet(PDF) 1 Page - Baumer IVO GmbH & Co. KG

Part # Z130.007
Description  Accessories & Service
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

Z130.007 Datasheet(HTML) 1 Page - Baumer IVO GmbH & Co. KG

  Z130.007 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.baumerivo.com
Accessories & Service
1
Connectors and cables
Connectors and cables
Dimensions
Part number
Z 130.001
Female connector M23, 12-pin, less cable
Z 130.003
Female connector M23, 12-pin, 2 m cable
Z 130.005
Female connector M23, 12-pin, 5 m cable
Z 130.007
Female connector M23, 12-pin, 10 m cable
50
1
2
3
4
5
6
7
8
9
10 12
11


Similar Part No. - Z130.007

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
Z130 RECTRON-Z130 Datasheet
17Kb / 2P
   ZENER SILICON RETIFIER
logo
Formosa MS
Z130 FORMOSA-Z130 Datasheet
54Kb / 2P
   1WATT ZENER DIODE
logo
SEMTECH ELECTRONICS LTD...
Z130 SEMTECH_ELEC-Z130 Datasheet
217Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
New Jersey Semi-Conduct...
Z130 NJSEMI-Z130 Datasheet
94Kb / 1P
   PLASTIC PACKAGE HAS UNDERWRITERS LABORATORY FLAMMAHILITY CLASSIFICATION 94V-0
logo
EIC discrete Semiconduc...
Z1300 EIC-Z1300 Datasheet
22Kb / 1P
   SILICON ZENER DIODES
More results

Similar Description - Z130.007

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
Z182 IVO-Z182 Datasheet
162Kb / 1P
   Accessories & Service
Z00105A IVO-Z00105A Datasheet
158Kb / 1P
   Accessories & Service
Z119006 IVO-Z119006 Datasheet
155Kb / 1P
   Accessories & Service
Z119025 IVO-Z119025 Datasheet
167Kb / 1P
   Accessories & Service
Z139005 IVO-Z139005 Datasheet
204Kb / 1P
   Accessories & Service
Z150022 IVO-Z150022 Datasheet
147Kb / 1P
   Accessories & Service
Z119 IVO-Z119 Datasheet
156Kb / 1P
   Accessories & Service
Z181 IVO-Z181 Datasheet
212Kb / 1P
   Accessories & Service
Z127 IVO-Z127 Datasheet
155Kb / 1P
   Accessories & Service
Z119023 IVO-Z119023 Datasheet
219Kb / 1P
   Accessories & Service
Z119037 IVO-Z119037 Datasheet
164Kb / 1P
   Accessories & Service
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com