Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNK14N04FM Datasheet(PDF) 1 Page - STMicroelectronics

Part # VNK14N04FM
Description  ?쒹MNIFET?? FULLY AUTOPROTECTED POWER MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNK14N04FM Datasheet(HTML) 1 Page - STMicroelectronics

  VNK14N04FM Datasheet HTML 1Page - STMicroelectronics VNK14N04FM Datasheet HTML 2Page - STMicroelectronics VNK14N04FM Datasheet HTML 3Page - STMicroelectronics VNK14N04FM Datasheet HTML 4Page - STMicroelectronics VNK14N04FM Datasheet HTML 5Page - STMicroelectronics VNK14N04FM Datasheet HTML 6Page - STMicroelectronics VNK14N04FM Datasheet HTML 7Page - STMicroelectronics VNK14N04FM Datasheet HTML 8Page - STMicroelectronics VNK14N04FM Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
VNB14N04/K14N04FM
VNP14N04FI/VNV14N04
”OMNIFET”:
FULLY AUTOPROTECTED POWER MOSFET
June 1998
BLOCK DIAGRAM (
∗)
TYPE
Vclamp
RDS(on)
Ilim
VNB14N04
VNK14N04FM
VNP14N04FI
VNV14N04
42 V
42 V
42 V
42 V
0.07
0.07
0.07
0.07
14 A
14 A
14 A
14 A
s
LINEAR CURRENT LIMITATION
s
THERMAL SHUT DOWN
s
SHORT CIRCUIT PROTECTION
s
INTEGRATED CLAMP
s
LOW CURRENT DRAWN FROM INPUT PIN
s
DIAGNOSTIC FEEDBACK THROUGH INPUT
PIN
s
ESD PROTECTION
s
DIRECT ACCESS TO THE GATE OF THE
POWER MOSFET (ANALOG DRIVING)
s
COMPATIBLE WITH STANDARD POWER
MOSFET
DESCRIPTION
The VNB14N04, VNK14N04FM, VNP14N04FI
and VNV14N04 are monolithic devices made
using
STMicroelectronics
VIPower
M0
Technology,
intended
for
replacement
of
standard power MOSFETS in DC to 50 KHz
applications. Built-in thermal shut-down, linear
current limitation and overvoltage clamp protect
the chip in harsh enviroments.
Fault feedback can be detected by monitoring the
voltage at the input pin.
1
10
PowerSO-10
1
3
1
2
3
ISOWATT220
D2PAK
TO-263
SOT82-FM
(
∗) PowerSO-10 Pin Configuration : INPUT = 6,7,8,9,10; SOURCE = 1,2,4,5; DRAIN = TAB
®
1/14


Similar Part No. - VNK14N04FM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNK14N04FM STMICROELECTRONICS-VNK14N04FM Datasheet
522Kb / 17P
   "OMNIFET" fully autoprotected Power MOSFET
More results

Similar Description - VNK14N04FM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNP7N04 STMICROELECTRONICS-VNP7N04 Datasheet
133Kb / 11P
   ?쒹MNIFET?? FULLY AUTOPROTECTED POWER MOSFET
VNB10N07 STMICROELECTRONICS-VNB10N07 Datasheet
159Kb / 14P
   ?쒹MNIFET?? FULLY AUTOPROTECTED POWER MOSFET
VNP10N06 STMICROELECTRONICS-VNP10N06 Datasheet
126Kb / 11P
   ?쒹MNIFET?? FULLY AUTOPROTECTED POWER MOSFET
VND7N04 STMICROELECTRONICS-VND7N04 Datasheet
146Kb / 14P
   ?쒹MNIFET?? FULLY AUTOPROTECTED POWER MOSFET
VNP14N04 STMICROELECTRONICS-VNP14N04 Datasheet
132Kb / 11P
   ?쒹MNIFET?? FULLY AUTOPROTECTED POWER MOSFET
VNP20N07 STMICROELECTRONICS-VNP20N07 Datasheet
136Kb / 11P
   ?쒹MNIFET?? FULLY AUTOPROTECTED POWER MOSFET
VNH100N04 STMICROELECTRONICS-VNH100N04 Datasheet
91Kb / 7P
   ?쒹MNIFET?? FULLY AUTOPROTECTED POWER MOSFET
VNP10N07 STMICROELECTRONICS-VNP10N07 Datasheet
134Kb / 11P
   ?쒹MNIFET?? FULLY AUTOPROTECTED POWER MOSFET
VNP35N07FI STMICROELECTRONICS-VNP35N07FI Datasheet
139Kb / 13P
   ?쒹MNIFET?? FULLY AUTOPROTECTED POWER MOSFET
VNP5N07 STMICROELECTRONICS-VNP5N07 Datasheet
132Kb / 11P
   ?쒹MNIFET?? FULLY AUTOPROTECTED POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com