Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNP10N07FI Datasheet(PDF) 3 Page - STMicroelectronics

Part # VNP10N07FI
Description  ?쒹MNIFET?? FULLY AUTOPROTECTED POWER MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNP10N07FI Datasheet(HTML) 3 Page - STMicroelectronics

  VNP10N07FI Datasheet HTML 1Page - STMicroelectronics VNP10N07FI Datasheet HTML 2Page - STMicroelectronics VNP10N07FI Datasheet HTML 3Page - STMicroelectronics VNP10N07FI Datasheet HTML 4Page - STMicroelectronics VNP10N07FI Datasheet HTML 5Page - STMicroelectronics VNP10N07FI Datasheet HTML 6Page - STMicroelectronics VNP10N07FI Datasheet HTML 7Page - STMicroelectronics VNP10N07FI Datasheet HTML 8Page - STMicroelectronics VNP10N07FI Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
ELECTRICAL CHARACTERISTICS (continued)
DYNAMIC
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
gfs (
∗)Forward
Transconductance
VDS =13 V
ID =5 A
6
8
S
Coss
Output Capacit ance
VDS = 13 V
f = 1 MHz
Vin = 0
350
500
pF
SWITCHING (**)
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
td(on)
tr
td(off)
tf
Turn-on Delay Time
Rise Time
Turn-off Delay Time
Fall T ime
VDD =15 V
Id =5 A
Vgen =10 V
Rgen =10
(see f igure 3)
50
80
230
100
100
160
400
180
ns
ns
ns
ns
td(on)
tr
td(off)
tf
Turn-on Delay Time
Rise Time
Turn-off Delay Time
Fall T ime
VDD =15 V
Id =5 A
Vgen =10 V
Rgen = 1000
(see f igure 3)
600
0.9
3.8
1.7
900
2
6
2.5
ns
µs
µs
µs
(di/ dt)on
Turn-on Current Slope
VDD =15 V
ID =5 A
Vin =10 V
Rgen =10
60
A/
µs
Qi
Total Input Charge
VDD =12 V
ID =5 A
Vin = 10 V
30
nC
SOURCE DRAIN DIODE
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
VSD (
∗)Forward On Voltage
ISD =5 A
Vin =0
1.6
V
trr (
∗∗)
Qrr (
∗∗)
IRRM (
∗∗)
Reverse Recovery
Time
Reverse Recovery
Charge
Reverse Recovery
Current
ISD = 5 A
di/dt = 100 A/
µs
VDD =30 V
Tj =25
oC
(see t est circuit, figure 5)
125
0.3
4.8
ns
µC
A
PROTECTION
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
Ilim
Drain Current Limit
Vin =10 V
VDS =13 V
Vin =5 V
VDS =13 V
7
7
10
10
14
14
A
A
tdlim (
∗∗) Step Response
Current Limit
Vin =10 V
Vin =5 V
20
50
30
80
µs
µs
Tjsh (
∗∗) Overtemperature
Shutdown
150
oC
Tjrs (
∗∗) Overtemperature Reset
135
oC
Igf (
∗∗)
Fault Sink Current
Vin =10 V
VDS =13 V
Vin =5 V
VDS =13 V
50
20
mA
mA
Eas (
∗∗) Single Pulse
Avalanche Energy
st arting Tj =25
oCVDD =20 V
Vin =10 V
Rgen =1 K
Ω L= 10 mH
0. 4
J
(
∗) Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
(
∗∗) Parameters guaranteed by design/characterization
VNB10N07-VNK10N07FM-VNP10N07FI-VNV10N07
3/14


Similar Part No. - VNP10N07FI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNP10N07FI STMICROELECTRONICS-VNP10N07FI Datasheet
511Kb / 14P
   OMNIFET FULLY AUTOPROTECTED POWER MOSFET
VNP10N07FI STMICROELECTRONICS-VNP10N07FI Datasheet
399Kb / 14P
   FULLY AUTOPROTECTED POWER MOSFET
More results

Similar Description - VNP10N07FI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNB14N04 STMICROELECTRONICS-VNB14N04 Datasheet
157Kb / 14P
   ?쒹MNIFET?? FULLY AUTOPROTECTED POWER MOSFET
VNP7N04 STMICROELECTRONICS-VNP7N04 Datasheet
133Kb / 11P
   ?쒹MNIFET?? FULLY AUTOPROTECTED POWER MOSFET
VNP10N06 STMICROELECTRONICS-VNP10N06 Datasheet
126Kb / 11P
   ?쒹MNIFET?? FULLY AUTOPROTECTED POWER MOSFET
VND7N04 STMICROELECTRONICS-VND7N04 Datasheet
146Kb / 14P
   ?쒹MNIFET?? FULLY AUTOPROTECTED POWER MOSFET
VNP14N04 STMICROELECTRONICS-VNP14N04 Datasheet
132Kb / 11P
   ?쒹MNIFET?? FULLY AUTOPROTECTED POWER MOSFET
VNP20N07 STMICROELECTRONICS-VNP20N07 Datasheet
136Kb / 11P
   ?쒹MNIFET?? FULLY AUTOPROTECTED POWER MOSFET
VNH100N04 STMICROELECTRONICS-VNH100N04 Datasheet
91Kb / 7P
   ?쒹MNIFET?? FULLY AUTOPROTECTED POWER MOSFET
VNP10N07 STMICROELECTRONICS-VNP10N07 Datasheet
134Kb / 11P
   ?쒹MNIFET?? FULLY AUTOPROTECTED POWER MOSFET
VNP35N07FI STMICROELECTRONICS-VNP35N07FI Datasheet
139Kb / 13P
   ?쒹MNIFET?? FULLY AUTOPROTECTED POWER MOSFET
VNP5N07 STMICROELECTRONICS-VNP5N07 Datasheet
132Kb / 11P
   ?쒹MNIFET?? FULLY AUTOPROTECTED POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com