Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFC3.3-4.BCT Datasheet(PDF) 7 Page - Semtech Corporation

Part # SFC3.3-4.BCT
Description  Low Voltage ChipClamp課? Flip Chip TVS Diode Array
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SFC3.3-4.BCT Datasheet(HTML) 7 Page - Semtech Corporation

  SFC3.3-4.BCT Datasheet HTML 1Page - Semtech Corporation SFC3.3-4.BCT Datasheet HTML 2Page - Semtech Corporation SFC3.3-4.BCT Datasheet HTML 3Page - Semtech Corporation SFC3.3-4.BCT Datasheet HTML 4Page - Semtech Corporation SFC3.3-4.BCT Datasheet HTML 5Page - Semtech Corporation SFC3.3-4.BCT Datasheet HTML 6Page - Semtech Corporation SFC3.3-4.BCT Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
 2008 Semtech Corp.
www.semtech.com
PRELIMINARY
PROTECTION PRODUCTS
SFC3.3-4
Marking Codes
r
e
b
m
u
N
t
r
a
P
g
n
i
k
r
a
M
e
d
o
C
4
-
3
.
3
C
F
SU
3
4
F
r
e
b
m
u
N
t
r
a
P
h
c
t
i
P
n
o
i
t
p
O
r
e
p
y
t
Q
l
e
e
R
e
z
i
S
l
e
e
R
T
C
B
.
4
-
3
.
3
C
F
S
)
1
(
m
m
20
0
0
,
3h
c
n
I
7
Ordering Information
Tape Specifications
Device Orientation
Contact Information
Semtech Corporation
Protection Products Division
200 Flynn Rd., Camarillo, CA 93012
Phone: (805)498-2111 FAX (805)498-3804
Marking Codes
Notes
(1) Lead Free Solder Balls
Tape and Reel Specification
TTTTTop Coating:
op Coating:
op Coating:
op Coating:
op Coating: The top (non-bump side) of the device
is a black non-conductive coating. This material is
compliant with UL 94V-0 flammability requirements.
ChipClamp is a mark of Semtech Corporation


Similar Part No. - SFC3.3-4.BCT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SFC3000 ETC2-SFC3000 Datasheet
159Kb / 8P
   High performance digital Mass Flow Controller
logo
Cornell Dubilier Electr...
SFC30S16L291K-F CDE-SFC30S16L291K-F Datasheet
268Kb / 4P
   Lighting Capacitors, 90 ?C Rated, Oil Filled
SFC30S16L291L-F CDE-SFC30S16L291L-F Datasheet
268Kb / 4P
   Lighting Capacitors, 90 ?C Rated, Oil Filled
SFC30S20L291K-F CDE-SFC30S20L291K-F Datasheet
268Kb / 4P
   Lighting Capacitors, 90 ?C Rated, Oil Filled
SFC30S20L291L-F CDE-SFC30S20L291L-F Datasheet
268Kb / 4P
   Lighting Capacitors, 90 ?C Rated, Oil Filled
More results

Similar Description - SFC3.3-4.BCT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SFC05-4 SEMTECH-SFC05-4_04 Datasheet
224Kb / 8P
   ChipClamp課? Flip Chip TVS Diode Array
SFC05-4 SEMTECH-SFC05-4 Datasheet
174Kb / 7P
   CSP TVS Flip Chip TVS Diode Array
logo
Protek Devices
ESD4-LFC PROTEC-ESD4-LFC_12 Datasheet
466Kb / 6P
   LOW CAPACITANCE FLIP CHIP TVS ARRAY
ESD4-LFC PROTEC-ESD4-LFC_11 Datasheet
464Kb / 6P
   LOW CAPACITANCE flip chip tvs array
LC0402FC3.3C PROTEC-LC0402FC3.3C Datasheet
623Kb / 9P
   200W LOW CAPACITANCE flip chip tvs array
LC0404FC3.3C PROTEC-LC0404FC3.3C_11 Datasheet
537Kb / 8P
   200W LOW CAPACITANCE flip chip tvs array
ULL0402FC05C PROTEC-ULL0402FC05C Datasheet
443Kb / 7P
   LOW CAPACITANCE unbumped flip chip tvs array
LC0406FC3.3C PROTEC-LC0406FC3.3C_12 Datasheet
624Kb / 9P
   200W LOW CAPACITANCE FLIP CHIP TVS ARRAY
ULLC0408FC05C PROTEC-ULLC0408FC05C_11 Datasheet
504Kb / 8P
   UNBUMPED LOW CAPACITANCE FLIP CHIP TVS ARRAY
LC0408FC3.3C PROTEC-LC0408FC3.3C_11 Datasheet
622Kb / 9P
   200w low capacitance flip chip tvs array
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com