Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLVU2.8-4.TB Datasheet(PDF) 4 Page - Semtech Corporation

Part # SLVU2.8-4.TB
Description  EPD TVS Diode Array For ESD and Latch-Up Protection
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SLVU2.8-4.TB Datasheet(HTML) 4 Page - Semtech Corporation

  SLVU2.8-4.TB Datasheet HTML 1Page - Semtech Corporation SLVU2.8-4.TB Datasheet HTML 2Page - Semtech Corporation SLVU2.8-4.TB Datasheet HTML 3Page - Semtech Corporation SLVU2.8-4.TB Datasheet HTML 4Page - Semtech Corporation SLVU2.8-4.TB Datasheet HTML 5Page - Semtech Corporation SLVU2.8-4.TB Datasheet HTML 6Page - Semtech Corporation SLVU2.8-4.TB Datasheet HTML 7Page - Semtech Corporation SLVU2.8-4.TB Datasheet HTML 8Page - Semtech Corporation SLVU2.8-4.TB Datasheet HTML 9Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
 2008 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
SLVU2.8-4
SLVU2.8-4 Circuit Diagram
Low Capacitance Protection of Two Differential Line
Pairs
Device Connection for Protection of Four Data Lines
Electronic equipment is susceptible to transient distur-
bances from a variety of sources including: ESD to an
open connector or interface, direct or nearby lightning
strikes to cables and wires, and charged cables “hot
plugged” into I/O ports. The SLVU2.8-4 is designed to
protect sensitive components from damage and latch-
up which may result from such transient events. The
SLVU2.8-4 can be configured to protect two high-
speed line pairs. The device is connected as follows:
1. Protection of two high-speed line pairs:
The SLVU2.8-4 is designed such that the data lines
are routed through the device. The first line pair
enters at pins 1 and 2 and exit at pins 8 and 7
respectively. The second line pair enters at pins 3
and 4 and exits at pins 6 and 5. The traces must
be connected at the bottom of the device as
shown.
Circuit Board Layout Recommendations for Suppres-
sion of ESD.
Good circuit board layout is critical for the suppression
of ESD induced transients. The following guidelines are
recommended:
Place the SLVU2.8-4 near the input terminals or
connectors to restrict transient coupling.
Minimize the path length between the TVS and the
protected line.
Minimize all conductive loops including power and
ground loops.
The ESD transient return path to ground should be
kept as short as possible.
Never run critical signals near board edges.
Use ground planes whenever possible.
Line 1
Line 3
Line 4
Line 2
1
2
3
45
6
7
8
Line 1
Line 3
Line 4
Line 2
Applications Information


Similar Part No. - SLVU2.8-4.TB

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
SLVU2.8-4.TBT SAMTEC-SLVU2.8-4.TBT Datasheet
204Kb / 9P
   EPD TVS Diode Array For ESD and Latch-Up Protection
logo
Texas Instruments
SLVU2.8-4.TBT TI-SLVU2.8-4.TBT Datasheet
853Kb / 42P
[Old version datasheet]   Tiva??C Series TM4C1294 Connected LaunchPad Evaluation Kit
logo
TECH PUBLIC Electronics...
SLVU2.8-4.TBT TECHPUBLIC-SLVU2.8-4.TBT Datasheet
6Mb / 4P
   TVS Array For ESD and Latch Up Protection
logo
Guangdong Youtai Semico...
SLVU2.8-4.TBT UMW-SLVU2.8-4.TBT Datasheet
469Kb / 4P
   2.8V TVS Array For ESD and Latch-Up Protection
More results

Similar Description - SLVU2.8-4.TB

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SLVU2.8-8 SEMTECH-SLVU2.8-8 Datasheet
238Kb / 9P
   EPD TVS Diode Array For ESD and Latch-Up Protection
logo
Samtec, Inc
SLVU2.8-4.TBT SAMTEC-SLVU2.8-4.TBT Datasheet
204Kb / 9P
   EPD TVS Diode Array For ESD and Latch-Up Protection
logo
Semtech Corporation
SLVE2.8 SEMTECH-SLVE2.8 Datasheet
194Kb / 7P
   EPD TVS??Diodes For ESD and Latch-Up Protection
SLVU2.8 SEMTECH-SLVU2.8 Datasheet
168Kb / 10P
   Low Voltage EPD TVS Diode For ESD and Latch-Up Protection
logo
Shanghai Leiditech Elec...
ESD0503B LEIDITECH-ESD0503B Datasheet
730Kb / 4P
   TVS DIODE ARRAY FOR ESD AND LATCH-UP PROTECTION
logo
Semtech Corporation
SMF05 SEMTECH-SMF05_08 Datasheet
179Kb / 8P
   TVS Diode Array For ESD and Latch-Up Protection
SMS05 SEMTECH-SMS05_04 Datasheet
159Kb / 7P
   TVS Diode Array For ESD and Latch-Up Protection
SMS05C SEMTECH-SMS05C_04 Datasheet
159Kb / 7P
   TVS Diode Array For ESD and Latch-Up Protection
logo
Shanghai Leiditech Elec...
SDA05DT4 LEIDITECH-SDA05DT4 Datasheet
150Kb / 3P
   TVS DIODE ARRAY FOR ESD AND LATCH-UP PROTECTION
logo
Unisonic Technologies
USMS05 UTC-USMS05 Datasheet
124Kb / 4P
   TVS DIODE ARRAY FOR ESD AND LATCH-UP PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com