Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XE1209 Datasheet(PDF) 2 Page - Semtech Corporation

Part # XE1209
Description  Ultra Low Power CMOS Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

XE1209 Datasheet(HTML) 2 Page - Semtech Corporation

  XE1209 Datasheet HTML 1Page - Semtech Corporation XE1209 Datasheet HTML 2Page - Semtech Corporation XE1209 Datasheet HTML 3Page - Semtech Corporation XE1209 Datasheet HTML 4Page - Semtech Corporation XE1209 Datasheet HTML 5Page - Semtech Corporation XE1209 Datasheet HTML 6Page - Semtech Corporation XE1209 Datasheet HTML 7Page - Semtech Corporation XE1209 Datasheet HTML 8Page - Semtech Corporation XE1209 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
© Semtech 2005
www.semtech.com
2
XE1209
Ultra Low Power CMOS Transceiver
1
PIN DESCRIPTION
Pin #
Name
Description
1
TEST
Test pin
2
VSS
Ground for digital
3
QIN
Xtal pin or input for external clock
4
VDDA
Supply voltage for analog
5
QOUT
Xtal pin
6
VSSA
Ground for analog
7
IREF
Iref node for external resistance
8
VREF
Vref node for external capacitance
9
SUPTEST
Test pin
10
RE
Receiver enable
11
INA
RF input signal
12
INB
RF input signal
13
VSSPA
Ground for RF power amplifier
14
PAOUT
RF power amplifier output
15
VDD
Supply voltage for digital
16
DCLK
Received data clock output
17
DATA
Input/output bit stream or output of the carrier detector
18
DE
Data enable for 3-wire communication
19
SD
Data input for 3-wire communication
20
SC
Clock input for 3-wire communication
2
TYPICAL APPLICATION
The product is to be used in a system for low frequency RF data communications. The transmission is made with 2-
level CPFSK modulation. The modulated signal has a carrier frequency fc and a deviation frequency ∆f; the coding of
the data is the following:
fRFin = fc + ∆f ≡ “1”
fRFin = fc - ∆f ≡ “0”.
above shows the structure of the transceiver and the external components required by the application. A 3-wire
bus allows the product to receive configuration data from a microcontroller. Note: pin TEST remains
unconnected.
2.1
TYPICAL EXTERNAL COMPONENTS
Besides the components needed for the RF communication itself, the following external components are required:
Name
Type
Pins to be connected
Value
Tolerance
Max. Temp. variation
Cvdd
Capacitor
VDD - VSS
100 nF
± 10 %
± 5 % over -10 °C to 60 °C
Cvref
Capacitor
VREF - VSS
47 nF
± 10 %
± 5 % over -10 °C to 60 °C
Riref
Resistance
IREF - VSS
280 k
± 1 %
± 100 ppm/K
Xtal
Crystal
QIN - QOUT
32.768 kHz
± 20 ppm
- 50 ppm over -10 to 60 °C
The reference of the crystal used for Xtal is the following:
“DS26 watch crystal” from Micro Crystal Switzerland
3
GENERAL FUNCTIONAL DESCRIPTION
The XE1209 is composed of 6 main functional blocks:
Receiver
The receiver channel converts a 2-level CPFSK modulated signal into a bit stream. It is composed of the following
blocks: preamplifier, down-converters (0-IF architecture), channel filters, limiters, demodulator, and bit
synchronizer.


Similar Part No. - XE1209

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XE1209 ETC-XE1209 Datasheet
119Kb / 8P
   30-70 KHZ ULTRA LOW POWER CMOS TRANSCEIVER
More results

Similar Description - XE1209

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XE1209 ETC-XE1209 Datasheet
119Kb / 8P
   30-70 KHZ ULTRA LOW POWER CMOS TRANSCEIVER
logo
ON Semiconductor
AX-SFEU ONSEMI-AX-SFEU Datasheet
279Kb / 20P
   Ultra-Low Power Transceiver IC
August, 2016 ??Rev. 4
logo
Golledge Electronics Lt...
MCSO2EU GOLLEDGE-MCSO2EU Datasheet
136Kb / 1P
   CMOS Oscillator Ultra-low Power
logo
Semtech Corporation
SX1211 SEMTECH-SX1211_08 Datasheet
1Mb / 92P
   Ultra-Low Power Integrated UHF Transceiver
logo
List of Unclassifed Man...
RF63 ETC2-RF63 Datasheet
3Mb / 91P
   Ultra-Low Power Integrated UHF Transceiver
logo
Linear Technology
LTC1480 LINER-LTC1480 Datasheet
231Kb / 8P
   3.3V Ultra-Low Power RS485 Transceiver
logo
HOPE Microelectronics C...
RF63W HOPE-RF63W Datasheet
3Mb / 91P
   Ultra-Low Power Integrated UHF Transceiver
logo
ON Semiconductor
NO1L6183A ONSEMI-NO1L6183A Datasheet
1Mb / 10P
   Ultra-Low Power Asynchronous CMOS SRAM
July 2008 - Rev. 8
logo
Rohm
BU7265G_1012 ROHM-BU7265G_1012 Datasheet
596Kb / 29P
   Ultra Low Power CMOS Operational Amplifiers
BU7265G ROHM-BU7265G_1 Datasheet
433Kb / 18P
   Ultra Low Power CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com