Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1010DV33-10ZSXI Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7C1010DV33-10ZSXI
Description  2-Mbit (256K x 8) Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1010DV33-10ZSXI Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C1010DV33-10ZSXI Datasheet HTML 1Page - Cypress Semiconductor CY7C1010DV33-10ZSXI Datasheet HTML 2Page - Cypress Semiconductor CY7C1010DV33-10ZSXI Datasheet HTML 3Page - Cypress Semiconductor CY7C1010DV33-10ZSXI Datasheet HTML 4Page - Cypress Semiconductor CY7C1010DV33-10ZSXI Datasheet HTML 5Page - Cypress Semiconductor CY7C1010DV33-10ZSXI Datasheet HTML 6Page - Cypress Semiconductor CY7C1010DV33-10ZSXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1010DV33-10ZSXI Datasheet HTML 8Page - Cypress Semiconductor CY7C1010DV33-10ZSXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
CY7C1010DV33
Document Number: 001-00062 Rev. *B
Page 2 of 11
Selection Guide
Description
–10
Unit
Maximum Access Time
10
ns
Maximum Operating Current
90
mA
Maximum CMOS Standby Current
10
mA
Pin Configuration
Figure 1. 36-Pin SOJ [1]
Figure 2. 44-Pin TSOP II [1]
1
2
3
4
5
6
7
8
9
11
14
31
32
36
35
34
33
12
13
16
15
29
30
18
17
20
19
27
28
25
26
22
21
23
24
NC
A4
A3
A2
A14
A15
A12
NC
NC
A13
A5
A6
A7
A1
A16
A0
CE
IO0
IO1
IO2
IO3
WE
A17
A10
A9
IO4
IO5
IO6
IO7
OE
A8
VCC
VCC
GND
GND
A11
10
1
2
3
4
5
6
7
8
9
11
14
31
32
36
35
34
33
37
40
39
38
12
13
41
44
43
42
16
15
29
30
NC
18
17
20
19
27
28
25
26
22
21
23
24
NC
NC
NC
NC
A4
A3
A2
A14
A15
A12
NC
NC
NC
NC
A13
NC
NC
A5
A6
A7
A1
A16
A0
CE
IO0
IO1
IO2
IO3
WE
A17
A10
A9
IO4
IO5
IO6
IO7
OE
A8
VCC
VCC
VSS
VSS
A11
10
Note:
1. NC pins are not connected on the die.
[+] Feedback


Similar Part No. - CY7C1010DV33-10ZSXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1010DV33-10ZSXI CYPRESS-CY7C1010DV33-10ZSXI Datasheet
354Kb / 7P
   2-Mbit (256K x 8)Static RAM
CY7C1010DV33-10ZSXI CYPRESS-CY7C1010DV33-10ZSXI Datasheet
803Kb / 12P
   2-Mbit (256K x 8) Static RAM
More results

Similar Description - CY7C1010DV33-10ZSXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1010DV33 CYPRESS-CY7C1010DV33_10 Datasheet
803Kb / 12P
   2-Mbit (256K x 8) Static RAM
CY62138F CYPRESS-CY62138F_10 Datasheet
596Kb / 14P
   2-Mbit (256K x 8) Static RAM
CY62138FV30 CYPRESS-CY62138FV30_10 Datasheet
657Kb / 16P
   2-Mbit (256K x 8) Static RAM
CY62138FV30 CYPRESS-CY62138FV30_09 Datasheet
1,007Kb / 13P
   2-Mbit (256K x 8) Static RAM
CY62138V CYPRESS-CY62138V_06 Datasheet
321Kb / 9P
   2-Mbit (256K x 8) Static RAM
CY7C1010DV33 CYPRESS-CY7C1010DV33 Datasheet
354Kb / 7P
   2-Mbit (256K x 8)Static RAM
CY62138F CYPRESS-CY62138F_09 Datasheet
843Kb / 10P
   2-Mbit (256K x 8) Static RAM
CY62138FV30 CYPRESS-CY62138FV30 Datasheet
1,007Kb / 13P
   2-Mbit (256K x 8) Static RAM
CY62138F CYPRESS-CY62138F Datasheet
842Kb / 10P
   2-Mbit (256K x 8) Static RAM
logo
Elite Semiconductor Mem...
M24L28256SA ESMT-M24L28256SA Datasheet
247Kb / 12P
   2-Mbit (256K x 8) Pseudo Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com