Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLVU2.8-8.T Datasheet(PDF) 1 Page - Semtech Corporation

Part # SLVU2.8-8.T
Description  EPD TVS Diode Array For ESD and Latch-Up Protection
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SLVU2.8-8.T Datasheet(HTML) 1 Page - Semtech Corporation

  SLVU2.8-8.T Datasheet HTML 1Page - Semtech Corporation SLVU2.8-8.T Datasheet HTML 2Page - Semtech Corporation SLVU2.8-8.T Datasheet HTML 3Page - Semtech Corporation SLVU2.8-8.T Datasheet HTML 4Page - Semtech Corporation SLVU2.8-8.T Datasheet HTML 5Page - Semtech Corporation SLVU2.8-8.T Datasheet HTML 6Page - Semtech Corporation SLVU2.8-8.T Datasheet HTML 7Page - Semtech Corporation SLVU2.8-8.T Datasheet HTML 8Page - Semtech Corporation SLVU2.8-8.T Datasheet HTML 9Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
PRELIMINARY
1
www.semtech.com
PROTECTION PRODUCTS
SLVU2.8-8
EPD TVS Diode Array
For ESD and Latch-Up Protection
Description
Features
Circuit Diagram (Each Line)
Schematic & PIN Configuration
Revision 1/18/2008
The SLV series of transient voltage suppressors are
designed to protect low voltage, state-of-the-art CMOS
semiconductors from transients caused by electro-
static discharge (ESD), cable discharge events (CDE),
lightning and other induced voltage surges.
The devices are constructed using Semtech’s propri-
etary EPD process technology. The EPD process pro-
vides low standoff voltages with significant reductions
in leakage currents and capacitance over silicon-
avalanche diode processes. The SLVU2.8-8 features
integrated low capacitance compensation diodes that
reduce the maximum capacitance to 8pF per line.
This, combined with low leakage current, means signal
integrity is preserved in high-speed applications such
as 10/100 Ethernet.
The SLVU2.8-8 is in an SO-8 package and may be used
to protect four high-speed line pairs. The layout of the
device minimizes trace inductance and reduces voltage
overshoot associated with ESD events. The low
clamping voltage of the SLVU2.8-8 minimizes the
stress on the protected IC.
The SLV series TVS diodes will meet the surge require-
ments of IEC 61000-4-2 (ESD), IEC61000-4-5 (Light-
ning), and ETSI ETS 300 386.
Applications
Mechanical Characteristics
10/100 Ethernet
WAN/LAN Equipment
Switching Systems
DSLAMs
Desktops, Servers, & Notebooks
Instrumentation
Base Stations
Analog Inputs
600 Watts peak pulse power (tp = 8/20µs)
Transient protection for high speed data lines to
IEC 61000-4-2 (ESD) 15kV (air), 8kV (contact)
IEC 61000-4-4 (EFT) 40A (tp = 5/50ns)
IEC 61000-4-5 (Lightning) 24A (tp = 8/20µs)
Protects four line pairs (eight lines)
Comprehensive pin out for easy board layout
Low capacitance
High peak pulse current (30A, 8/20µs)
Low leakage current
Low operating and clamping voltages
Solid-state EPD TVS process technology
JEDEC SO-8 package
Molding compound flammability rating: UL 94V-0
Marking : Part number, date code, logo
Packaging : Tape and Reel per EIA 481
SO-8 (Top View)


Similar Part No. - SLVU2.8-8.T

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SLVU2.8-8 PROTEC-SLVU2.8-8 Datasheet
80Kb / 5P
   ULTRA LOW CAPACITANCE TVS ARRAY
SLVU2.8-8 PROTEC-SLVU2.8-8 Datasheet
695Kb / 8P
   600 WATT MULTI-LINE ULTRA LOW CAPACITANCE TVS ARRAY
logo
Socay Electornics Co., ...
SLVU2.8-8 SOCAY-SLVU2.8-8 Datasheet
267Kb / 4P
   Transient Voltage Suppressors Array for ESD Protection
logo
Shanghai Semitech Semic...
SLVU2.8-8 SEMITECH-SLVU2.8-8 Datasheet
372Kb / 7P
   Low capacitance
logo
Shanghai Leiditech Elec...
SLVU2.8-8 LEIDITECH-SLVU2.8-8 Datasheet
290Kb / 3P
   Ultra Low Capacitance Bi-Directional TVS Diode Array
More results

Similar Description - SLVU2.8-8.T

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SLVU2.8-4 SEMTECH-SLVU2.8-4 Datasheet
201Kb / 9P
   EPD TVS Diode Array For ESD and Latch-Up Protection
logo
Samtec, Inc
SLVU2.8-4.TBT SAMTEC-SLVU2.8-4.TBT Datasheet
204Kb / 9P
   EPD TVS Diode Array For ESD and Latch-Up Protection
logo
Semtech Corporation
SLVE2.8 SEMTECH-SLVE2.8 Datasheet
194Kb / 7P
   EPD TVS??Diodes For ESD and Latch-Up Protection
SLVU2.8 SEMTECH-SLVU2.8 Datasheet
168Kb / 10P
   Low Voltage EPD TVS Diode For ESD and Latch-Up Protection
logo
Shanghai Leiditech Elec...
ESD0503B LEIDITECH-ESD0503B Datasheet
730Kb / 4P
   TVS DIODE ARRAY FOR ESD AND LATCH-UP PROTECTION
logo
Semtech Corporation
SMF05 SEMTECH-SMF05_08 Datasheet
179Kb / 8P
   TVS Diode Array For ESD and Latch-Up Protection
SMS05 SEMTECH-SMS05_04 Datasheet
159Kb / 7P
   TVS Diode Array For ESD and Latch-Up Protection
SMS05C SEMTECH-SMS05C_04 Datasheet
159Kb / 7P
   TVS Diode Array For ESD and Latch-Up Protection
logo
Shanghai Leiditech Elec...
SDA05DT4 LEIDITECH-SDA05DT4 Datasheet
150Kb / 3P
   TVS DIODE ARRAY FOR ESD AND LATCH-UP PROTECTION
logo
Unisonic Technologies
USMS05 UTC-USMS05 Datasheet
124Kb / 4P
   TVS DIODE ARRAY FOR ESD AND LATCH-UP PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com