Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VND5N07 Datasheet(PDF) 4 Page - STMicroelectronics

Part # VND5N07
Description  OMNIFET: FULLY AUTOPROTECTED POWER MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND5N07 Datasheet(HTML) 4 Page - STMicroelectronics

  VND5N07 Datasheet HTML 1Page - STMicroelectronics VND5N07 Datasheet HTML 2Page - STMicroelectronics VND5N07 Datasheet HTML 3Page - STMicroelectronics VND5N07 Datasheet HTML 4Page - STMicroelectronics VND5N07 Datasheet HTML 5Page - STMicroelectronics VND5N07 Datasheet HTML 6Page - STMicroelectronics VND5N07 Datasheet HTML 7Page - STMicroelectronics VND5N07 Datasheet HTML 8Page - STMicroelectronics VND5N07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
VND5N07/VND5N07-1/VNP5N07FI/K5N07FM
4/15
ELECTRICAL CHARACTERISTICS (cont’d)
Table 9. Source Drain Diode
Note: 4. Pulsed: Pulse duration = 300 µs, duty cycle 1.5%
5. Parameters guaranteed by design/characterization.
Table 10. Protection
Note: 6. Parameters guaranteed by design/characterization.
PROTECTION FEATURES
During
normal
operation,
the
Input
pin
is
electrically connected to the gate of the internal
power MOSFET. The device then behaves like a
standard power MOSFET and can be used as a
switch from DC to 50 KHz. The only difference
from the user’s standpoint is that a small DC
current (Iiss) flows into the Input pin in order to
supply the internal circuitry.
The device integrates:
– OVERVOLTAGE
CLAMP
PROTECTION:
internally set at 70V, along with the rugged
avalanche
characteristics
of
the
Power
MOSFET stage give this device unrivalled
ruggedness and energy handling capability.
This feature is mainly important when driving
inductive loads.
– LINEAR CURRENT LIMITER CIRCUIT: limits
the drain current Id to Ilim whatever the Input pin
voltage. When the current limiter is active, the
device operates in the linear region, so power
dissipation may exceed the capability of the
heatsink. Both case and junction temperatures
increase, and if this phase lasts long enough,
junction
temperature
may
reach
the
overtemperature threshold Tjsh.
– OVERTEMPERATURE AND SHORT CIRCUIT
PROTECTION: these are based on sensing the
chip temperature and are not dependent on the
input voltage. The location of the sensing
element on the chip in the power stage area
ensures fast, accurate detection of the junction
temperature. Overtemperature cutout occurs at
minimum 150°C. The device is automatically
restarted when the chip temperature falls below
135°C.
– STATUS FEEDBACK: In the case of an
overtemperature
fault
condition,
a
Status
Feedback is provided through the Input pin. The
internal protection circuit disconnects the input
from the gate and connects it instead to ground
via an equivalent resistance of 100
Ω. The
failure can be detected by monitoring the
voltage at the Input pin, which will be close to
ground potential.
Additional features of this device are ESD
protection according to the Human Body model
and the ability to be driven from a TTL Logic circuit
(with a small increase in RDS(on)).
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VSD
(4)
Forward On Voltage
ISD = 2.5 A; Vin = 0
1.6
V
trr
(5)
Reverse Recovery Time
ISD = 2.5 A; di/dt = 100 A/µs
VDD = 30 V; Tj = 25 °C
(see test circuit, Figure 30)
150
ns
Qrr
(5)
Reverse Recovery Charge
0.3
µC
IRRM
(5)
Reverse Recovery Current
5.7
A
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Ilim
Drain Current Limit
Vin = 10 V; VDS = 13 V
Vin = 5 V; VDS = 13 V
3.5
3.5
5
5
7
7
A
A
tdlim
(6)
Step Response Current Limit
Vin = 10 V
Vin = 5 V
15
40
20
60
µs
µs
Tjsh
(6)
Overtemperature Shutdown
150
°C
Tjrs
(6)
Overtemperature Reset
135
°C
Igf
(6)
Fault Sink Current
Vin = 10 V; VDS = 13 V
Vin = 5 V; VDS = 13 V
50
20
mA
mA
Eas
(6)
Single Pulse
Avalanche Energy
starting Tj = 25 °C; VDD = 20 V
Vin = 10 V; Rgen = 1 KΩ; L = 10 mH
0.2
J


Similar Part No. - VND5N07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND5N07 STMICROELECTRONICS-VND5N07 Datasheet
507Kb / 24P
   OMNIFET IIfully autoprotected Power MOSFET
VND5N07 STMICROELECTRONICS-VND5N07 Datasheet
618Kb / 24P
   fully autoprotected Power MOSFET
VND5N07-1 STMICROELECTRONICS-VND5N07-1 Datasheet
507Kb / 24P
   OMNIFET IIfully autoprotected Power MOSFET
VND5N07-1 STMICROELECTRONICS-VND5N07-1 Datasheet
618Kb / 24P
   fully autoprotected Power MOSFET
VND5N07-E STMICROELECTRONICS-VND5N07-E Datasheet
618Kb / 24P
   fully autoprotected Power MOSFET
More results

Similar Description - VND5N07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNB10N07TR-E STMICROELECTRONICS-VNB10N07TR-E Datasheet
511Kb / 14P
   OMNIFET FULLY AUTOPROTECTED POWER MOSFET
VNB49N04 STMICROELECTRONICS-VNB49N04 Datasheet
506Kb / 22P
   OMNIFET: fully autoprotected Power MOSFET
VND10N0613TR STMICROELECTRONICS-VND10N0613TR Datasheet
595Kb / 25P
   OMNIFET fully autoprotected Power MOSFET
VND10N06-1-E STMICROELECTRONICS-VND10N06-1-E Datasheet
595Kb / 25P
   OMNIFET fully autoprotected Power MOSFET
VNB35N07TR-E STMICROELECTRONICS-VNB35N07TR-E Datasheet
153Kb / 13P
   OMNIFET FULLY AUTOPROTECTED POWER MOSFET
VNB14N04-E STMICROELECTRONICS-VNB14N04-E Datasheet
522Kb / 17P
   "OMNIFET" fully autoprotected Power MOSFET
VNB28N04-E STMICROELECTRONICS-VNB28N04-E Datasheet
226Kb / 13P
   OMNIFET FULLY AUTOPROTECTED POWER MOSFET
VNB20N07-E STMICROELECTRONICS-VNB20N07-E Datasheet
491Kb / 13P
   "OMNIFET": FULLY AUTOPROTECTED POWER MOSFET
VNS3NV04DPTR-E STMICROELECTRONICS-VNS3NV04DPTR-E Datasheet
289Kb / 21P
   OMNIFET II fully autoprotected Power MOSFET
VND7N04 STMICROELECTRONICS-VND7N04_09 Datasheet
511Kb / 17P
   "OMNIFET"Fully autoprotected power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com