Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z119.070 Datasheet(PDF) 1 Page - Baumer IVO GmbH & Co. KG

Part # Z119.070
Description  Accessories Torque supports for hollow shaft encoders
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

Z119.070 Datasheet(HTML) 1 Page - Baumer IVO GmbH & Co. KG

  Z119.070 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.baumerivo.com
Accessories
1
Torque supports for hollow shaft encoders
30
10
7.6
25.1
29.1
Dimensions
30
10
25.1
29.1
7.6
SW2.5
Dimension
Part number
Z 119.070
Spring coupling height 29.1 mm
Suitable for
Mounting description
Z 119.070
G0AMH, G0M2H, G0MMH, G0P5H, GBAMH, GBAMS,
GBMMH, GBMMS, GBP5H, GCM2S, GCMMS, GXA2S,
GXM2S, GXM7S, GXMMS, GXP5S
Fix spring coupling onto flange by help of the attached
screws. Push encoder onto the drive shaft and mount Spring
coupling onto the contact surface.
Features
Quick, secure and easy mounting
To be mounted on the motor’s fan guard
Spacer sleeves enable increased interference
immunity in high magnetic fields
Scope of delivery
Included: spring coupling, two screws M3 x 6 and M3 x 16
with two spacer sleeves and lock washers


Similar Part No. - Z119.070

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
Z119.072 IVO-Z119.072 Datasheet
226Kb / 1P
   Accessories Torque supports for hollow shaft encoders
Z119.073 IVO-Z119.073 Datasheet
226Kb / 1P
   Accessories Torque supports for hollow shaft encoders
Z119.076 IVO-Z119.076 Datasheet
213Kb / 1P
   Accessories Torque supports for hollow shaft encoders
More results

Similar Description - Z119.070

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
Z119024 IVO-Z119024 Datasheet
210Kb / 1P
   Accessories Torque supports for hollow shaft encoders
Z119076 IVO-Z119076 Datasheet
213Kb / 1P
   Accessories Torque supports for hollow shaft encoders
Z119050 IVO-Z119050 Datasheet
211Kb / 1P
   Accessories Torque supports for hollow shaft encoders
Z119072 IVO-Z119072 Datasheet
226Kb / 1P
   Accessories Torque supports for hollow shaft encoders
Z119041 IVO-Z119041 Datasheet
233Kb / 1P
   Accessories Torque supports for hollow shaft encoders
Z119068 IVO-Z119068 Datasheet
229Kb / 1P
   Accessories Torque supports for hollow shaft encoders
Z119040 IVO-Z119040 Datasheet
213Kb / 1P
   Accessories Torque supports for hollow shaft encoders
Z119043 IVO-Z119043 Datasheet
231Kb / 1P
   Accessories Torque supports for hollow shaft encoders
Z119053 IVO-Z119053 Datasheet
211Kb / 1P
   Accessories Torque supports for hollow shaft encoders
Z119073 IVO-Z119073 Datasheet
226Kb / 1P
   Accessories Torque supports for hollow shaft encoders
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com