Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCLAMP0501P Datasheet(PDF) 5 Page - Semtech Corporation

Part # UCLAMP0501P
Description  關ClampTM 1-Line ESD protection
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

UCLAMP0501P Datasheet(HTML) 5 Page - Semtech Corporation

  UCLAMP0501P Datasheet HTML 1Page - Semtech Corporation UCLAMP0501P Datasheet HTML 2Page - Semtech Corporation UCLAMP0501P Datasheet HTML 3Page - Semtech Corporation UCLAMP0501P Datasheet HTML 4Page - Semtech Corporation UCLAMP0501P Datasheet HTML 5Page - Semtech Corporation UCLAMP0501P Datasheet HTML 6Page - Semtech Corporation UCLAMP0501P Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
 2007 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
uClamp0501P
Figure 1 - uClamp0501P Spice Model
Applications Information - Spice Model
s
r
e
t
e
m
a
r
a
P
e
c
i
p
S
P
1
0
5
0
p
m
a
l
C
u
-
1
e
l
b
a
T
r
e
t
e
m
a
r
a
Pt
i
n
U)
S
V
T
(
1
D
S
Ip
m
A2
1
-
e
3
5
.
2
V
Btl
o
V8
0
.
7
J
Vtl
o
V1
7
.
0
S
Rm
h
O9
2
1
.
0
V
B
Ip
m
A3
-
E
0
.
1
O
J
Cd
a
r
a
F2
1
-
e
5
.
3
4
1
T
Tc
e
s9
-
E
1
4
5
.
2
M--5
8
3
.
0
N--1
.
1
G
EV
e1
1
.
1


Similar Part No. - UCLAMP0501P

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
UCLAMP0501H SEMTECH-UCLAMP0501H Datasheet
91Kb / 6P
   關ClampTM 1-Line ESD protection
UCLAMP0501H.TCT SEMTECH-UCLAMP0501H.TCT Datasheet
91Kb / 6P
   關ClampTM 1-Line ESD protection
UCLAMP0501T SEMTECH-UCLAMP0501T Datasheet
175Kb / 8P
   Low Profile 關ClampTM 1-Line ESD protection
UCLAMP0501T.TCT SEMTECH-UCLAMP0501T.TCT Datasheet
175Kb / 8P
   Low Profile 關ClampTM 1-Line ESD protection
UCLAMP0501Z SEMTECH-UCLAMP0501Z Datasheet
484Kb / 6P
   1-Line, 5V ESD Protection
More results

Similar Description - UCLAMP0501P

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
UCLAMP1201H SEMTECH-UCLAMP1201H Datasheet
163Kb / 7P
   關ClampTM 1-Line ESD Protection
UCLAMP1201P SEMTECH-UCLAMP1201P Datasheet
164Kb / 7P
   關ClampTM 1-Line ESD protection
UCLAMP0501H SEMTECH-UCLAMP0501H Datasheet
91Kb / 6P
   關ClampTM 1-Line ESD protection
UCLAMP0511P SEMTECH-UCLAMP0511P Datasheet
173Kb / 7P
   關ClampTM 1-Line ESD protection
UCLAMP1211P SEMTECH-UCLAMP1211P Datasheet
173Kb / 7P
   關ClampTM 1-Line ESD protection
UCLAMP0511T SEMTECH-UCLAMP0511T Datasheet
140Kb / 7P
   Low Profile 關ClampTM 1-Line ESD protection
logo
Samtec, Inc
UCLAMP0511T.TCT SAMTEC-UCLAMP0511T.TCT Datasheet
140Kb / 7P
   Low Profile 關ClampTM 1-Line ESD protection
logo
Semtech Corporation
UCLAMP0501T SEMTECH-UCLAMP0501T Datasheet
175Kb / 8P
   Low Profile 關ClampTM 1-Line ESD protection
UCLAMP2401T SEMTECH-UCLAMP2401T Datasheet
178Kb / 8P
   Low Profile 關ClampTM 1-Line ESD protection
UCLAMP1211T SEMTECH-UCLAMP1211T Datasheet
158Kb / 7P
   Low Profile 關ClampTM 1-Line ESD protection
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com