Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCLAMP0506A Datasheet(PDF) 8 Page - Semtech Corporation

Part # UCLAMP0506A
Description  關ClampTM 5-Line ESD protection Array
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

UCLAMP0506A Datasheet(HTML) 8 Page - Semtech Corporation

  UCLAMP0506A Datasheet HTML 1Page - Semtech Corporation UCLAMP0506A Datasheet HTML 2Page - Semtech Corporation UCLAMP0506A Datasheet HTML 3Page - Semtech Corporation UCLAMP0506A Datasheet HTML 4Page - Semtech Corporation UCLAMP0506A Datasheet HTML 5Page - Semtech Corporation UCLAMP0506A Datasheet HTML 6Page - Semtech Corporation UCLAMP0506A Datasheet HTML 7Page - Semtech Corporation UCLAMP0506A Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
© 2007 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
uClamp0506A
Contact Information
Semtech Corporation
Protection Products Division
200 Flynn Rd., Camarillo, CA 93012
Phone: (805)498-2111 FAX (805)498-3804
Marking Code
Ordering Information
Note:
(1) Device is symmetrical so there is no pin 1 identifier
(2) Lead finish is matte tin
X
Tape and Reel Specification
Tape Specifications and Device Orientation
X
X
X
MicroClamp, uClamp and
μClamp are trademarks of
Semtech Corporation
r
e
b
m
u
N
t
r
a
P
g
n
i
k
r
o
W
e
g
a
t
l
o
V
e
c
i
v
e
D
g
n
i
k
r
a
M
r
e
p
y
t
Q
l
e
e
R
l
e
e
R
e
z
i
S
T
C
T
.
A
6
0
5
0
p
m
a
l
C
uV
5X
0
0
0
,
3h
c
n
I
7


Similar Part No. - UCLAMP0506A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
UCLAMP0506P SEMTECH-UCLAMP0506P Datasheet
185Kb / 8P
   關ClampTM 6-Line ESD protection Array
UCLAMP0506P.TCT SEMTECH-UCLAMP0506P.TCT Datasheet
185Kb / 8P
   關ClampTM 6-Line ESD protection Array
UCLAMP0506T SEMTECH-UCLAMP0506T Datasheet
158Kb / 7P
   Low Profile Clamp 6-Line ESD Protection
uClamp0506T.TCT SEMTECH-uClamp0506T.TCT Datasheet
158Kb / 7P
   Low Profile Clamp 6-Line ESD Protection
More results

Similar Description - UCLAMP0506A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
UCLAMP0505A SEMTECH-UCLAMP0505A Datasheet
198Kb / 8P
   關ClampTM 5-Line ESD protection Array
UCLAMP3304A SEMTECH-UCLAMP3304A Datasheet
174Kb / 8P
   關ClampTM 4-Line ESD protection Array
UCLAMP0504A SEMTECH-UCLAMP0504A Datasheet
202Kb / 8P
   關ClampTM 4-Line ESD protection Array
UCLAMP0506P SEMTECH-UCLAMP0506P Datasheet
185Kb / 8P
   關ClampTM 6-Line ESD protection Array
UCLAMP0501P SEMTECH-UCLAMP0501P Datasheet
168Kb / 7P
   關ClampTM 1-Line ESD protection
UCLAMP1201H SEMTECH-UCLAMP1201H Datasheet
163Kb / 7P
   關ClampTM 1-Line ESD Protection
UCLAMP1201P SEMTECH-UCLAMP1201P Datasheet
164Kb / 7P
   關ClampTM 1-Line ESD protection
UCLAMP0501H SEMTECH-UCLAMP0501H Datasheet
91Kb / 6P
   關ClampTM 1-Line ESD protection
UCLAMP0502P SEMTECH-UCLAMP0502P Datasheet
170Kb / 7P
   關ClampTM 2-Line ESD protection
UCLAMP0544P SEMTECH-UCLAMP0544P Datasheet
162Kb / 7P
   關ClampTM 4-Line ESD Protection
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com