Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3986SLDTR-T Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # A3986SLDTR-T
Description  Dual Full-Bridge MOSFET Driver with Microstepping Translator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3986SLDTR-T Datasheet(HTML) 1 Page - Allegro MicroSystems

  A3986SLDTR-T Datasheet HTML 1Page - Allegro MicroSystems A3986SLDTR-T Datasheet HTML 2Page - Allegro MicroSystems A3986SLDTR-T Datasheet HTML 3Page - Allegro MicroSystems A3986SLDTR-T Datasheet HTML 4Page - Allegro MicroSystems A3986SLDTR-T Datasheet HTML 5Page - Allegro MicroSystems A3986SLDTR-T Datasheet HTML 6Page - Allegro MicroSystems A3986SLDTR-T Datasheet HTML 7Page - Allegro MicroSystems A3986SLDTR-T Datasheet HTML 8Page - Allegro MicroSystems A3986SLDTR-T Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
3986-DS, Rev. 1
Features and Benefits
▪ 2-wire step and direction interface
▪ Dual full-bridge gate drive for N-channel MOSFETs
▪ Operation over 12 to 50 V supply voltage range
▪ Synchronous rectification
▪ Cross-conduction protection
▪ Adjustable mixed decay
▪ Integrated sinusoidal DAC current reference
▪ Fixed off-time PWM current control
Dual Full-Bridge MOSFET Driver
with Microstepping Translator
Continued on the next page…
Package: 38 pin TSSOP (suffix LD)
Typical Application Diagram
Approximate size
A3986
Description
The A3986 is a dual full-bridge gate driver with integrated
microstepping translator suitable for driving a wide range of
higherpowerindustrialbipolar2-phasesteppermotors(typically
30 to 500 W). Motor power is provided by external N-channel
power MOSFETs at supply voltages from 12 to 50 V.
This device contains two sinusoidal DACs that generate the
reference voltage for two separate fixed-off-time PWM current
controllers.These provide current regulation for external power
MOSFET full-bridges.
Motor stepping is controlled by a two-wire step and direction
interface, providing complete microstepping control at full-,
half-, quarter-, and sixteenth-step resolutions. The fixed-off
time regulator has the ability to operate in slow-, mixed-, or
fast-decay modes, which results in reduced audible motor noise,
increased step accuracy, and reduced power dissipation.
The translator is the key to the easy implementation of this
IC. Simply inputting one pulse on the STEP input drives the
motor one step (full, half, quarter, or sixteenth depending on
the microstep select input).There are no phase-sequence tables,
high frequency control lines, or complex interfaces to program.
This reduces the need for a complex microcontroller.


Similar Part No. - A3986SLDTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3986 ALLEGRO-A3986_12 Datasheet
749Kb / 17P
   Dual Full-Bridge MOSFET Driver with Microstepping Translator
More results

Similar Description - A3986SLDTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3986 ALLEGRO-A3986_12 Datasheet
749Kb / 17P
   Dual Full-Bridge MOSFET Driver with Microstepping Translator
A3967SLB ALLEGRO-A3967SLB Datasheet
545Kb / 16P
   MICROSTEPPING DRIVER WITH TRANSLATOR
logo
Shindengen Electric Mfg...
MTD2017G SHINDENGEN-MTD2017G Datasheet
120Kb / 5P
   Dual Full-bridge Microstepping PWM Motor Driver
MTD2018G SHINDENGEN-MTD2018G Datasheet
120Kb / 5P
   Dual Full-bridge Microstepping PWM Motor Driver
MTD2018F SHINDENGEN-MTD2018F Datasheet
91Kb / 5P
   Dual Full-bridge Microstepping PWM Motor Driver
MTD2017F SHINDENGEN-MTD2017F Datasheet
91Kb / 5P
   Dual Full-bridge Microstepping PWM Motor Driver
logo
Allegro MicroSystems
A3967SLBTR-T ALLEGRO-A3967SLBTR-T Datasheet
443Kb / 15P
   Microstepping Driver with Translator
A3967 ALLEGRO-A3967 Datasheet
443Kb / 15P
   Microstepping Driver with Translator
A3992 ALLEGRO-A3992_13 Datasheet
549Kb / 13P
   DMOS Dual Full-Bridge Microstepping PWM Motor Driver
A3972 ALLEGRO-A3972 Datasheet
312Kb / 10P
   Dual DMOS Full-Bridge Microstepping PWM Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com