Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B033 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # B033
Description  1.0Amp Low Dropout Voltage Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

B033 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  B033 Datasheet HTML 1Page - List of Unclassifed Manufacturers B033 Datasheet HTML 2Page - List of Unclassifed Manufacturers B033 Datasheet HTML 3Page - List of Unclassifed Manufacturers B033 Datasheet HTML 4Page - List of Unclassifed Manufacturers B033 Datasheet HTML 5Page - List of Unclassifed Manufacturers B033 Datasheet HTML 6Page - List of Unclassifed Manufacturers B033 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Bay Linear, Inc 2418 Armstrong Street, Livermore, CA 94550 Tel: (925) 606-5950, Fax: (925) 940-9556
www.baylinear.com
1.0Amp Low Dropout Voltage Regulator
B033
Adjustable & Fix (0.40Volt Dropout)
Pin Connection
Ordering Information
Devices
Package
Temp.
B033D-X
TO-252
0
°C to 125 °C
B033N-X
TO-223
0
°C to 125 °C
B033T-X
TO-220
0
°C to 125 °C
B033S-X
TO-263
0
°C to 125 °C
Description
The Bay Linear B033 is a three terminal positive NPN
regulator offered as adjustable or fix voltages of 1.8V, 2.5V,
3.0V, 3.3V, and 5Volts. The output current has a capability up
to
1.0Amp,. This device has been optimized for low voltage
where transient response and minimum input voltage are
critical. The 2.85V version is designed specifically to be used
in active terminators for SCSI bus.
Current limit is trimmed to ensure specified output current and
controlled short-circuit current. On-Chip thermal limiting
provides protection against any combination of overload and
ambient temperatures that would create excessive junction
temperatures.
The B033 is offered in a 3-pin SOT-223, and TO-252 (DPAK)
packages compatible with other 3 terminal regulators. 5-pin
version in TO-263 with lower dropout of 0.4 volt is
available.
Features
Adjustable Output Down to 1.2V
Output Current of 1.0Amp
Low Dropout 1.0V for B033
Dropout of 0.40 V in for B033A
Adjustable & Fix 1.8V, 2.5V, 3.0V, 3.3V,
5.0V
Current & Thermal Limiting
Lower Cost SOT-89 Package
Available in SOT-223, and TO-252, &
TO-263
Similar to industry BAOOT/FP
Applications
Active SCSI terminators
High efficiency Linear Regulator
Post regulators fro Switching Supplies
Battery Charger
5V to 3.3V linear Regulators
Motherboard Clock Supplies
V
POWER
OUTPUT
1
2
3
4
5
V
CONTROL
ADJ/GND.
SENSE
TO-263-5 Package
V
POWER
V
POWER
OUTPUT
1
2
3
4
5
V
CONTROL
V
CONTROL
ADJ/GND.
SENSE
TO-263-5 Package
Bay Linear
Inspire the Linear Power
Tab V
OUT
SOT-223
Tab V
OUT
Front View
SOT-223-5
4
1
5
23
#1 Sense
#2 Adj/GND
#3 OUT
#4 Control
#5 VIN
Tab V
OUT
SOT-223
Tab V
OUT
Front View
SOT-223-5
4
1
5
23
#1 Sense
#2 Adj/GND
#3 OUT
#4 Control
#5 VIN
Front View
TO-252
Vcc
Vout
GND
1
23
Front View
TO-252
Vcc
Vout
GND
1
23
IN
OUT
Adj/GND
Tab V
Front View
SOT-223
OUT
GND
VCC
Tab GND
Front View
SOT-223
IN
OUT
Adj/GND
Tab V
Front View
SOT-223
OUT
GND
VCC
Tab GND
Front View
SOT-223


Similar Part No. - B033

ManufacturerPart #DatasheetDescription
logo
Dielectric Laboratories...
B033ND5S DILABS-B033ND5S Datasheet
515Kb / 2P
   3.3 GHz Surface Mount BPF
logo
Knowles Electronics
B033ND5S KNOWLES-B033ND5S Datasheet
2Mb / 2P
   2 to 18 GHz SM Bandpass Filters
B033ND5S KNOWLES-B033ND5S Datasheet
515Kb / 2P
   3.3 GHz Surface Mount BPF
B033ND5S KNOWLES-B033ND5S Datasheet
2Mb / 2P
   2 to 18 GHz SM Bandpass Filters
More results

Similar Description - B033

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B1117 ETC1-B1117 Datasheet
347Kb / 7P
   1.0Amp Low Dropout Voltage Regulator
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78R33 FAIRCHILD-KA78R33 Datasheet
40Kb / 8P
   Low Dropout Voltage Regulator
KA278R09 FAIRCHILD-KA278R09 Datasheet
79Kb / 8P
   Low Dropout Voltage Regulator
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com