Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C335-83LMB Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C335-83LMB
Description  Universal Synchronous EPLD
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C335-83LMB Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C335-83LMB Datasheet HTML 6Page - Cypress Semiconductor CY7C335-83LMB Datasheet HTML 7Page - Cypress Semiconductor CY7C335-83LMB Datasheet HTML 8Page - Cypress Semiconductor CY7C335-83LMB Datasheet HTML 9Page - Cypress Semiconductor CY7C335-83LMB Datasheet HTML 10Page - Cypress Semiconductor CY7C335-83LMB Datasheet HTML 11Page - Cypress Semiconductor CY7C335-83LMB Datasheet HTML 12Page - Cypress Semiconductor CY7C335-83LMB Datasheet HTML 13Page - Cypress Semiconductor CY7C335-83LMB Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
CY7C335
10
Military/Industrial AC Characteristics (continued)
7C335–83
7C335–66
Parameter
Description
Min.
Max.
Min.
Max.
Unit
tOH
Output Data Stable Time from Output Clock
2
2
ns
tOH2
Output Data Stable Time From Output Clock
(Through
Memory Array)[5]
3
3
ns
tOH2–tIH
Output Data Clock Stable Time From Output Clock Minus
Input Register Hold Time[5]
0
0
ns
fMAX3
Maximum Frequency with Internal Feedback in Output Reg-
istered Mode[5]
83.3
66.6
MHz
fMAX4
Maximum Frequency of (2) CY7C335s in Output Registered
Mode (Lower of 1/(tCO + tS) & 1/(tWL + tWH))
[5]
47.6
41.6
MHz
fMAX5
Maximum Frequency Data Path in Output Registered Mode
(Lowest of 1/(tCO), 1/(tWL + tWH), 1/(tS + tH))
[5]
90.9
83.3
MHz
tOH – tIH
33x
Output Data Stable from Output Clock Minus Input Register
Hold Time for 7C335[6]
0
0
ns
Pipelined Mode Parameters
tCOS
Input Clock to Output Clock
12
15
ns
fMAX6
Maximum Frequency Pipelined Mode
(Lowest of 1/(tCOS), 1/(tIS), or 1/(tCO)), 1/(tIS + tIH)
[5]
83.3
66.6
MHz
fMAX7
Maximum Frequency of (2) CY7C335s in Pipelined Mode
(Lowest of 1/(tCO + tIS) or 1/tCOS)
71.4
66.6
MHz
Power-Up Reset Parameters
tPOR
Power-Up Reset Time[5, 7]
1
1
µs


Similar Part No. - CY7C335-83LMB

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C33 CYPRESS-CY7C33 Datasheet
622Kb / 17P
   256/512/1K/2K/4K x 9 Asynchronous FIFO
CY7C331 CYPRESS-CY7C331 Datasheet
437Kb / 18P
   Asynchronous Registered EPLD
CY7C331-20HC CYPRESS-CY7C331-20HC Datasheet
437Kb / 18P
   Asynchronous Registered EPLD
CY7C331-20JC CYPRESS-CY7C331-20JC Datasheet
437Kb / 18P
   Asynchronous Registered EPLD
CY7C331-20PC CYPRESS-CY7C331-20PC Datasheet
437Kb / 18P
   Asynchronous Registered EPLD
More results

Similar Description - CY7C335-83LMB

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1500A ATMEL-ATF1500A_05 Datasheet
609Kb / 19P
   Highperformance EPLD
logo
Altera Corporation
EP1810 ALTERA-EP1810 Datasheet
1Mb / 41P
   Classic EPLD Family
logo
Xilinx, Inc
XC73144 XILINX-XC73144 Datasheet
113Kb / 11P
   High-Performance EPLD
logo
Cypress Semiconductor
CY7C331 CYPRESS-CY7C331 Datasheet
437Kb / 18P
   Asynchronous Registered EPLD
CY7C344 CYPRESS-CY7C344_05 Datasheet
494Kb / 15P
   32-Macrocell MAX짰 EPLD
CY7C346B-25JC CYPRESS-CY7C346B-25JC Datasheet
435Kb / 15P
   128-Macrocell MAX EPLD
CY7C341B CYPRESS-CY7C341B Datasheet
334Kb / 12P
   192-Macrocell MAX EPLD
logo
Xilinx, Inc
XC7336 XILINX-XC7336 Datasheet
97Kb / 12P
   Ultra high-performance EPLD
logo
Cypress Semiconductor
CY7C344B CYPRESS-CY7C344B Datasheet
241Kb / 16P
   32-Macrocell MAX EPLD
CY7C344 CYPRESS-CY7C344_95 Datasheet
296Kb / 17P
   32-Macrocell MAX짰 EPLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com