Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCLAMP3301P.TCT Datasheet(PDF) 1 Page - Semtech Corporation

Part # UCLAMP3301P.TCT
Description  Low Voltage 關ClampTM for ESD and CDE Protection
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

UCLAMP3301P.TCT Datasheet(HTML) 1 Page - Semtech Corporation

  UCLAMP3301P.TCT Datasheet HTML 1Page - Semtech Corporation UCLAMP3301P.TCT Datasheet HTML 2Page - Semtech Corporation UCLAMP3301P.TCT Datasheet HTML 3Page - Semtech Corporation UCLAMP3301P.TCT Datasheet HTML 4Page - Semtech Corporation UCLAMP3301P.TCT Datasheet HTML 5Page - Semtech Corporation UCLAMP3301P.TCT Datasheet HTML 6Page - Semtech Corporation UCLAMP3301P.TCT Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PROTECTION PRODUCTS
1
www.semtech.com
PROTECTION PRODUCTS - MicroClampTM
uClamp3301P
Low Voltage μClampTM
for ESD and CDE Protection
Description
Features
Dimensions
Schematic & PIN Configuration
Revision 2/15/2008
The μClampTM series of Transient Voltage Suppressors
(TVS) are designed to replace multilayer varistors
(MLVs) in portable applications such as cell phones,
notebook computers, and PDAs. They offer superior
electrical characteristics such as lower clamping
voltage and no device degradation when compared to
MLVs. They are designed to protect sensitive semicon-
ductor components from damage or upset due to
electrostatic discharge (ESD), lightning, electrical fast
transients (EFT), and cable discharge events (CDE).
The μClampTM3301P is constructed using Semtech’s
proprietary EPD process technology. The EPD process
provides low standoff voltages with significant reduc-
tions in leakage currents and capacitance over silicon-
avalanche diode processes. They feature a true
operating voltage of 3.3 volts for superior protection
when compared to traditional pn junction devices.
The μClampTM3301P is in an 2-pin, RoHS/WEEE compli-
ant, SLP1006P2 package. It measures 1.0 x 0.6 x
0.5mm. The leads are spaced at a pitch of 0.65mm
and are finished with lead-free NiPdAu. Each device
will protect one line operating at 3.3 volts. It gives the
designer the flexibility to protect single lines in applica-
tions where arrays are not practical. They may be used
to meet the ESD immunity requirements of IEC 61000-
4-2, Level 4 (±15kV air, ±8kV contact discharge). The
combination of small size and high ESD surge capability
makes them ideal for use in portable applications such
as cellular phones, digital cameras, and MP3 players.
Applications
Mechanical Characteristics
Cellular Handsets & Accessories
Personal Digital Assistants (PDAs)
Notebooks & Handhelds
Portable Instrumentation
Digital Cameras
Peripherals
MP3 Players
Transient protection for data lines to
IEC 61000-4-2 (ESD) ±15kV (air), ±8kV (contact)
IEC 61000-4-4 (EFT) 40A (tp = 5/50ns)
Cable Discharge Event (CDE)
Ultra-small package (1.0 x 0.6 x 0.5mm)
Protects one data line
Low clamping voltage
Working voltage: 3.3V
Low leakage current
Solid-state silicon-avalanche technology
SLP1006P2 package
RoHS/WEEE Compliant
Nominal Dimensions: 1.0 x 0.6 x 0.5 mm
Lead Finish: NiPdAu
Molding compound flammability rating: UL 94V-0
Marking: Marking code, cathode band
Packaging: Tape and Reel
SLP1006P2 (Bottom View)
Maximum Dimensions (mm)
0.65
0.50
0.60
1.0
1
2


Similar Part No. - UCLAMP3301P.TCT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
UCLAMP3301D SEMTECH-UCLAMP3301D Datasheet
164Kb / 6P
   Low Voltage 關ClampTM for ESD and CDE Protection
logo
Guangdong Youtai Semico...
UCLAMP3301D UMW-UCLAMP3301D Datasheet
394Kb / 5P
   100 Watts peak pulse power (tp = 8/20μs)
logo
Semtech Corporation
UCLAMP3301D.TCT SEMTECH-UCLAMP3301D.TCT Datasheet
164Kb / 6P
   Low Voltage 關ClampTM for ESD and CDE Protection
UCLAMP3301H SEMTECH-UCLAMP3301H Datasheet
190Kb / 6P
   Low Voltage UClampTM for ESD and CDE Protection
UCLAMP3301H SEMTECH-UCLAMP3301H Datasheet
184Kb / 7P
   Low Voltage 關ClampTM for ESD and CDE Protection
More results

Similar Description - UCLAMP3301P.TCT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
UCLAMP3311P SEMTECH-UCLAMP3311P Datasheet
173Kb / 7P
   Low Voltage 關ClampTM for ESD and CDE Protection
UCLAMP3301D SEMTECH-UCLAMP3301D Datasheet
164Kb / 6P
   Low Voltage 關ClampTM for ESD and CDE Protection
UCLAMP3301H SEMTECH-UCLAMP3301H_08 Datasheet
184Kb / 7P
   Low Voltage 關ClampTM for ESD and CDE Protection
UCLAMP0301PQ SEMTECH-UCLAMP0301PQ Datasheet
610Kb / 7P
   Low Voltage 關Clamp짰 for ESD and CDE Protection
UCLAMP3301H SEMTECH-UCLAMP3301H Datasheet
190Kb / 6P
   Low Voltage UClampTM for ESD and CDE Protection
UCLAMP0501P SEMTECH-UCLAMP0501P Datasheet
168Kb / 7P
   關ClampTM 1-Line ESD protection
UCLAMP1201H SEMTECH-UCLAMP1201H Datasheet
163Kb / 7P
   關ClampTM 1-Line ESD Protection
RCLAMP2402B SEMTECH-RCLAMP2402B Datasheet
195Kb / 8P
   Ultra-Low Capacitance TVS for ESD and CDE Protection
UCLAMP1201P SEMTECH-UCLAMP1201P Datasheet
164Kb / 7P
   關ClampTM 1-Line ESD protection
UCLAMP0511T SEMTECH-UCLAMP0511T Datasheet
140Kb / 7P
   Low Profile 關ClampTM 1-Line ESD protection
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com