Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCLAMP3324P Datasheet(PDF) 5 Page - Semtech Corporation

Part # UCLAMP3324P
Description  Low Voltage TVS for ESD Protection
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

UCLAMP3324P Datasheet(HTML) 5 Page - Semtech Corporation

  UCLAMP3324P Datasheet HTML 1Page - Semtech Corporation UCLAMP3324P Datasheet HTML 2Page - Semtech Corporation UCLAMP3324P Datasheet HTML 3Page - Semtech Corporation UCLAMP3324P Datasheet HTML 4Page - Semtech Corporation UCLAMP3324P Datasheet HTML 5Page - Semtech Corporation UCLAMP3324P Datasheet HTML 6Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
 2005 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
uClamp3324P
Outline Drawing - SLP2116P8
Land Pattern - SLP2116P8
.010 .016 .020 0.25 0.40 0.50
2.10
1.60
.063
E
A
B
A1
SEATING
C
PLANE
aaa C
bxN
D
E
bbb
C A B
e
1 2
N
PIN 1
INDICATOR
(LASER MARK)
D/2
E/2
LxN
A2
A
2.20
2.00
.087
.079
1.70
1.50
.067
.059
D1
E1
INCHES
.020 BSC
b
.007
bbb
aaa
N
D1
L
e
D
.011
.061
DIM
A1
A2
A
MIN
-
.020
0.30
0.20
.012
0.25
.010
0.38
1.80
0.28
1.55
.004
.003
6
.013
.083
.067
.015
.071
0.08
0.10
6
0.33
1.70
0.50 BSC
MILLIMETERS
MAX
0.05
0.65
DIMENSIONS
MIN
0.00
NOM
(.006)
.023
.001
MAX
.002
.026
NOM
0.50
.003
(0.15)
0.58
CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES).
COPLANARITY APPLIES TO THE EXPOSED PAD AS WELL AS THE TERMINALS.
NOTES:
2.
1.
E1
B
.071
1.80
X
Z
P
B
Y
G
(C)
C
.060
1.52
F
THIS LAND PATTERN IS FOR REFERENCE PURPOSES ONLY.
CONSULT YOUR MANUFACTURING GROUP TO ENSURE YOUR
NOTES:
1.
DIM
X
Y
P
G
F
MILLIMETERS
INCHES
0.45
.012
.025
.035
.020
.018
0.30
0.63
0.50
0.89
DIMENSIONS
COMPANY'S MANUFACTURING GUIDELINES ARE MET.
2.15
.085
Z


Similar Part No. - UCLAMP3324P

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
UCLAMP3321ZA SEMTECH-UCLAMP3321ZA Datasheet
588Kb / 6P
   Ultra Small UClamp 1-Line, 3.3V ESD Protection
UCLAMP3321ZATFT SEMTECH-UCLAMP3321ZATFT Datasheet
588Kb / 6P
   Ultra Small UClamp 1-Line, 3.3V ESD Protection
More results

Similar Description - UCLAMP3324P

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
UCLAMP3305P SEMTECH-UCLAMP3305P Datasheet
200Kb / 8P
   Low Voltage TVS for ESD Protection
UCLAMP0524P SEMTECH-UCLAMP0524P Datasheet
195Kb / 8P
   Low Voltage TVS for ESD Protection
logo
Weitron Technology
ESD3305B6E WEITRON-ESD3305B6E Datasheet
370Kb / 3P
   Low Voltage TVS for ESD Protection
logo
Semtech Corporation
UCLAMP3306P SEMTECH-UCLAMP3306P Datasheet
201Kb / 8P
   Low Voltage TVS for ESD Protection
logo
Pan Jit International I...
PJESD5V6LC-4 PANJIT-PJESD5V6LC-4 Datasheet
262Kb / 4P
   Low capacitance TVS arrays for ESD protection
PJESD5V6LC-2W PANJIT-PJESD5V6LC-2W Datasheet
167Kb / 3P
   Low capacitance TVS arrays for ESD protection
logo
StarHope
TLSD2.8GU SPSEMI-TLSD2.8GU Datasheet
530Kb / 3P
   Low Voltage TVS Diode For ESD and Latch-Up Protection
logo
Semtech Corporation
SLVDA2.8 SEMTECH-SLVDA2.8 Datasheet
155Kb / 6P
   Low Voltage TVS Diode Array For ESD&Latch-up Protection
logo
Pan Jit International I...
PJSD05U10LCFN2 PANJIT-PJSD05U10LCFN2 Datasheet
338Kb / 5P
   LOW CAPACITANCE TVS/ESD PROTECTION
PJSD05U06LCFN2 PANJIT-PJSD05U06LCFN2 Datasheet
289Kb / 5P
   LOW CAPACITANCE TVS/ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com