Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XE1202A Datasheet(PDF) 10 Page - Semtech Corporation

Part # XE1202A
Description  433 MHz / 868 MHz / 915 MHz Low-Power, Integrated UHF Transceiver
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

XE1202A Datasheet(HTML) 10 Page - Semtech Corporation

Back Button XE1202A Datasheet HTML 6Page - Semtech Corporation XE1202A Datasheet HTML 7Page - Semtech Corporation XE1202A Datasheet HTML 8Page - Semtech Corporation XE1202A Datasheet HTML 9Page - Semtech Corporation XE1202A Datasheet HTML 10Page - Semtech Corporation XE1202A Datasheet HTML 11Page - Semtech Corporation XE1202A Datasheet HTML 12Page - Semtech Corporation XE1202A Datasheet HTML 13Page - Semtech Corporation XE1202A Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
© Semtech 2006
www.semtech.com
11
XE1202A TrueRF™
4.1.3
RSSI
When enabled, this function provides an RSSI (Received Signal Strength Indication) based on the signal at the
output of the base-band filter. To enable the RSSI function, the bit “RTParam_RSSI” should be set to “1” (see the
Configuration register section below). When enabled, the status of the RSSI is a 2-bit word stored in register
“DataOut_RSSI”, which can be read via the serial control interface. The contents of the register are defined in
Table 6 below, where VRFFIL is the differential amplitude of the equivalent input RF signal when the receiver is
operated in A-mode. The thresholds VTHRi are the thresholds at the output of the base-band filter divided by the
gain between the input of the receiver and this output.
DataOut_RSSI
Description
0 0
VRFFIL ≤ VTHR1
0 1
VTHR1 < VRFFIL ≤ VTHR2
1 0
VTHR2 < VRFFIL ≤ VTHR3
1 1
VTHR3 < VRFFIL
Table 6: RSSI status description
Two ranges, each of three VTHRi thresholds are defined and selected via the setting of the register
“RTParam_RSSR”, to provide an overall RSSI range of typically 25 dB.
The timing diagram of an RSSI measurement is illustrated by Figure 3 below. When the RSSI function has been
activated the signal strength is periodically measured and the result is stored in the register “DataOut_RSSI” at
each rising edge of DATAIN. TS_RS is the wake-up time required after the function has been enabled to ensure
that a valid reading of RSSI is obtained. For a proper operation, the pulse length on DATAIN has to be higher than
8µs.
xxx
val1
val2
val3
val4
0
val1
val4
xxx
TS_RS
datain
RSSI_out
(internal signal)
/en
RTParam_RSSI
DtaOut_RSSI
TS_RSM
Figure 3: RSSI measurement timing diagram
For applications where a valid RSSI reading is required within as short a time frame as possible, enabling the RSSI
during receiver mode 010 instead of 100 (see the definition of TS_RS in Table 4) allows a valid RSSI within 1 ms of
valid data being received.
4.1.4
Frequency Error Indicator - FEI
When enabled, this function provides an indication of the frequency error of the local oscillator compared with the
received carrier frequency. For guaranteed operation of the FEI function, the following two conditions should be
satisfied.


Similar Part No. - XE1202A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XE1202 ETC-XE1202 Datasheet
451Kb / 26P
   Low-power, integrated UHF transceiver
logo
Okaya Electric America,...
XE1202 OKAYA-XE1202 Datasheet
401Kb / 1P
   SPARK QUENCHER
XE1202 OKAYA-XE1202 Datasheet
76Kb / 1P
   SPARK QUENCHER
logo
List of Unclassifed Man...
XE1202I027 ETC-XE1202I027 Datasheet
451Kb / 26P
   Low-power, integrated UHF transceiver
More results

Similar Description - XE1202A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
XE1203F SEMTECH-XE1203F Datasheet
516Kb / 36P
   433 MHz / 868 MHz / 915 MHz Low-Power, Integrated UHF Transceiver
DP1203F SEMTECH-DP1203F Datasheet
395Kb / 13P
   433/868/915 MHz RF Modules
logo
List of Unclassifed Man...
RFM50 ETC2-RFM50 Datasheet
244Kb / 8P
   MCU with 100mW 433/470/868/915 MHz ISM Band Transceiver Module
logo
ams AG
ASCELL3911 AMSCO-ASCELL3911 Datasheet
104Kb / 13P
   ISM 868 MHz, 433 MHz and 315 MHz FSK Transmitter
logo
TE Connectivity Ltd
2195835-1 TEC-2195835-1 Datasheet
823Kb / 7P
   ISM 868 / 915 MHz ANTENNA
logo
ams AG
ASCELL3912 AMSCO-ASCELL3912 Datasheet
122Kb / 14P
   ISM 868 MHz, 433 MHz and 315 MHz FSK Transmitter
logo
Abracon Corporation
PRO-OB-471 ABRACON-PRO-OB-471 Datasheet
1Mb / 18P
   OnBoard 868/915/8682400 MHz - Antenna
logo
TE Connectivity Ltd
2195849-1 TEC-2195849-1 Datasheet
798Kb / 7P
   ISM 868 / 915 MHz ANTENNA
logo
Linx Technologies
ANT-8-VDP-2000-SMA LINX-ANT-8-VDP-2000-SMA Datasheet
932Kb / 8P
   Remote Adhesive-Mount 868 MHz/915 MHz Antenna
2021
logo
Abracon Corporation
ACR1504I3-EVB ABRACON-ACR1504I3-EVB Datasheet
571Kb / 4P
   Evaluation Board - 915/868/433 MHz: LPWA/ISM Multiband Chip Antenna
09-13-21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com