Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U2538B-MFPY Datasheet(PDF) 8 Page - ATMEL Corporation

Part # U2538B-MFPY
Description  IR Receiver for Data Communication
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U2538B-MFPY Datasheet(HTML) 8 Page - ATMEL Corporation

  U2538B-MFPY Datasheet HTML 1Page - ATMEL Corporation U2538B-MFPY Datasheet HTML 2Page - ATMEL Corporation U2538B-MFPY Datasheet HTML 3Page - ATMEL Corporation U2538B-MFPY Datasheet HTML 4Page - ATMEL Corporation U2538B-MFPY Datasheet HTML 5Page - ATMEL Corporation U2538B-MFPY Datasheet HTML 6Page - ATMEL Corporation U2538B-MFPY Datasheet HTML 7Page - ATMEL Corporation U2538B-MFPY Datasheet HTML 8Page - ATMEL Corporation U2538B-MFPY Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
4717B–IRRC–09/05
U2538B
8.
Package Information
9.
Revision History
7.
Ordering Information
Extended Type Number
Package
Remarks
U2538B-MFPY
SO8
Tube, Pb-free
U2538B-MFPG3Y
SO8
Taped and reeled, Pb-free
technical drawings
according to DIN
specifications
Package SO8
Dimensions in mm
5.00
4.85
0.4
1.27
3.81
1.4
0.25
0.10
5.2
4.8
3.7
3.8
6.15
5.85
0.2
85
14
Please note that the following page numbers referred to in this section refer to the specific revision
mentioned, not to this document.
Revision No.
History
4717B-IRRC-09/05
• Put datasheet in a new template
• Pb-free Logo on page 1 added
• Heading Rows on Table “Absolute Maximum Ratings” on page 6 added
• Ordering Information on page 8 changed


Similar Part No. - U2538B-MFPY

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U2538B-MFP ATMEL-U2538B-MFP Datasheet
173Kb / 9P
   IR RECEIVER FOR DATA COMMUNICATION
U2538B-MFPG3 ATMEL-U2538B-MFPG3 Datasheet
173Kb / 9P
   IR RECEIVER FOR DATA COMMUNICATION
More results

Similar Description - U2538B-MFPY

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U2538B ATMEL-U2538B Datasheet
173Kb / 9P
   IR RECEIVER FOR DATA COMMUNICATION
logo
Vishay Siliconix
TSDP341 VISHAY-TSDP341 Datasheet
134Kb / 7P
   IR Receiver Modules for Data Transmission
Rev. 1.1, 22-Aug-14
TSDP341 VISHAY-TSDP341_V02 Datasheet
202Kb / 7P
   IR Receiver Modules for Data Transmission
01-Jan-2023
TSDP343 VISHAY-TSDP343_V01 Datasheet
202Kb / 7P
   IR Receiver Modules for Data Transmission
01-Jan-2022
logo
Sanyo Semicon Device
LV2210V SANYO-LV2210V Datasheet
199Kb / 15P
   Basic Data Communication Receiver IC
logo
Vishay Siliconix
TSOP7000 VISHAY-TSOP7000 Datasheet
1Mb / 7P
   IR Receiver for High Data Rate PCM at 455kHz
Rev. 3, 13-Mar-01
logo
Vaishali Semiconductor
TSOP7000SW1 VAISH-TSOP7000SW1 Datasheet
201Kb / 8P
   IR Receiver for High Data Rate PCM at 455 kHz
logo
Vishay Siliconix
TSOP5700 VISHAY-TSOP5700 Datasheet
758Kb / 19P
   IR Receiver for High Data Rate PCM at 455 kHz
Rev. 5, 14-Aug-03
logo
List of Unclassifed Man...
SHF5110 ETC-SHF5110 Datasheet
64Kb / 7P
   IR-Receiver for Remote Control Systems
logo
Infineon Technologies A...
SFH5110 INFINEON-SFH5110 Datasheet
48Kb / 7P
   IR-Receiver for Remote Control Systems
2000-01-01
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com