Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT1218 Datasheet(PDF) 6 Page - Advanced Analogic Technologies

Part # AAT1218
Description  1A, 1.2MHz Synchronous Boost Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT1218 Datasheet(HTML) 6 Page - Advanced Analogic Technologies

Back Button AAT1218 Datasheet HTML 2Page - Advanced Analogic Technologies AAT1218 Datasheet HTML 3Page - Advanced Analogic Technologies AAT1218 Datasheet HTML 4Page - Advanced Analogic Technologies AAT1218 Datasheet HTML 5Page - Advanced Analogic Technologies AAT1218 Datasheet HTML 6Page - Advanced Analogic Technologies AAT1218 Datasheet HTML 7Page - Advanced Analogic Technologies AAT1218 Datasheet HTML 8Page - Advanced Analogic Technologies AAT1218 Datasheet HTML 9Page - Advanced Analogic Technologies AAT1218 Datasheet HTML 10Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
AAT1218
1A, 1.2MHz Synchronous Boost Converter
SwitchRegTM
PRODUCT DATASHEET
6
1218.2008.10.1.1
www .analogictech.com
AAT1218
1A, 1.2MHz Synchronous Boost Converter
SwitchRegTM
PRODUCT DATASHEET
6
1218.2008.10.1.1
www .analogictech.com
Typical Characteristics
VIN = 3.6V, VOUT = 3.6V, CIN = 22μF, COUT = 44uF; L = 2.2μH; TA = 25°C, unless otherwise noted.
Maximum Load Current at Startup vs. V
IN
Input Voltage (V)
3.35
2.85
2.35
4.85
4.35
3.85
1.85
1.35
0.85
10
100
1000
10000
VOUT = 3.3V
VOUT = 5V
AAT1218 3.3V Output Efficiency
ILOAD (mA)
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
VIN = 1.2V
VIN = 1.5V
VIN = 1.8V
VIN = 2.4V
AAT1218 5.0V Output Efficiency
ILOAD (mA)
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
VIN = 1.2V
VIN = 1.5V
VIN = 2.4V
AAT1218 5.0V Output Efficiency
ILOAD (mA)
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
10000
VIN = 3.0V
VIN = 3.3V
VIN = 3.6V
VIN = 4.2V
Soft Start Waveform
(VIN = 1.5V; VOUT = 5V; Load = 100mA)
Time (200µs/div)
LX
(4V/div)
VOUT
(4V/div)
IIN
(0.5A/div)
VEN
(1V/div)
0
0
0
0
Anti-Ringing Operation
(VIN = 3V; VOUT = 5V; Load = 10mA)
Time (0.2µs/div)
LX
(2V/div)
VOUT
(AC Coupled)
(20mV/div)
0
0


Similar Part No. - AAT1218

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AAT1218 SKYWORKS-AAT1218 Datasheet
2Mb / 15P
   High Current, 1.2MHz Synchronous Boost Converterr
AAT1218IWP-1.2-T1 SKYWORKS-AAT1218IWP-1.2-T1 Datasheet
2Mb / 15P
   High Current, 1.2MHz Synchronous Boost Converterr
AAT1218IWP-3.3-T1 SKYWORKS-AAT1218IWP-3.3-T1 Datasheet
2Mb / 15P
   High Current, 1.2MHz Synchronous Boost Converterr
AAT1218IWP-5.0-T1 SKYWORKS-AAT1218IWP-5.0-T1 Datasheet
2Mb / 15P
   High Current, 1.2MHz Synchronous Boost Converterr
More results

Similar Description - AAT1218

ManufacturerPart #DatasheetDescription
logo
TECHCODE SEMICONDUCTOR,...
TD8587 TECHCODE-TD8587 Datasheet
702Kb / 13P
   1.2MHz Synchronous Boost Converter
TD8588 TECHCODE-TD8588 Datasheet
601Kb / 13P
   1.2MHz Synchronous Boost Converter
logo
Leshan Radio Company
LR8400 LRC-LR8400 Datasheet
484Kb / 18P
   1.1A 1.2MHz Synchronous Boost Converter
logo
E-CMOS Corporation
EC9288 E-CMOS-EC9288 Datasheet
963Kb / 12P
   5V 6A 1.2MHz Synchronous Boost Converter
logo
Anpec Electronics Corop...
APW7277 ANPEC-APW7277 Datasheet
387Kb / 18P
   5V 5A 1.2MHz Synchronous Boost Converter
logo
TECHCODE SEMICONDUCTOR,...
TD8577 TECHCODE-TD8577 Datasheet
949Kb / 19P
   5V 2.1A 1.2MHz Synchronous Boost Converter
logo
E-CMOS Corporation
ELP3301 E-CMOS-ELP3301 Datasheet
349Kb / 9P
   1.2MHz,30V/1A High Performance, Boost Converter
logo
ACE Technology Co., LTD...
ACE710C ACE-ACE710C Datasheet
639Kb / 8P
   1A Synchronous PWM Boost converter
VER 1.1
logo
Linear Technology
LTC3400 LINER-LTC3400 Datasheet
181Kb / 12P
   600mA, 1.2MHz Micropower Synchronous Boost Converter in ThinSOT
logo
Leshan Radio Company
LR8406 LRC-LR8406 Datasheet
618Kb / 22P
   1.2A, 1.2MHz Synchronous Boost Converter with Output Disconnect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com